Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL5586 Datasheet(PDF) 5 Page - Intersil Corporation

No. de pieza ISL5586
Descripción Electrónicos  Low Power Ringing SLIC for Home Gateways
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5586 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL5586 Datasheet HTML 1Page - Intersil Corporation ISL5586 Datasheet HTML 2Page - Intersil Corporation ISL5586 Datasheet HTML 3Page - Intersil Corporation ISL5586 Datasheet HTML 4Page - Intersil Corporation ISL5586 Datasheet HTML 5Page - Intersil Corporation ISL5586 Datasheet HTML 6Page - Intersil Corporation ISL5586 Datasheet HTML 7Page - Intersil Corporation ISL5586 Datasheet HTML 8Page - Intersil Corporation ISL5586 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
FN4924.2
November 3, 2004
Forward Active, BSEL = 2.0V, VBH = -100V
ICC
-7.0
9.0
mA
IBL
-1.4
2.0
mA
IBH
-1.8
3.0
mA
Forward Active, BSEL = 2.0V, VBH = -85V
ICC
-6.6
8.5
mA
IBL
-
1.35
2.0
mA
IBH
-
1.60
2.75
mA
Forward Active, BSEL = 2.0V, VBH = -75V
ICC
-6.3
8.0
mA
IBL
-
1.25
2.0
mA
IBH
-
1.45
2.5
mA
Ringing, BSEL = 2.0V, VBH = -100V
ICC
-
7.4
10.0
mA
IBL
-1.5
2.0
mA
IBH
-2.2
3.0
mA
Ringing, BSEL = 2.0V, VBH = -85V
ICC
-
6.80
9.25
mA
IBL
-
1.36
2.0
mA
IBH
-2.1
3.0
mA
Ringing, BSEL = 2.0V, VBH = -75V
ICC
-6.4
8.5
mA
IBL
-
1.26
2.0
mA
IBH
-2.0
3.0
mA
Forward Loopback, BSEL = 0.8V, VBL = -24V
ICC
-
10.3
13.5
mA
IBL
-
23.0
32.0
mA
Tip Open, BSEL = 2.0V
ICC
-3.2
-
mA
IBL
-0.1
-
mA
Power Denial, BSEL = 0.8V or 2.0V
ICC
-3.4
6.0
mA
IBL
-
0.22
0.50
mA
ON HOOK POWER DISSIPATION (Note 6)
Forward or Reverse
VBL = -24V
-
57
-
mW
Low Power Standby
VBH = -100V
-
83
-
mW
VBH = -85V
-
70
-
mW
VBH = -75V
-
64
-
mW
Ringing
VBH = -100V
-
294
-
mW
VBH = -85V
-
236
-
mW
VBH = -75V
-
206
-
mW
OFF HOOK POWER DISSIPATION (Note 6)
Forward or Reverse
VBL = -24V, ILIM = 25mA, RL = 300Ω
-
305
-
mW
POWER SUPPLY REJECTION RATIO
VCC to 2-Wire, BSEL = 0.8V
f = 50kHz
-
50
-
dB
f = 300Hz
≤ f ≤ 3400Hz
-
45
-
dB
f = 8kHz
≤ f ≤ 16kHz
-
28
-
dB
VCC to 4-Wire, BSEL = 0.8V
f = 50Hz
-
70
-
dB
f = 300Hz
≤ f ≤ 3400Hz
-
55
-
dB
f = 8kHz
≤ f ≤ 16kHz
-
40
-
dB
VBL to 2-Wire, BSEL = 0.8V
f = 50Hz
-
25
-
dB
f = 300Hz
≤ f ≤ 3400Hz
-
38
-
dB
f = 8kHz
≤ f ≤ 16kHz
-
28
-
dB
VBL to 4-Wire, BSEL = 0.8V
f = 50Hz
-
27
-
dB
f = 300Hz
≤ f ≤ 3400Hz
-
36
-
dB
f = 8kHz
≤ f ≤ 16kHz
-
23
-
dB
VBH to 2-Wire, BSEL = 2.0V
f = 50Hz
-
27
-
dB
f = 300Hz
≤ f ≤ 3400Hz
-
35
-
dB
f = 8kHz
≤ f ≤ 16kHz
-
23
-
dB
Electrical Specifications
Unless Otherwise Specified, TA = -40oC to 85oC, VBL = -24V, VBH = -100V, VCC = +5V, AGND = BGND = 0V,
loop current limit = 25mA. All AC Parameters are specified at 600
, 2-wire terminating impedance over the
frequency band of 300Hz to 3.4kHz. Protection resistors = 0
. These parameters apply generically to each
product offering. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL5586


Número de pieza similar - ISL5586

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL5586 INTERSIL-ISL5586 Datasheet
497Kb / 20P
   Low Power Ringing SLIC for Home Gateways
logo
Renesas Technology Corp
ISL5586 RENESAS-ISL5586 Datasheet
993Kb / 20P
   Low Power Ringing SLIC for Home Gateways
logo
Intersil Corporation
ISL5586BIM INTERSIL-ISL5586BIM Datasheet
497Kb / 20P
   Low Power Ringing SLIC for Home Gateways
logo
Renesas Technology Corp
ISL5586BIM RENESAS-ISL5586BIM Datasheet
993Kb / 20P
   Low Power Ringing SLIC for Home Gateways
ISL5586BIMZ RENESAS-ISL5586BIMZ Datasheet
993Kb / 20P
   Low Power Ringing SLIC for Home Gateways
More results

Descripción similar - ISL5586

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL5586 INTERSIL-ISL5586 Datasheet
497Kb / 20P
   Low Power Ringing SLIC for Home Gateways
logo
Renesas Technology Corp
ISL5586 RENESAS-ISL5586 Datasheet
993Kb / 20P
   Low Power Ringing SLIC for Home Gateways
logo
Agere Systems
L8560 AGERE-L8560 Datasheet
842Kb / 46P
   Low-Power SLIC with Ringing
L9214A AGERE-L9214A Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
logo
List of Unclassifed Man...
AG1171 ETC2-AG1171 Datasheet
330Kb / 16P
   3.3V / 5.0V Low Power Ringing SLIC
logo
Silver Telecom 2019
AG1171 SILVERTEL-AG1171 Datasheet
289Kb / 15P
   3.3V / 5.0V Low Power Ringing SLIC
logo
List of Unclassifed Man...
AG1170 ETC2-AG1170 Datasheet
496Kb / 15P
   5V / 3.3V Low Power Ringing SLIC
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
   Dual Ringing SLIC
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com