Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SA5230 Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza SA5230
Descripción Electrónicos  Low voltage operational amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5230 Datasheet(HTML) 5 Page - NXP Semiconductors

  SA5230 Datasheet HTML 1Page - NXP Semiconductors SA5230 Datasheet HTML 2Page - NXP Semiconductors SA5230 Datasheet HTML 3Page - NXP Semiconductors SA5230 Datasheet HTML 4Page - NXP Semiconductors SA5230 Datasheet HTML 5Page - NXP Semiconductors SA5230 Datasheet HTML 6Page - NXP Semiconductors SA5230 Datasheet HTML 7Page - NXP Semiconductors SA5230 Datasheet HTML 8Page - NXP Semiconductors SA5230 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Philips Semiconductors
Product specification
NE/SA5230
Low voltage operational amplifier
1994 Aug 31
5
DC AND AC ELECTRICAL CHARACTERISTICS (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
BIAS
NE/SA5230
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
BIAS
Min
Typ
Max
UNIT
TA=25°C +SW
Any
750
800
VS=±09V
TA=25°C -SW
Any
750
800
mV
VS=±0.9V
+SW
Any
700
mV
VO
Output voltage swing
-SW
Any
700
VOUT
Output voltage swing
TA=25°C +SW
Any
7.30
7.35
VS=±7.5V
TA=25°C -SW
Any
-7.32
-7.35
V
+SW
Any
7.25
7.30
V
-SW
Any
-7.30
-7.35
SR
Slew rate
TA=25°C
High
0.25
V/
µs
SR
Slew rate
TA=25°C
Low
0.09
V/
µs
BW
Inverting unity gain bandwidth
CL=100pF, TA=25°C
High
0.6
MHz
BW
Inverting unity gain bandwidth
CL=100pF, TA=25°C
Low
0.25
MHz
θM
Phase margin
CL=100pF, TA=25°C
Any
70
Deg.
tS
Settling time
CL=100pF, 0.1%
High
2
µs
tS
Settling time
CL=100pF, 0.1%
Low
5
µs
V
Input noise
RS=0Ω, f=1kHz
High
30
nV/
√Hz
VINN
Input noise
RS=0Ω, f=1kHz
Low
60
nV/
√Hz
THD
Total Harmonic Distortion
VS=±7.5V
AV=1, VIN=500mV, f=1kHz
High
0.003
%
THD
Total Harmonic Distortion
VS=±0.9V
AV=1, VIN=500mV, f=1kHz
High
0.002
%


Número de pieza similar - SA5230

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
SA5230 ONSEMI-SA5230 Datasheet
245Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
SA5230 ONSEMI-SA5230 Datasheet
211Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
SA5230D ONSEMI-SA5230D Datasheet
245Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
SA5230DG ONSEMI-SA5230DG Datasheet
245Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
SA5230DG ONSEMI-SA5230DG Datasheet
211Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
More results

Descripción similar - SA5230

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TOKO, Inc
TK17010 TOKO-TK17010 Datasheet
47Kb / 8P
   LOW VOLTAGE OPERATIONAL AMPLIFIER
logo
ON Semiconductor
NE5230 ONSEMI-NE5230_10 Datasheet
211Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
NE5230 ONSEMI-NE5230 Datasheet
245Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
logo
Advanced Monolithic Sys...
AMSOP-07 ADMOS-AMSOP-07 Datasheet
66Kb / 6P
   LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
AMSOP-07 ADMOS-AMSOP-07_1 Datasheet
62Kb / 6P
   LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
logo
TAITRON Components Inco...
LMV358 TAITRON-LMV358 Datasheet
1Mb / 18P
   Dual Low Voltage Operational Amplifier
logo
Maxim Integrated Produc...
OP07 MAXIM-OP07 Datasheet
262Kb / 8P
   Low Offset Voltage Operational Amplifier
Rev 1; 8/95
MAX400 MAXIM-MAX400 Datasheet
151Kb / 4P
   Ultra Low Offset Voltage Operational Amplifier
Rev 0; 1988
OP90 MAXIM-OP90 Datasheet
234Kb / 8P
   Precision Low Voltage Micropower Operational Amplifier
19-2478 10/89
logo
New Japan Radio
NJU7021 NJRC-NJU7021 Datasheet
204Kb / 6P
   LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com