Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL43485 Datasheet(PDF) 9 Page - Intersil Corporation

No. de pieza ISL43485
Descripción Electrónicos  3.3V, Low Power, 30Mbps, RS-485/RS-422 Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43485 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL43485_05 Datasheet HTML 3Page - Intersil Corporation ISL43485_05 Datasheet HTML 4Page - Intersil Corporation ISL43485_05 Datasheet HTML 5Page - Intersil Corporation ISL43485_05 Datasheet HTML 6Page - Intersil Corporation ISL43485_05 Datasheet HTML 7Page - Intersil Corporation ISL43485_05 Datasheet HTML 8Page - Intersil Corporation ISL43485_05 Datasheet HTML 9Page - Intersil Corporation ISL43485_05 Datasheet HTML 10Page - Intersil Corporation ISL43485_05 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
FN6071.1
March 15, 2005
Typical Performance Curves VCC = 3.3V, TA = 25°C; Unless Otherwise Specified
FIGURE 6. DRIVER AND RECEIVER WAVEFORMS DRIVING
200 FEET OF CAT5 CABLE (DOUBLE
TERMINATED WITH 120)
FIGURE 7. DRIVER AND RECEIVER WAVEFORMS DRIVING
300 FEET OF CAT5 CABLE (DOUBLE
TERMINATED WITH 120)
FIGURE 8. DRIVER OUTPUT CURRENT vs DIFFERENTIAL
OUTPUT VOLTAGE
FIGURE 9. DRIVER DIFFERENTIAL OUTPUT VOLTAGE vs
TEMPERATURE
FIGURE 10. DRIVER OUTPUT CURRENT vs SHORT CIRCUIT
VOLTAGE
FIGURE 11. SUPPLY CURRENT vs TEMPERATURE
TIME (20ns/DIV)
-3
1.5
3
-1.5
0
0
5
0
5
DI = 30Mbps
DRIVER+CABLE DELAY
(~290ns)
A - B
RO
TIME (20ns/DIV)
-3
1.5
3
-1.5
0
0
5
0
5
RO
DRIVER+CABLE DELAY
(~425ns)
DI = 20Mbps
A - B
DIFFERENTIAL OUTPUT VOLTAGE (V)
00.5
11.5
2
2.5
3
3.5
0
10
20
30
40
50
60
70
80
90
100
110
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
RDIFF = 54Ω
RDIFF = 100Ω
OUTPUT VOLTAGE (V)
-7 -6
-4
-2
0
2
4
6
8
10
12
-60
-40
-20
0
20
40
60
80
100
120
140
160
-80
-100
-120
Y OR Z = HIGH
Y OR Z = LOW
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
ISL83483/85, DE = VCC, RE = X
ISL83483/85, DE = RE = GND; ISL83491, DE = X, RE = GND;
ISL83488/90
600
650
700
750
800
ISL43485


Número de pieza similar - ISL43485_05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL43485IB INTERSIL-ISL43485IB Datasheet
477Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422
logo
Renesas Technology Corp
ISL43485IB RENESAS-ISL43485IB Datasheet
660Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422 Transceiver
logo
Intersil Corporation
ISL43485IB-T INTERSIL-ISL43485IB-T Datasheet
477Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422
logo
Renesas Technology Corp
ISL43485IB-T RENESAS-ISL43485IB-T Datasheet
660Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422 Transceiver
ISL43485IBZ RENESAS-ISL43485IBZ Datasheet
660Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422 Transceiver
More results

Descripción similar - ISL43485_05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL43485 RENESAS-ISL43485 Datasheet
660Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422 Transceiver
logo
Intersil Corporation
ISL43485 INTERSIL-ISL43485 Datasheet
477Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422
ISL81485 INTERSIL-ISL81485_04 Datasheet
377Kb / 11P
   5V, 30Mbps, RS-485/RS-422 Transceiver
ISL81485 INTERSIL-ISL81485 Datasheet
371Kb / 11P
   5V, 30Mbps, RS-485/RS-422 Transceiver
logo
Renesas Technology Corp
ISL81485 RENESAS-ISL81485 Datasheet
743Kb / 12P
   5V, 30Mbps, RS-485/RS-422 Transceiver
July 2004
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
   Low power RS-485/RS-422 transceiver
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
   Low power RS-485/RS-422 transceiver
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
   LOW POWER RS-485/RS-422 TRANSCEIVER
ST75C176B STMICROELECTRONICS-ST75C176B Datasheet
326Kb / 17P
   Low power RS-485/RS-422 transceiver
November 2007 Rev 4
ST75C176 STMICROELECTRONICS-ST75C176 Datasheet
301Kb / 13P
   LOW POWER RS-485/RS-422 TRANSCEIVER
June 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com