Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL45042 Datasheet(PDF) 1 Page - Intersil Corporation

No. de pieza ISL45042
Descripción Electrónicos  LCD Module Calibrator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL45042 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL45042_06 Datasheet HTML 1Page - Intersil Corporation ISL45042_06 Datasheet HTML 2Page - Intersil Corporation ISL45042_06 Datasheet HTML 3Page - Intersil Corporation ISL45042_06 Datasheet HTML 4Page - Intersil Corporation ISL45042_06 Datasheet HTML 5Page - Intersil Corporation ISL45042_06 Datasheet HTML 6Page - Intersil Corporation ISL45042_06 Datasheet HTML 7Page - Intersil Corporation ISL45042_06 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
®
FN6072.6
ISL45042
LCD Module Calibrator
The VCOM voltage of an LCD panel needs to be adjusted to
remove flicker. The ISL45042 can be used to digitally adjust
a panel’s VCOM voltage by controlling its output sink-
current. The output of the ISL45042 is connected to an
external voltage divider and an external VCOM buffer
amplifier. In this application, the user can control the VCOM
voltage with 7 Bit accuracy (128 steps). Once the desired
VCOM setting is obtained, the settings can be stored in the
non-volatile EEPROM memory, which would then be
automatically recalled during every power-up.
The VCOM adjustment and non-volatile memory
programming is through a single interface pin (CTL). Once
the desired programmed value is obtained the Counter
Enable pin (CE) can be used to prevent further adjustment
or programming.
The full-scale sink current of the ISL45042 is set using an
external resister connected to the SET pin. The full-scale
sink current determines the lowest voltage of the external
voltage divider.
The ISL45042 is available in an 8 Ld 3mmx3mm Thin DFN
package with a maximum thickness of 0.8mm for ultra thin
LCD panel design.
Pinout
ISL45042
(8 LD THIN DFN)
TOP VIEW
Features
• 128-Step Adjustable Sink Current Output
• 2.6V to 3.6V Logic Supply Voltage Operating Range
• 4.5V to 20V Analog Supply Voltage Range
• Rewritable EEPROM for storing the optimum VCOM value
• Output Adjustment Enable/Disable Control
• Output Guaranteed Monotonic Over Temperature
• Two Pin Adjustment, Programming and Enable
• Ultra Thin 8 Ld 3mmx3mm DFN (0.8mm max)
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• LCD Panels
OUT
AVDD
N/C
GND
1
2
3
4
8
7
6
5
SET
CE
CTL
VDD
Ordering Information
PART NUMBER
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
PKG.
DWG. #
ISL45042IR
042I
-40 to +85 8 Ld 3x3 Thin DFN L8.3x3A
ISL45042IR-T
042I
-40 to +85 8 Ld 3x3 Thin DFN
Tape and Reel
L8.3x3A
ISL45042IRZ
(Note)
042Z
-40 to +85 8 Ld 3x3 Thin DFN
(Pb-free)
L8.3x3A
ISL45042IRZ-T
(Note)
042Z
-40 to +85 8 Ld 3x3 Thin DFN
Tape and Reel
(6k pcs) (Pb-free)
L8.3x3A
ISL45042IRZ-TK
(Note)
042Z
-40 to +85 8 Ld 3x3 Thin DFN
Tape and Reel
(1k pcs) (Pb-free)
L8.3x3A
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100% matte
tin plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003, 2005-2006. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
November 14, 2006


Número de pieza similar - ISL45042_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_07 Datasheet
141Kb / 8P
   LCD Module Calibrator
More results

Descripción similar - ISL45042_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_07 Datasheet
141Kb / 8P
   LCD Module Calibrator
logo
Renesas Technology Corp
ISL45042A RENESAS-ISL45042A Datasheet
442Kb / 8P
   LCD Module Calibrator
logo
Intersil Corporation
ISL45042A INTERSIL-ISL45042A Datasheet
148Kb / 8P
   LCD Module Calibrator
ISL45042 INTERSIL-ISL45042 Datasheet
148Kb / 8P
   LCD Module Calibrator
ISL45042 INTERSIL-ISL45042_11 Datasheet
353Kb / 9P
   LCD Module Calibrator
logo
Renesas Technology Corp
ISL45042 RENESAS-ISL45042 Datasheet
517Kb / 9P
   LCD Module Calibrator
logo
Intersil Corporation
ISL45042IRZ INTERSIL-ISL45042IRZ Datasheet
350Kb / 9P
   LCD Module Calibrator
April 13, 2011
ISL45042A INTERSIL-ISL45042A_07 Datasheet
141Kb / 8P
   LCD Module Calibrator
logo
STMicroelectronics
STVM100 STMICROELECTRONICS-STVM100 Datasheet
286Kb / 27P
   I2C LCD VCOM calibrator
logo
Intersil Corporation
ISL45041IRZ INTERSIL-ISL45041IRZ Datasheet
278Kb / 8P
   TFT-LCD I2C Programmable VCOM Calibrator
October 30, 2014
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com