Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL4489EIBZ Datasheet(PDF) 5 Page - Intersil Corporation

No. de pieza ISL4489EIBZ
Descripción Electrónicos  짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL4489EIBZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL4489EIBZ Datasheet HTML 1Page - Intersil Corporation ISL4489EIBZ Datasheet HTML 2Page - Intersil Corporation ISL4489EIBZ Datasheet HTML 3Page - Intersil Corporation ISL4489EIBZ Datasheet HTML 4Page - Intersil Corporation ISL4489EIBZ Datasheet HTML 5Page - Intersil Corporation ISL4489EIBZ Datasheet HTML 6Page - Intersil Corporation ISL4489EIBZ Datasheet HTML 7Page - Intersil Corporation ISL4489EIBZ Datasheet HTML 8Page - Intersil Corporation ISL4489EIBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FN6074.3
SWITCHING CHARACTERISTICS (ISL4489E)
Driver Input to Output Delay
tPLH, tPHL RDIFF = 54Ω, CL = 100pF (Figure 2)
Full
250
400
2000
ns
Driver Output Skew
tSKEW
RDIFF = 54Ω, CL = 100pF (Figure 2)
Full
-
160
800
ns
Driver Differential Rise or Fall Time
tR, tF
RDIFF = 54Ω, CL = 100pF (Figure 2)
Full
250
600
2000
ns
Driver Enable to Output High
tZH
CL = 100pF, SW = GND (Figure 3)
Full
250
1000
2000
ns
Driver Enable to Output Low
tZL
CL = 100pF, SW = VCC (Figure 3)
Full
250
860
2000
ns
Driver Disable from Output High
tHZ
CL = 15pF, SW = GND (Figure 3)
Full
300
660
3000
ns
Driver Disable from Output Low
tLZ
CL = 15pF, SW = VCC (Figure 3)
Full
300
640
3000
ns
Receiver Input to Output Delay
tPLH, tPHL Figure 4
Full
250
500
2000
ns
Receiver Skew | tPLH - tPHL |tSKD
Figure 4
25
-
60
-
ns
Receiver Enable to Output High
tZH
CL = 15pF, SW = GND (Figure 5)
Full
-
10
50
ns
Receiver Enable to Output Low
tZL
CL = 15pF, SW = VCC (Figure 5)
Full
-
10
50
ns
Receiver Disable from Output High
tHZ
CL = 15pF, SW = GND (Figure 5)
Full
-
10
50
ns
Receiver Disable from Output Low
tLZ
CL = 15pF, SW = VCC (Figure 5)
Full
-
10
50
ns
Maximum Data Rate
fMAX
Full
250
-
-
kbps
SWITCHING CHARACTERISTICS (ISL4491E)
Driver Input to Output Delay
tPLH, tPHL RDIFF = 54Ω, CL = 100pF (Figure 2)
Full
13
24
40
ns
Driver Output Skew
tSKEW
RDIFF = 54Ω, CL = 100pF (Figure 2)
Full
-
3
10
ns
Driver Differential Rise or Fall Time
tR, tF
RDIFF = 54Ω, CL = 100pF (Figure 2)
Full
5
12
20
ns
Driver Enable to Output High
tZH
CL = 100pF, SW = GND (Figure 3)
Full
-
14
70
ns
Driver Enable to Output Low
tZL
CL = 100pF, SW = VCC (Figure 3)
Full
-
14
70
ns
Driver Disable from Output High
tHZ
CL = 15pF, SW = GND (Figure 3)
Full
-
44
70
ns
Driver Disable from Output Low
tLZ
CL = 15pF, SW = VCC (Figure 3)
Full
-
21
70
ns
Receiver Input to Output Delay
tPLH, tPHL (Figure 4)
Full
30
90
150
ns
Receiver Skew | tPLH - tPHL |tSKD
(Figure 4)
25
-
5
-
ns
Receiver Enable to Output High
tZH
CL = 15pF, SW = GND (Figure 5)
Full
-
9
50
ns
Receiver Enable to Output Low
tZL
CL = 15pF, SW = VCC (Figure 5)
Full
-
9
50
ns
Receiver Disable from Output High
tHZ
CL = 15pF, SW = GND (Figure 5)
Full
-
9
50
ns
Receiver Disable from Output Low
tLZ
CL = 15pF, SW = VCC (Figure 5)
Full
-
9
50
ns
Maximum Data Rate
fMAX
Full
15
-
-
Mbps
ESD PERFORMANCE
RS-485 Pins (A, B, Y, Z)
Human Body Model
25
-
±15
-
kV
All Other Pins
25
-
>
±7-
kV
NOTES:
2. All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground unless
otherwise specified.
3. Supply current specification is valid for loaded drivers when DE = 0V.
4. Applies to peak current. See “Typical Performance Curves” for more information.
5. Devices meeting these limits are denoted as “1/8 unit load (1/8 UL)” transceivers. The RS-485 standard allows up to 32 Unit Loads on the bus,
so there can be 256 1/8 UL devices on a bus.
Electrical Specifications
Test Conditions: VCC = 4.5V to 5.5V; Unless Otherwise Specified. Typicals are at VCC = 5V, TA = 25°C,
Note 2 (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
TYP
MAX
UNITS
ISL4489E, ISL4491E


Número de pieza similar - ISL4489EIBZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL4489EIBZ INTERSIL-ISL4489EIBZ Datasheet
477Kb / 12P
   Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL4489EIBZ RENESAS-ISL4489EIBZ Datasheet
669Kb / 12P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL4489EIBZ-T INTERSIL-ISL4489EIBZ-T Datasheet
477Kb / 12P
   Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
More results

Descripción similar - ISL4489EIBZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL4489E RENESAS-ISL4489E Datasheet
669Kb / 12P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
ISL8488E RENESAS-ISL8488E Datasheet
727Kb / 13P
   짹15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
logo
Exar Corporation
SP4082E EXAR-SP4082E Datasheet
412Kb / 14P
   5V RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Intersil Corporation
ISL8488E INTERSIL-ISL8488E_07 Datasheet
468Kb / 13P
   짹15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8487E RENESAS-ISL8487E Datasheet
750Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8487E INTERSIL-ISL8487E_06 Datasheet
527Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8487E INTERSIL-ISL8487E Datasheet
527Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX1487E MAXIM-MAX1487E Datasheet
310Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
logo
Intersil Corporation
ISL8488E INTERSIL-ISL8488E Datasheet
526Kb / 13P
   -15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com