Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL59112IEZ-T7 Datasheet(PDF) 6 Page - Intersil Corporation

No. de pieza ISL59112IEZ-T7
Descripción Electrónicos  40MHz Rail-to-Rail Video Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59112IEZ-T7 Datasheet(HTML) 6 Page - Intersil Corporation

  ISL59112IEZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL59112IEZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL59112IEZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL59112IEZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL59112IEZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL59112IEZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL59112IEZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL59112IEZ-T7 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
FN6142.4
March 15, 2007
Typically, this is accomplished with 220µF coupling
capacitor, a large and somewhat costly solution providing a
low frequency pole around 5Hz. If the size of this capacitor is
even slightly reduced we have found that the accompanying
phase shift in the 50Hz to 100Hz frequency range results in
field tilt, which results in a degraded video image.
The internal SAG network of the ISL59112 replaces the
220µF AC coupling capacitor with a network of two smaller
capacitors as shown, in Figure 12. Additionally, the network
is designed to place a zero in the ~30Hz range, providing a
small amount of peaking to compensate the phase response
associated with field tilt.
DC Output Coupling
The ISL59112 internal sync clamp makes it possible to DC
couple the output to a video load, eliminating the need for
any AC coupling capacitor, thereby saving board space and
additional expense for capacitors. Additionally, this solution
completely eliminates the issue of field tilt in the lower
frequency. The trade off is greater demand of supply current.
Typical load current for AC coupled is around 3mA
compared to typical 6mA used when DC coupling.
Output Drive Capability
The ISL59112 does not have internal short-circuit protection
circuitry. If the output is shorted indefinitely, the power
dissipation could easily overheat the die or the current could
eventually compromise metal integrity. Maximum reliability is
maintained if the output current never exceeds ±40mA. This
limit is set by the design of the internal metal interconnect.
Note that in transient applications, the part is robust.
Short-circuit protection can be provided externally with a
back match resistor in series with the output placed close as
possible to the output pin. In video applications this would be
a 75
Ω resistor and will provide adequate short-circuit
protection to the device. Care should still be taken not to
stress the device with a short at the output.
Power Dissipation
With the high output drive capability of the ISL59112, it is
possible to exceed the +125°C absolute maximum junction
temperature under certain load current conditions.
Therefore, it is important to calculate the maximum junction
temperature for an application to determine if load conditions
or package types need to be modified to assure operation of
the amplifier in a safe operating area.
The maximum power dissipation allowed in a package is
determined according to Equation 1:
Where:
TJMAX = Maximum junction temperature
TAMAX = Maximum ambient temperature
Θ
JA = Thermal resistance of the package
The maximum power dissipation actually produced by an IC
is the total quiescent supply current times the total power
supply voltage, plus the power in the IC due to the load, or
for sourcing:
for sinking:
Where:
VS = Supply voltage
ISMAX = Maximum quiescent supply current
VOUT = Maximum output voltage of the application
RLOAD = Load resistance tied to ground
ILOAD = Load current
By setting the two PDMAX equations equal to each other, we
can solve the output current and RLOAD to avoid the device
overheat.
R6
R5
R4
R7
C5
C4
ROUT
RL
SAG
NETWORK
AC COUPLING
CAPACITOR
FIGURE 12. SAG NETWORK AND AC COUPLING CAPACITORS
-
+
TELEVISION
OR VCR
ROUT
ENABLE
FIGURE 13. DC COUPLE
PD
MAX
T
JMAX
T
AMAX
Θ
JA
---------------------------------------------
=
(EQ. 1)
PD
MAX
V
S
I
SMAX
V
S
V
OUTi
()
+
×
V
OUTi
R
Li
-----------------
×
=
(EQ. 2)
PD
MAX
V
S
I
SMAX
V
OUTiVS
()
+
×
I
LOADi
×
=
(EQ. 3)
ISL59112


Número de pieza similar - ISL59112IEZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL59112IEZ-T7 INTERSIL-ISL59112IEZ-T7 Datasheet
203Kb / 6P
   40MHz Rail-to-Rail Video Buffer
logo
Renesas Technology Corp
ISL59112IEZ-T7 RENESAS-ISL59112IEZ-T7 Datasheet
512Kb / 8P
   40MHz Rail-to-Rail Video Buffer
More results

Descripción similar - ISL59112IEZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL59112 RENESAS-ISL59112 Datasheet
512Kb / 8P
   40MHz Rail-to-Rail Video Buffer
logo
Intersil Corporation
ISL59112 INTERSIL-ISL59112 Datasheet
203Kb / 6P
   40MHz Rail-to-Rail Video Buffer
logo
Renesas Technology Corp
EL5412 RENESAS-EL5412 Datasheet
423Kb / 8P
   40MHz Rail-to-Rail Input-Output Op Amp
logo
Intersil Corporation
EL5412 INTERSIL-EL5412 Datasheet
199Kb / 8P
   40MHz Rail-to-Rail Input-Output Op Amp
ISL59111 INTERSIL-ISL59111_07 Datasheet
473Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
Renesas Technology Corp
ISL59111 RENESAS-ISL59111 Datasheet
768Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
SG Micro Corp
SGM9111 SGMICRO-SGM9111_16 Datasheet
394Kb / 11P
   8MHz Rail-to-Rail Composite Video Driver
logo
Intersil Corporation
ISL59111IIZ-T7 INTERSIL-ISL59111IIZ-T7 Datasheet
479Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
ISL59110 INTERSIL-ISL59110 Datasheet
560Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
ISL59110 INTERSIL-ISL59110_07 Datasheet
485Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com