Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL28291FUZ Datasheet(PDF) 1 Page - Intersil Corporation

No. de pieza ISL28291FUZ
Descripción Electrónicos  Single and Dual Ultra-Low Noise, Rail-to-Rail, Op Amp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28291FUZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL28291FUZ Datasheet HTML 1Page - Intersil Corporation ISL28291FUZ Datasheet HTML 2Page - Intersil Corporation ISL28291FUZ Datasheet HTML 3Page - Intersil Corporation ISL28291FUZ Datasheet HTML 4Page - Intersil Corporation ISL28291FUZ Datasheet HTML 5Page - Intersil Corporation ISL28291FUZ Datasheet HTML 6Page - Intersil Corporation ISL28291FUZ Datasheet HTML 7Page - Intersil Corporation ISL28291FUZ Datasheet HTML 8Page - Intersil Corporation ISL28291FUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
FN6156.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2006, 2007. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL28191, ISL28291
Single and Dual Ultra-Low Noise,
Rail-to-Rail, Op Amp
The ISL28191 and ISL28291 are tiny single and dual
ultra-low noise, ultra-low distortion operational amplifiers.
Fully specified to operated down to +3V single supply. These
amplifiers have outputs that swing rail-to-rail, and an input
common mode voltage that extends to ground (ground
sensing).
The ISL28191 and ISL28291 are unity gain stable with an
input referred voltage noise of 1.7nV/
√Hz. Both parts feature
2nd and 3rd harmonic distortion of -76dBc and -70dBc,
respectively.
The ISL28191 is available in the space-saving 6 Ld µTDFN
(1.6mm x 1.6mm) and SOT-23 packages. The ISL28291 is
available in the 10 Ld µTQFN (1.8mm x 1.4mm) and MSOP
packages. All devices are guaranteed over -40°C to +125°C.
Features
• 1.7nV/
√Hz input voltage noise at 1kHz
• Harmonic Distortion -76dBc, -70dBc, fo = 1MHz
• 61MHz -3dB bandwidth
• 630µV maximum offset voltage
• 3µA input bias current
• 100dB typical CMRR
• 3V to 5.5V single supply voltage range
• Rail-to-rail output
• Ground Sensing
• Enable pin
• Pb-free plus anneal available (RoHS compliant)
Applications
• Low noise signal processing
• Low noise microphones/preamplifiers
• ADC buffers
• DAC output amplifiers
• Digital scales
• Strain gauges/sensor amplifiers
• Radio systems
• Portable equipment
• Infrared detectors
Ordering Information
PART NUMBER
(Note)
PART
MARKING
TAPE &
REEL
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL28191FHZ-T7
GABJ
3k pcs
6 Ld SOT-23 MDP0038
Coming Soon
ISL28191FRUZ-TK
1k pcs
6 Ld
μTDFN L6.1.6x1.6A
ISL28291FUZ
8291Z
50/tube 10 Ld MSOP MDP0043
ISL28291FUZ-T7
8291Z
1.5k pcs 10 Ld MSOP MDP0043
Coming Soon
ISL28291FRUZ-T7
1k pcs
10 Ld
μTQFN L10.1.8x1.4A
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100% matte
tin plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
April 13, 2007


Número de pieza similar - ISL28291FUZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28291FUZ INTERSIL-ISL28291FUZ Datasheet
1Mb / 16P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
ISL28291FUZ INTERSIL-ISL28291FUZ Datasheet
1Mb / 16P
   Low Distortion Rail-to-Rail Output, Op Amp
logo
Renesas Technology Corp
ISL28291FUZ RENESAS-ISL28291FUZ Datasheet
1Mb / 18P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
logo
Intersil Corporation
ISL28291FUZ-T7 INTERSIL-ISL28291FUZ-T7 Datasheet
1Mb / 16P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
ISL28291FUZ-T7 INTERSIL-ISL28291FUZ-T7 Datasheet
1Mb / 16P
   Low Distortion Rail-to-Rail Output, Op Amp
More results

Descripción similar - ISL28291FUZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28190 INTERSIL-ISL28190 Datasheet
908Kb / 14P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Op Amp
ISL28190 INTERSIL-ISL28190_08 Datasheet
1Mb / 16P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL55191 INTERSIL-ISL55191 Datasheet
880Kb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op Amp
logo
Renesas Technology Corp
ISL28190 RENESAS-ISL28190 Datasheet
1Mb / 19P
   Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
logo
Intersil Corporation
ISL28191 INTERSIL-ISL28191_08 Datasheet
1Mb / 16P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
logo
Renesas Technology Corp
ISL28191 RENESAS-ISL28191 Datasheet
1Mb / 18P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
ISL28290 RENESAS-ISL28290 Datasheet
1Mb / 21P
   Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Jan.12.21
ISL55191 RENESAS-ISL55191 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op
March 30, 2007
logo
Linear Technology
LTC6244 LINER-LTC6244 Datasheet
455Kb / 24P
   Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
LTC6244 LINER-LTC6244_15 Datasheet
364Kb / 26P
   Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com