Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL59111 Datasheet(PDF) 8 Page - Intersil Corporation

No. de pieza ISL59111
Descripción Electrónicos  8MHz Rail-to-Rail Composite Video Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59111 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL59111 Datasheet HTML 2Page - Intersil Corporation ISL59111 Datasheet HTML 3Page - Intersil Corporation ISL59111 Datasheet HTML 4Page - Intersil Corporation ISL59111 Datasheet HTML 5Page - Intersil Corporation ISL59111 Datasheet HTML 6Page - Intersil Corporation ISL59111 Datasheet HTML 7Page - Intersil Corporation ISL59111 Datasheet HTML 8Page - Intersil Corporation ISL59111 Datasheet HTML 9Page - Intersil Corporation ISL59111 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
FN6172.3
August 29, 2006
surrounding resistance network provide a band pass
function with a low pass band low enough to exclude very
low frequencies down to DC, and with a high pass band pass
sufficiently high to include frequencies at the higher end of
the video spectrum.
Typically this is accomplished with 220µF coupling capacitor,
a large and somewhat costly solution providing a low
frequency pole around 5Hz. If the size of this capacitor is
even slightly reduced we have found that the accompanying
phase shift in the 50Hz to 100Hz frequency range results in
field tilt resulting in a degraded video image.
The internal SAG network of the ISL59111 replaces the
220µF AC coupling capacitor with a network of two smaller
capacitors as shown in Figure 23. Additionally, the network is
designed to place a zero in the ~30Hz range, providing a
small amount of peaking to compensate the phase response
associated with field tilt.
DC Output Coupling
The ISL59111 internal sync clamp makes it possible to DC
couple the output to a video load, eliminating the need for
any AC coupling capacitors, saving board space and
additional expense for capacitors making the ISL59111 is
designed to be extremely attractive for portable video
applications Additionally, this solution completely eliminates
the issue of field tilt in the lower frequency. The trade off is
greater demand of supply current. Typical load current for
AC coupled is around 3mA compared to typical 6mA used
when DC coupling.
Output Drive Capability
The ISL59111 does not have internal short circuit protection
circuitry. If the output is shorted indefinitely, the power
dissipation could easily overheat the die or the current could
eventually compromise metal integrity. Maximum reliability is
maintained if the output current never exceeds ±40mA. This
limit is set by the design of the internal metal interconnect.
Note that in transient applications, the part is robust.
Short circuit protection can be provided externally with a
back match resistor in series with the output placed close as
possible to the output pin. In video applications this would be
a 75
Ω resistor and will provide adequate short circuit
protection to the device. Care should still be taken not to
stress the device with a short at the output.
Power Dissipation
With the high output drive capability of the ISL59111, it is
possible to exceed the +125°C absolute maximum junction
temperature under certain load current conditions.
Therefore, it is important to calculate the maximum junction
temperature for an application to determine if load conditions
or package types need to be modified to assure operation of
the amplifier in a safe operating area.
The maximum power dissipation allowed in a package is
determined according to:
Where:
TJMAX = Maximum junction temperature
TAMAX = Maximum ambient temperature
ΘJA = Thermal resistance of the package
The maximum power dissipation actually produced by an IC
is the total quiescent supply current times the total power
supply voltage, plus the power in the IC due to the load, or:
for sourcing:
for sinking:
R6
R5
R4
R7
C5
C4
ROUT
RL
SAG
NETWORK
AC COUPLING
CAPACITOR
FIGURE 23. SAG NETWORK AND AC COUPLING
CAPACITORS
-
+
TELEVISION
OR VCR
ROUT
ENABLE
FIGURE 24. DC COUPLE
PD
MAX
T
JMAX
T
AMAX
Θ
JA
---------------------------------------------
=
PD
MAX
V
S
I
SMAX
V
S
V
OUT
()
+
×
V
OUT
R
L
----------------
×
=
PD
MAX
V
S
I
SMAX
V
OUT
V
S
()
+
×
I
LOAD
×
=
ISL59111


Número de pieza similar - ISL59111

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL59111 INTERSIL-ISL59111 Datasheet
473Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
ISL59111 INTERSIL-ISL59111 Datasheet
479Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
Renesas Technology Corp
ISL59111 RENESAS-ISL59111 Datasheet
768Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
Intersil Corporation
ISL59111IIZ-T7 INTERSIL-ISL59111IIZ-T7 Datasheet
479Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
ISL59111IZ-T7 INTERSIL-ISL59111IZ-T7 Datasheet
473Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
More results

Descripción similar - ISL59111

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SG Micro Corp
SGM9111 SGMICRO-SGM9111_16 Datasheet
394Kb / 11P
   8MHz Rail-to-Rail Composite Video Driver
logo
Intersil Corporation
ISL59111IIZ-T7 INTERSIL-ISL59111IIZ-T7 Datasheet
479Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
ISL59111 INTERSIL-ISL59111_07 Datasheet
473Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
Renesas Technology Corp
ISL59111 RENESAS-ISL59111 Datasheet
768Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
Intersil Corporation
ISL59110 INTERSIL-ISL59110 Datasheet
560Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
ISL59110 INTERSIL-ISL59110_07 Datasheet
485Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
Renesas Technology Corp
ISL59110 RENESAS-ISL59110 Datasheet
766Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
SG Micro Corp
SGM9110 SGMICRO-SGM9110 Datasheet
542Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver with 6dB Gain
SGM9111 SGMICRO-SGM9111 Datasheet
541Kb / 9P
   8MHz Rail-to-Rail Composite Video Driver with 6dB Gain
SGM9147 SGMICRO-SGM9147 Datasheet
384Kb / 9P
   13MHz Rail-to-Rail Composite Video Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com