Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN1540 Datasheet(PDF) 7 Page - Fairchild Semiconductor

No. de pieza FAN1540
Descripción Electrónicos  1A/1.3A, LDO with Low Quiescent Current
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1540 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN1540 Datasheet HTML 3Page - Fairchild Semiconductor FAN1540 Datasheet HTML 4Page - Fairchild Semiconductor FAN1540 Datasheet HTML 5Page - Fairchild Semiconductor FAN1540 Datasheet HTML 6Page - Fairchild Semiconductor FAN1540 Datasheet HTML 7Page - Fairchild Semiconductor FAN1540 Datasheet HTML 8Page - Fairchild Semiconductor FAN1540 Datasheet HTML 9Page - Fairchild Semiconductor FAN1540 Datasheet HTML 10Page - Fairchild Semiconductor FAN1540 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
www.fairchildsemi.com
FAN1539/FAN1540 Rev. 1.1.1
Test Circuit
DUT
GND
CIN
VIN
VOUT
COUT
Notes: 1. Use low ESR capacitors.
2. CIN should be placed as close to VIN as possible.
IN
OUT
22
µF
10
µF


Número de pieza similar - FAN1540

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN1540 FAIRCHILD-FAN1540 Datasheet
259Kb / 15P
   1A/1.3A, LDO With Low Quiescent Current
More results

Descripción similar - FAN1540

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN1539 FAIRCHILD-FAN1539 Datasheet
259Kb / 15P
   1A/1.3A, LDO With Low Quiescent Current
logo
ams AG
AS1375 AMSCO-AS1375 Datasheet
853Kb / 11P
   1A Quiescent Current, 200mA LDO
logo
Microchip Technology
MCP1726 MICROCHIP-MCP1726_14 Datasheet
682Kb / 32P
   1A, Low-Voltage, Low Quiescent Current LDO Regulator
03/25/14
MCP1726-3302E MICROCHIP-MCP1726-3302E Datasheet
534Kb / 30P
   1A, Low Voltage, Low Quiescent Current LDO Regulator
06/25/07
logo
ams AG
AS1376 AMSCO-AS1376 Datasheet
1Mb / 20P
   1A, Low Input Voltage, Low Quiescent Current LDO
logo
Microchip Technology
MCP1726 MICROCHIP-MCP1726 Datasheet
431Kb / 30P
   1A, Low Voltage, Low Quiescent Current LDO Regulator
2005
MCP1700 MICROCHIP-MCP1700 Datasheet
522Kb / 22P
   Low Quiescent Current LDO
2003
MCP1700T-5002E MICROCHIP-MCP1700T-5002E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
logo
Seaward Electronics Inc...
SE8801 SEAWARD-SE8801 Datasheet
469Kb / 7P
   Low Quiescent Current LDO
logo
Microchip Technology
MCP1700T-2502E MICROCHIP-MCP1700T-2502E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com