Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN1582M15X Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza FAN1582M15X
Descripción Electrónicos  3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1582M15X Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN1582M15X Datasheet HTML 1Page - Fairchild Semiconductor FAN1582M15X Datasheet HTML 2Page - Fairchild Semiconductor FAN1582M15X Datasheet HTML 3Page - Fairchild Semiconductor FAN1582M15X Datasheet HTML 4Page - Fairchild Semiconductor FAN1582M15X Datasheet HTML 5Page - Fairchild Semiconductor FAN1582M15X Datasheet HTML 6Page - Fairchild Semiconductor FAN1582M15X Datasheet HTML 7Page - Fairchild Semiconductor FAN1582M15X Datasheet HTML 8Page - Fairchild Semiconductor FAN1582M15X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PRODUCT SPECIFICATION
FAN1582
REV. 1.1.3 11/9/03
5
Typical Perfomance Characteristics (continued)
11
9
7
5
3
-75 -50 -25
25
50
75 100
125 150 175
20
25
45
65
85
105
125
15
10
5
0
0
JUNCTION TEMPERATURE (
°C)
CASE TEMPERATURE
FREQUENCY (HZ)
(VIN—VOUT) ≤ 3V
0.5V
≤ V
RIPPLE ≤ 2V
IOUT = 5A
90
80
70
60
50
40
30
20
10
0
10
100
1K
10K
100K
Short-Circuit Current vs.Temeperature
1.0
1.5
2.0
2.5
3.0
3.5
0.5
0
-75 -50 -25
25
50
75 100
125 150 175
0
JUNCTION TEMPERATURE (
°C)
Control Pin Current vs. Temperature
Ripple Rejection vs. Frequency
LOAD CURRENT, A
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
01
2
3
FAN1582 Stability
Maximum Power Dissipation
10mA Load


Número de pieza similar - FAN1582M15X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN1582M15X FAIRCHILD-FAN1582M15X Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
More results

Descripción similar - FAN1582M15X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN1582 FAIRCHILD-FAN1582 Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_11 Datasheet
333Kb / 6P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_09 Datasheet
238Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
E-Tech Electronics LTD
UZ1085 ETL-UZ1085 Datasheet
330Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1587A FAIRCHILD-FAN1587A Datasheet
70Kb / 14P
   3A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085_12 Datasheet
290Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_16 Datasheet
234Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_V01 Datasheet
310Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com