Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL59482 Datasheet(PDF) 10 Page - Intersil Corporation

No. de pieza ISL59482
Descripción Electrónicos  Dual, 500MHz Triple, Multiplexing Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59482 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL59482 Datasheet HTML 6Page - Intersil Corporation ISL59482 Datasheet HTML 7Page - Intersil Corporation ISL59482 Datasheet HTML 8Page - Intersil Corporation ISL59482 Datasheet HTML 9Page - Intersil Corporation ISL59482 Datasheet HTML 10Page - Intersil Corporation ISL59482 Datasheet HTML 11Page - Intersil Corporation ISL59482 Datasheet HTML 12Page - Intersil Corporation ISL59482 Datasheet HTML 13Page - Intersil Corporation ISL59482 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
FN6209.2
December 22, 2006
Pin Equivalent Circuits
Figure 27A illustrates the optimum output load for testing AC
performance. Figure 27B illustrates the optimum output load
when connecting to 50
Ω input terminated equipment.
42
IN2C1
Circuit 1
Channel 2 input for amplifier C1
43
GND
Circuit 4A
Ground pin for amplifier C1
44
IN3A1
Circuit 1
Channel 3 input for amplifier A1
45
IN3B1
Circuit 1
Channel 3 input for amplifier B1
46
IN3C1
Circuit 1
Channel 3 input for amplifier C1
Pin Description (Continued)
ISL59482
(48 LD QFN) PIN NAME
EQUIVALENT
CIRCUIT
DESCRIPTION
IN
V+
V-
LOGIC PIN
V+
V-
GND
33k
21k
+
-
1.2V
V+
V-
OUT
CIRCUIT 3
CIRCUIT 2
CIRCUIT 1
V1-
~1M
Ω
SUBSTRATE 1
V1-
V1+
GNDB1
CAPACITIVELY
COUPLED
ESD CLAMP
GNDC1
GNDA1
V2-
V2+
GNDB2
CAPACITIVELY
COUPLED
ESD CLAMP
GNDC2
GNDA2
CIRCUIT 4B
CIRCUIT 4A
THERMAL HEAT SINK PAD
V2-
~1M
Ω
SUBSTRATE 2
AC Test Circuits
FIGURE 27A. TEST CIRCUIT WITH OPTIMAL OUTPUT LOAD
FIGURE 27B. TEST CIRCUIT FOR MEASURING WITH 50
Ω OR
75
Ω INPUT TERMINATED EQUIPMENT
ISL59482
CL
50
Ω
VIN
500
Ω
RL
5pF
or
75
Ω
ISL59482
RS
CL
VIN
475
Ω
TEST
5pF
50
Ω
or
75
Ω
50
Ω
or
75
Ω
50
Ω
or
75
Ω
EQUIPMENT
FIGURE 27C. BACKLOADED TEST CIRCUIT FOR VIDEO
CABLE APPLICATION. BANDWIDTH AND
LINEARITY FOR RL LESS THAN 500Ω WILL BE
DEGRADED.
FIGURE 27. TEST CIRCUITS
AC Test Circuits (Continued)
ISL59482
RS
CL
VIN
50
Ω or 75Ω
TEST
5pF
50
Ω
or
75
Ω
50
Ω
or
75
Ω
EQUIPMENT
ISL59482


Número de pieza similar - ISL59482

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL59482 RENESAS-ISL59482 Datasheet
1Mb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59482 INTERSIL-ISL59482 Datasheet
797Kb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
August 8, 2014
ISL59482EVAL1Z INTERSIL-ISL59482EVAL1Z Datasheet
797Kb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
August 8, 2014
logo
Renesas Technology Corp
ISL59482EVAL1Z RENESAS-ISL59482EVAL1Z Datasheet
1Mb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59482IRZ INTERSIL-ISL59482IRZ Datasheet
797Kb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
August 8, 2014
More results

Descripción similar - ISL59482

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59483 RENESAS-ISL59483 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59481 RENESAS-ISL59481 Datasheet
932Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482 RENESAS-ISL59482 Datasheet
1Mb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59483 INTERSIL-ISL59483_07 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59483 INTERSIL-ISL59483 Datasheet
906Kb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59481 INTERSIL-ISL59481_07 Datasheet
798Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482IRZ INTERSIL-ISL59482IRZ Datasheet
797Kb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
August 8, 2014
logo
Renesas Technology Corp
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com