Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL55010 Datasheet(PDF) 4 Page - Intersil Corporation

No. de pieza ISL55010
Descripción Electrónicos  MMIC Silicon Bipolar Broadband Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55010 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL55010 Datasheet HTML 1Page - Intersil Corporation ISL55010 Datasheet HTML 2Page - Intersil Corporation ISL55010 Datasheet HTML 3Page - Intersil Corporation ISL55010 Datasheet HTML 4Page - Intersil Corporation ISL55010 Datasheet HTML 5Page - Intersil Corporation ISL55010 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ISL55010
4
FN6217.0
May 22, 2006
FIGURE 7. OIP3 vs FREQUENCY
FIGURE 8. P1dBm vs FREQUENCY
FIGURE 9. NOISE FIGURE vs FREQUENCY
FIGURE 10. S11 AND S22 vs FREQUENCY
Typical Performance Curves 50Ω environment (Continued)
9
10
11
12
13
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
0
1
2
3
4
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
0
1
2
3
4
5
6
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
20
0.2
0.4
0.6
0.8
1.0
3.
0
6.0
7.0
8.0
9.0
50
10
5.0
4.0
20
0.
5
0.
4
0.3
0.2
0.1
0.2
0.4
0.6
0.
8
1.
0
RF Café 2002
S22
S11
0.5 GHz
1.0
2.2
3 GHz
0.5 GHz
1.0
2.2
3 GHz


Número de pieza similar - ISL55010

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL55010 RENESAS-ISL55010 Datasheet
338Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55010IEZ-T7 RENESAS-ISL55010IEZ-T7 Datasheet
338Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
More results

Descripción similar - ISL55010

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL55012 INTERSIL-ISL55012_07 Datasheet
272Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
logo
Renesas Technology Corp
ISL55007 RENESAS-ISL55007 Datasheet
344Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55011 RENESAS-ISL55011 Datasheet
337Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
logo
Intersil Corporation
ISL55012IEZ-T7 INTERSIL-ISL55012IEZ-T7 Datasheet
362Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
August 25, 2010
ISL55014IEZ-T7 INTERSIL-ISL55014IEZ-T7 Datasheet
262Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
February 13, 2007
ISL55005 INTERSIL-ISL55005 Datasheet
145Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55009 INTERSIL-ISL55009 Datasheet
147Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55011 INTERSIL-ISL55011 Datasheet
137Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55007 INTERSIL-ISL55007 Datasheet
144Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
logo
Renesas Technology Corp
ISL55010 RENESAS-ISL55010 Datasheet
338Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com