Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN6520AM Datasheet(PDF) 9 Page - Fairchild Semiconductor

No. de pieza FAN6520AM
Descripción Electrónicos  Single Synchronous Buck PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6520AM Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN6520AM Datasheet HTML 5Page - Fairchild Semiconductor FAN6520AM Datasheet HTML 6Page - Fairchild Semiconductor FAN6520AM Datasheet HTML 7Page - Fairchild Semiconductor FAN6520AM Datasheet HTML 8Page - Fairchild Semiconductor FAN6520AM Datasheet HTML 9Page - Fairchild Semiconductor FAN6520AM Datasheet HTML 10Page - Fairchild Semiconductor FAN6520AM Datasheet HTML 11Page - Fairchild Semiconductor FAN6520AM Datasheet HTML 12Page - Fairchild Semiconductor FAN6520AM Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6520A Rev. 1.0.5
9
Figure 8. Asymptotic Bode Plot of Converter Gain
An output capacitor is required to filter the output and
supply the load transient current. The filtering require-
ments are a function of the switching frequency and the
ripple current. The load transient requirements are a
function of the slew rate (di/dt) and the magnitude of the
transient load current. These requirements are generally
met with a mix of capacitors and careful layout.
Component Selection
Output Capacitors (COUT)
Modern components and loads are capable of producing
transient load rates above 1A/ns. High-frequency capac-
itors initially supply the transient and slow the current
load rate seen by the bulk capacitors. Effective Series
Resistance (ESR) and voltage rating are typically the
prime considerations for the bulk filter capacitors, rather
than actual capacitance requirements. High-frequency
decoupling capacitors should be placed as close to the
power pins of the load as physically possible. Be careful
not to add inductance in the circuit board wiring that
could cancel the performance of these low-inductance
components. Consult with the load manufacturer on spe-
cific decoupling requirements. Use only specialized low-
ESR capacitors intended for switching-regulator applica-
tions for the bulk capacitors. The bulk capacitor’s ESR
determines the output ripple voltage and the initial volt-
age drop after a high slew-rate transient. An aluminum
electrolytic capacitor’s ESR value is related to the case
size with lower ESR available in larger case sizes; how-
ever, the Equivalent Series Inductance (ESL) of these
capacitors increases with case size and can reduce the
usefulness of the capacitor to high slew-rate transient
loading. Since ESL is not a specified parameter, work
with the capacitor supplier and measure the capacitor’s
impedance with frequency to select a suitable compo-
nent. Generally, multiple small-case electrolytic capaci-
tors perform better than a single large-case capacitor.
Output Inductor (LOUT)
The output inductor is selected to meet the output volt-
age ripple requirements and minimize the converter’s
response time to the load transient. The inductor value
determines the converter’s ripple current and the ripple
voltage is a function of the ripple current. The ripple volt-
age (
ΔV) and current (ΔI) are approximated by the fol-
lowing equations:
Increasing the inductance value reduces the ripple cur-
rent and voltage, but also reduces the converter’s ability
to quickly respond to a load transient. One of the param-
eters limiting the converter’s response to a load transient
is the time required to change the inductor
current.
Given
a
sufficiently
fast
control-loop
design,
the
FAN6520A provides either 0% or 100% duty cycle in
response to a load transient. The response time is the
time required to slew the inductor current from an initial
current value to the transient current level. During this
interval, the difference between the inductor current and
the transient current level must be supplied by the output
capacitor. Minimizing the response time can minimize
the output capacitance required.
Depending on whether there is a load application or a
load removal, the response time to a load transient
(ISTEP) is different. The following equations give the
approximate response time interval for application and
removal of a transient load:
where TRISE is the response time to the application of a
positive ISTEP and TFALL is the response time to a load
removal (negative ISTEP). The worst-case response time
can be either at application or removal of load. Check
both of these equations at the minimum and maximum
output levels for the worst-case response time.
Input Capacitor Selection
Use a mix of input bypass capacitors to control the volt-
age overshoot across the MOSFETs. Use small ceramic
capacitors for high-frequency decoupling and bulk
capacitors to supply the current needed each time Q1
turns on. Place the small ceramic capacitors physically
close to the MOSFETs and between the drain of Q1 and
the source of Q2. The important parameters for the bulk
input capacitor are the voltage rating and the RMS cur-
rent rating. For reliable operation, select the bulk capaci-
tor with voltage and current ratings above the maximum
input voltage and the largest RMS current required by
the circuit. The capacitor voltage rating should be at least
100
80
60
40
20
0
-20
-40
-60
10
100
1K
10K
100K
FREQUENCY (Hz)
OPEN LOOP
ERROR AMP GAIN
COMPENSATION
GAIN
CLOSED LOOP
GAIN
MODULATOR
GAIN
20LOG
(VIN/DVOSC)
20LOG
(R2/R1)
FZ1 FZ2
FP1
FLC
FESR
FP2
1M
10M
ΔI
V
IN
V
OUT
F
SW
L
×
------------------------------
⎝⎠
⎜⎟
⎛⎞ V
OUT
V
IN
--------------
×
=
ΔVESR ΔI
×
(9)
T
RISE
LI
STEP
×
V
IN
V
OUT
------------------------------
=
(10)
T
FALL
LI
STEP
×
V
OUT
------------------------
=
(11)


Número de pieza similar - FAN6520AM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN6520AM FAIRCHILD-FAN6520AM Datasheet
580Kb / 15P
   Single Synchronous Buck PWM Controller
FAN6520AMX FAIRCHILD-FAN6520AMX Datasheet
580Kb / 15P
   Single Synchronous Buck PWM Controller
More results

Descripción similar - FAN6520AM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404_1 Datasheet
379Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A Datasheet
580Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8238B RICHTEK-RT8238B Datasheet
219Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3405 TSC-TS3405 Datasheet
409Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8228A RICHTEK-RT8228A Datasheet
201Kb / 15P
   Single Synchronous Buck PWM Controller
October 2021
logo
Fairchild Semiconductor
FAN6520B FAIRCHILD-FAN6520B Datasheet
550Kb / 14P
   Single Synchronous Buck PWM Controller
logo
BCD Semiconductor Manuf...
AP3586A,B,C BCDSEMI-AP3586A,B,C Datasheet
624Kb / 17P
   Single Phase Synchronous Buck PWM Controller
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
   Single Phase Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8120 RICHTEK-RT8120_V01 Datasheet
223Kb / 17P
   Single-Phase Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com