Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL55190IRZ Datasheet(PDF) 1 Page - Intersil Corporation

No. de pieza ISL55190IRZ
Descripción Electrónicos  Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55190IRZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL55190IRZ Datasheet HTML 1Page - Intersil Corporation ISL55190IRZ Datasheet HTML 2Page - Intersil Corporation ISL55190IRZ Datasheet HTML 3Page - Intersil Corporation ISL55190IRZ Datasheet HTML 4Page - Intersil Corporation ISL55190IRZ Datasheet HTML 5Page - Intersil Corporation ISL55190IRZ Datasheet HTML 6Page - Intersil Corporation ISL55190IRZ Datasheet HTML 7Page - Intersil Corporation ISL55190IRZ Datasheet HTML 8Page - Intersil Corporation ISL55190IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
®
FN6262.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2006, 2007. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL55190, ISL55290
Single and Dual Ultra-Low Noise, Ultra-Low
Distortion, Low Power Op Amp
The ISL55190 and ISL55290 are single and dual high speed
operational amplifiers featuring low noise, low distortion, and
rail-to-rail output drive capability. They are designed to
operate with single and dual supplies from +5VDC
(±2.5VDC) down to +3VDC (±1.5VDC). These amplifiers
draw 16mA of quiescent supply current per amplifier. For
power conservation, this family offers a low-power shutdown
mode that reduces supply current to 21µA and places the
amplifiers' output into a high impedance state. The ISL55190
ENABLE logic places the device in the shutdown mode with
EN = 0 and the ISL55290 is placed in the shutdown mode
with EN = 1.
These amplifiers have excellent input and output overload
recovery times and outputs that swing rail-to-rail. Their input
common mode voltage range includes ground. The
ISL55190 and ISL55290 are stable at gains as low as 5 with
an input referred noise voltage of 1.2nV/Hz and harmonic
distortion products -95dBc (2nd) and -92dBc (3rd) below a
4MHz 2VP-P signal.
The ISL55190 is available in space-saving 8 Ld DFN and 8 Ld
SOIC packages. The ISL55290 is available in a 10 Ld MSOP
package.
Features
• 1.2nV/
√Hz input voltage noise, f
O = 1kHz
• Harmonic Distortion -95dBc, -92dBc, fO = 4MHz
• Stable at gains as low as 5
• 800MHz gain bandwidth product (AV = 5)
• 268V/µs typical slew rate
• 16mA typical supply current (21µA in disable mode)
• 300µV typical offset voltage
• 25µA typical input bias current
• 3V to 5V single supply voltage range
• Rail-to-rail output
• Enable pin
• Pb-free plus anneal available (RoHS compliant)
Applications
• High speed pulse applications
• Low noise signal processing
• ADC buffers
• DAC output amplifiers
• Radio systems
• Portable equipment
Ordering Information
PART
NUMBER
(Note)
PART
MARKING
TAPE
AND
REEL
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL55190IBZ
55190 IBZ
-
8 Ld SOIC
MDP0027
ISL55190IBZ-T13 55190 IBZ
13”
(2,500 pcs)
8 Ld SOIC
Tape and Reel
MDP0027
ISL55190IRZ
190Z
-
8 Ld DFN
L8.3x3D
ISL55190IRZ-T13 190Z
13”
(2,500 pcs)
8 Ld DFN
Tape and Reel
L8.3x3D
ISL55290IUZ
5290Z
-
10 Ld MSOP
MDP0043
ISL55290IUZ-T13 5290Z
13”
(2500 pcs)
10 Ld MSOP
Tape and Reel
MDP0043
Coming Soon
ISL55190EVAL1Z
Evaluation Board
Coming Soon
ISL55290EVAL1Z
Evaluation Board
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100% matte
tin plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
TABLE 1. ENABLE LOGIC
ENABLE
DISABLE
ISL55190
EN = 1
EN = 0
ISL55290
EN = 0
EN = 1
Data Sheet
March 30, 2007


Número de pieza similar - ISL55190IRZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL55190IRZ RENESAS-ISL55190IRZ Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
March 30, 2007
ISL55190IRZ-T13 RENESAS-ISL55190IRZ-T13 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
March 30, 2007
More results

Descripción similar - ISL55190IRZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL55190 RENESAS-ISL55190 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
March 30, 2007
logo
Intersil Corporation
ISL55191 INTERSIL-ISL55191 Datasheet
880Kb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op Amp
ISL28190 INTERSIL-ISL28190 Datasheet
908Kb / 14P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Op Amp
logo
Linear Technology
LT1115 LINER-LT1115 Datasheet
932Kb / 12P
   Ultra-Low Noise, Low Distortion, Audio Op Amp
logo
Renesas Technology Corp
ISL55191 RENESAS-ISL55191 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op
March 30, 2007
logo
Intersil Corporation
ISL28190 INTERSIL-ISL28190_08 Datasheet
1Mb / 16P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
logo
Renesas Technology Corp
ISL28190 RENESAS-ISL28190 Datasheet
1Mb / 19P
   Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL28290 RENESAS-ISL28290 Datasheet
1Mb / 21P
   Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Jan.12.21
logo
Intersil Corporation
ISL28191 INTERSIL-ISL28191_08 Datasheet
1Mb / 16P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
logo
Renesas Technology Corp
ISL28191 RENESAS-ISL28191 Datasheet
1Mb / 18P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com