Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL55015 Datasheet(PDF) 1 Page - Intersil Corporation

No. de pieza ISL55015
Descripción Electrónicos  MMIC Silicon Bipolar Broadband Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55015 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL55015 Datasheet HTML 1Page - Intersil Corporation ISL55015 Datasheet HTML 2Page - Intersil Corporation ISL55015 Datasheet HTML 3Page - Intersil Corporation ISL55015 Datasheet HTML 4Page - Intersil Corporation ISL55015 Datasheet HTML 5Page - Intersil Corporation ISL55015 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
®
FN6284.0
ISL55015
MMIC Silicon Bipolar Broadband Amplifier
The ISL55015 is a high performance gain block featuring a
Darlington configuration using high fT transistors and
excellent thermal performance. They are an ideal choice for
DVB-S LNB cable receiver applications.
Other members of the family includes:
ISL55012 and ISL55015 match a 75
Ω source to a 50Ω load.
ISL55013 and ISL55014 match a 50
Ω source to a 50Ω load.
Features
• Input impedance of 75
Ω
• Output impedance of 50
Ω
• Gain of 13.5dB @1GHz
• Noise figure of 4.8dB @2GHz
• OIP3 of 31dBm @1GHz
• Low input and output return losses
• Pb-free plus anneal available (RoHS compliant)
Applications
• LNB and LNB-T (HDTV) amplifiers
• IF gain blocks for satellite and terrestrial STBs
• PA driver amplifier
• Wireless data, satellite
• Bluetooth/WiFi
• Satellite locator and signal strength meters
Ordering Information
PART
NUMBER
(Note)
PART
MARKING
TAPE &
REEL
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL55015IEZ-T7 CCK
7” (3k pcs) 6 Ld SC-70
P6.049A
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
Typical Application Circuit
Pinout
(6 LD SC-70)
TOP VIEW
100pF
0.1µF
100nH
100pF
0.1µF
68pF
68pF
1, 2, 5
3
4
6
+5V
24
Ω
GND
GND
IN
1
2
3
6
5
4
OUT
GND
VSP
Data Sheet
December 13, 2006
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2006. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.


Número de pieza similar - ISL55015

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL55015 RENESAS-ISL55015 Datasheet
484Kb / 7P
   MMIC Silicon Bipolar Broadband Amplifier
logo
Intersil Corporation
ISL55015 INTERSIL-ISL55015 Datasheet
292Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
February 19, 2013
logo
Renesas Technology Corp
ISL55015IEZ-EVAL RENESAS-ISL55015IEZ-EVAL Datasheet
484Kb / 7P
   MMIC Silicon Bipolar Broadband Amplifier
logo
Intersil Corporation
ISL55015IEZ-T7 INTERSIL-ISL55015IEZ-T7 Datasheet
273Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55015IEZ-T7 INTERSIL-ISL55015IEZ-T7 Datasheet
292Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
February 19, 2013
More results

Descripción similar - ISL55015

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL55012 INTERSIL-ISL55012_07 Datasheet
272Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
logo
Renesas Technology Corp
ISL55007 RENESAS-ISL55007 Datasheet
344Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55011 RENESAS-ISL55011 Datasheet
337Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
logo
Intersil Corporation
ISL55012IEZ-T7 INTERSIL-ISL55012IEZ-T7 Datasheet
362Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
August 25, 2010
ISL55014IEZ-T7 INTERSIL-ISL55014IEZ-T7 Datasheet
262Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
February 13, 2007
ISL55005 INTERSIL-ISL55005 Datasheet
145Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55010 INTERSIL-ISL55010 Datasheet
138Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55009 INTERSIL-ISL55009 Datasheet
147Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55011 INTERSIL-ISL55011 Datasheet
137Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55007 INTERSIL-ISL55007 Datasheet
144Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
logo
Renesas Technology Corp
ISL55010 RENESAS-ISL55010 Datasheet
338Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com