Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

XX1000-BD Datasheet(PDF) 4 Page - Mimix Broadband

No. de pieza XX1000-BD
Descripción Electrónicos  7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MIMIX [Mimix Broadband]
Página de inicio  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XX1000-BD Datasheet(HTML) 4 Page - Mimix Broadband

  XX1000-BD Datasheet HTML 1Page - Mimix Broadband XX1000-BD Datasheet HTML 2Page - Mimix Broadband XX1000-BD Datasheet HTML 3Page - Mimix Broadband XX1000-BD Datasheet HTML 4Page - Mimix Broadband XX1000-BD Datasheet HTML 5Page - Mimix Broadband XX1000-BD Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Page 4 of 6
App Note [1] Biasing
- It is recommended to separately bias each doubler stage with fixed voltages of Vd(1,2)=5.0V, Vss=-5.0V and
Vg1=-0.6V. The typical DC currents are Id1=80mA, Id2=140mA and Iss=50mA. Vg2 can be used for active control biasing of Vd2, or it
can be left open and Vd2 will self bias at approximately 140mA. Maximum output power is achieved with Vss=-5.0V and Iss=50mA
but the device will operate with reduced bias to Vss=-2.0V and Iss=25mA. It is also recommended to use active biasing on Vd2 with
Vg2 to keep the currents constant as the RF power and temperature vary; this gives the most reproducible results. Depending on the
supply voltage available and the power dissipation constraints, the bias circuit may be a single transistor or a low power operational
amplifier, with a low value resistor in series with the drain supply used to sense the current. The gate of the pHEMT is controlled to
maintain correct drain current and thus drain voltage. The typical gate voltage for Vg2=-0.1V. Typically the gate is protected with
Silicon diodes to limit the applied voltage. Also, make sure to sequence the applied voltage to ensure negative gate bias is available
before applying the positive drain supply.
App Note [2] Bias Arrangement -
For Individual Stage Bias (Recommended for doubler applications) -- Each DC pad (Vd1, 2, Vss and Vg1, 2) needs to have DC bypass
capacitance (~100-200 pF) as close to the device as possible. Additional DC bypass capacitance (~0.01 uF) is also recommended.
7.5-25.0/15.0-50.0 GHz GaAs MMIC
Active Doubler
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
March 2007 - Rev 26-Mar-07
X1000-BD
MTTF
Bias Conditions: Vd1=Vd2=4.0V, Id1=40 mA, Id2=140 mA, Vss=-5.0V, Iss=50mA
1.0E+00
1.0E+01
1.0E+02
1.0E+03
1.0E+04
1.0E+05
55
65
75
85
95
Temperature (°C)
MTTF is calculated from accelerated life-time data of single devices and assumes isothermal back-plate.
Bias Conditions: Vd1,2 = 5.0V, Id1,2 = 220 mA, Vss = -5.0V, Iss = 50 mA


Número de pieza similar - XX1000-BD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mimix Broadband
XX1000-BD MIMIX-XX1000-BD Datasheet
305Kb / 7P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
logo
M/A-COM Technology Solu...
XX1000-BD MA-COM-XX1000-BD Datasheet
798Kb / 8P
   Active Doubler
logo
Mimix Broadband
XX1000-BD-000V MIMIX-XX1000-BD-000V Datasheet
305Kb / 7P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
logo
M/A-COM Technology Solu...
XX1000-BD-000V MA-COM-XX1000-BD-000V Datasheet
781Kb / 9P
   Excellent Broadband Mixer Driver
logo
Mimix Broadband
XX1000-BD-EV1 MIMIX-XX1000-BD-EV1 Datasheet
305Kb / 7P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
More results

Descripción similar - XX1000-BD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mimix Broadband
XX1000 MIMIX-XX1000 Datasheet
497Kb / 6P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
XX1000-BD_0708 MIMIX-XX1000-BD_0708 Datasheet
305Kb / 7P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
XX1000-QT MIMIX-XX1000-QT_10 Datasheet
1Mb / 8P
   7.5-22.5/15.0-45.0 GHz Active Doubler
XX1000-QT MIMIX-XX1000-QT_08 Datasheet
663Kb / 8P
   7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
XX1000-QT MIMIX-XX1000-QT_07 Datasheet
656Kb / 8P
   7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
XX1000-QT MIMIX-XX1000-QT Datasheet
610Kb / 7P
   7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
XD1002 MIMIX-XD1002_10 Datasheet
1Mb / 7P
   0.05-50.0 GHz GaAs MMIC
XD1001 MIMIX-XD1001_10 Datasheet
1Mb / 8P
   18.0-50.0 GHz GaAs MMIC
30DBL0537 MIMIX-30DBL0537 Datasheet
181Kb / 5P
   14.5-17.0/29.0-34.0 GHz GaAs MMIC Active Doubler
XX1007-BD MIMIX-XX1007-BD Datasheet
377Kb / 6P
   13.5-17.0/27.0-34.0 GHz GaAs MMIC Active Doubler
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com