Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

XX1002-QH Datasheet(PDF) 7 Page - Mimix Broadband

No. de pieza XX1002-QH
Descripción Electrónicos  2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MIMIX [Mimix Broadband]
Página de inicio  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XX1002-QH Datasheet(HTML) 7 Page - Mimix Broadband

  XX1002-QH Datasheet HTML 1Page - Mimix Broadband XX1002-QH Datasheet HTML 2Page - Mimix Broadband XX1002-QH Datasheet HTML 3Page - Mimix Broadband XX1002-QH Datasheet HTML 4Page - Mimix Broadband XX1002-QH Datasheet HTML 5Page - Mimix Broadband XX1002-QH Datasheet HTML 6Page - Mimix Broadband XX1002-QH Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Page 7 of 7
2.5-6.0/5.0-12.0 GHz Active Doubler
QFN, 4x4 mm
Handling and Assembly Information
CAUTION! - Mimix Broadband MMIC Products contain gallium arsenide (GaAs) which can be hazardous to the human body and the
environment. For safety, observe the following procedures:
Do not ingest.
Do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical processing as these
by-products are dangerous to the human body if inhaled, ingested, or swallowed.
Observe government laws and company regulations when discarding this product. This product must be discarded in
accordance with methods specified by applicable hazardous waste procedures.
Life Support Policy - Mimix Broadband's products are not authorized for use as critical components in life support devices or
systems without the express written approval of the President and General Counsel of Mimix Broadband. As used herein: (1) Life
support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain
life, and whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be
reasonably expected to result in a significant injury to the user. (2) A critical component is any component of a life support device or
system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its
safety or effectiveness.
Package Attachment - This packaged product from Mimix Broadband is provided as a rugged surface mount package compatible
with high volume solder installation. The package is a low-cost plastic package. Vacuum tools or other suitable pick and place
equipment may be used to pick and place this part. Care should be taken to ensure that there are no voids or gaps in the solder
connection so that good RF, DC and ground connections are maintained. Voids or gaps can eventually lead not only to RF
performance degradation, but reduced reliability and life of the product due to thermal stress.
Mimix Lead-Free RoHS Compliant Program - Mimix has an active program in place to meet customer and governmental
requirements for eliminating lead (Pb) and other environmentally hazardous materials from our products. All Mimix RoHS compliant
components are form, fit and functional replacements for their non-RoHS equivalents. Lead plating of our RoHS compliant parts is
100% matt tin (Sn) over copper alloy and is backwards compatible with current standard SnPb low-temperature reflow processes as
well as higher temperature (260°C reflow) “Pb Free” processes.
Part Number for Ordering
Description
XX1002-QH-0G00
Matte Tin plated RoHS compliant QFN 4x4 24L surface mount package in bulk quantity
XX1002-QH-0G0T
Matte Tin plated RoHS compliant QFN 4x4 24L surface mount package in tape and reel
XX1002-QH-EV1
XX1002-QH Evaluation Board
We also offer this part with SnPb (Tin-Lead) or NiPdAu plating. Please contact your regional sales manager for more information
regarding different plating types.
Typical Reflow Profiles
Reflow Profile
Ramp Up Rate
Activation Time and Temperature
Time Above Melting Point
Max Peak Temperature
Time Within 5 ºC of Peak
Ramp Down Rate
SnPb
3-4 ºC/sec
60-120 sec @ 140-160 ºC
60-150 sec
240 ºC
10-20 sec
4-6 ºC/sec
Pb Free
3-4 ºC/sec
60-180 sec @ 170-200 ºC
60-150 sec
265 ºC
10-20 sec
4-6 ºC/sec
X1002-QH
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
March 2007 - Rev 15-Mar-07


Número de pieza similar - XX1002-QH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mimix Broadband
XX1002-QH MIMIX-XX1002-QH Datasheet
490Kb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
XX1002-QH MIMIX-XX1002-QH Datasheet
1Mb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
XX1002-QH MIMIX-XX1002-QH Datasheet
950Kb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler
logo
M/A-COM Technology Solu...
XX1002-QH MA-COM-XX1002-QH Datasheet
896Kb / 6P
   Active Doubler
logo
Mimix Broadband
XX1002-QH-0G00 MIMIX-XX1002-QH-0G00 Datasheet
490Kb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
More results

Descripción similar - XX1002-QH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mimix Broadband
XX1002-QH MIMIX-XX1002-QH_08 Datasheet
1Mb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
XX1002-QH MIMIX-XX1002-QH Datasheet
490Kb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
XX1002-QH MIMIX-XX1002-QH_10 Datasheet
950Kb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler
XX1002 MIMIX-XX1002 Datasheet
374Kb / 5P
   2.5-6.0/5.0-12.0 GHz GaAs MMIC Active Doubler
XX1002-BD MIMIX-XX1002-BD Datasheet
444Kb / 5P
   2.5-6.0/5.0-12.0 GHz GaAs MMIC Active Doubler
XX1000-QT MIMIX-XX1000-QT Datasheet
610Kb / 7P
   7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
XX1000-QT MIMIX-XX1000-QT_07 Datasheet
656Kb / 8P
   7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
XX1000-QT MIMIX-XX1000-QT_08 Datasheet
663Kb / 8P
   7.5-22.5/15.0-45.0 GHz Active Doubler QFN, 3x3 mm
20DBL0451 MIMIX-20DBL0451 Datasheet
311Kb / 6P
   8.0-12.0/16.0-24.0 GHz GaAs MMIC Active Doubler
XM1001-QH MIMIX-XM1001-QH Datasheet
290Kb / 5P
   10.0-34.0 GHz Image Reject Mixer QFN, 4x4 mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com