Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL21009BFB850Z-TK Datasheet(PDF) 3 Page - Intersil Corporation

No. de pieza ISL21009BFB850Z-TK
Descripción Electrónicos  Precision, Low Noise FGA??Voltage References
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21009BFB850Z-TK Datasheet(HTML) 3 Page - Intersil Corporation

  ISL21009BFB850Z-TK Datasheet HTML 1Page - Intersil Corporation ISL21009BFB850Z-TK Datasheet HTML 2Page - Intersil Corporation ISL21009BFB850Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21009BFB850Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21009BFB850Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21009BFB850Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21009BFB850Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21009BFB850Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21009BFB850Z-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
FN6327.1
February 14, 2007
Absolute Voltage Ratings
Recommended Operating Conditions
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Max Voltage VIN to Gnd . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +18V
Max Voltage VOUT to Gnd (10s). . . . . . . . . . . . . . -0.5V to VOUT +1V
Voltage on “DNC” pins . . . . No connections permitted to these pins.
Lead Temperature, soldering (10s) . . . . . . . . . . . . . . . . . . . . +260°C
ESD Ratings
(HBM) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6kV
(CBM) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2kV
Temperature Range (Industrial) . . . . . . . . . . . . . . . -40°C to +125°C
Thermal Information
Continuous Power Dissipation (TA = +70°C)
8 Ld SOIC derate 5.88mW/°C above +70°C. . . . . . . . . . . . . 471mW
Pb-free reflow profile. . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Common Electrical Specifications (ISL21009-25, -50)
TA = -40°C to +125°C, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VOA
VOUT Accuracy @ TA = +25°C
ISL21009B
-0.5
+0.5
mV
ISL21009C
-1.0
+1.0
mV
ISL21009D
-2.0
+2.0
mV
TC VOUT
Output Voltage Temperature
Coefficient (Note 1)
ISL21009B
3
ppm/°C
ISL21009C
5
ppm/°C
ISL21009D
10
ppm/°C
ΔV
OUT/Δt
Long Term Stability (Note 4)
TA = +25°C
50
ppm/
√1kHrs
Trim Range
±2.0
±2.5
%
ISC
Short Circuit Current (Note 3)
TA = +25°C, VOUT tied to Gnd
10
mA
tR
Turn on Settling Time
VOUT = ±0.1%
100
µs
Ripple Rejection
f = 10kHz
60
dB
eN
Output Voltage Noise
0.1Hz
≤ f ≤ 10Hz
4
µVP-P
VN
Broadband Voltage Noise
10Hz
≤ f ≤ 1kHz
2.2
µVRMS
Noise Density
f = 1kHz
60
nV/
√Hz
Electrical Specifications (ISL21009-25, VOUT = 2.50V)
VIN = 5.0V, TA = -40°C to +125°C, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VOUT
Output Voltage
2.500
V
VIN
Input Voltage Range
3.5
16.5
V
IIN
Supply Current
95
180
µA
ΔV
OUT /ΔVIN
Line Regulation
3.5V < VIN < 5.5V
50
150
µV/V
5.5V < VIN < 16.5V
10
50
µV/V
ΔV
OUT/ΔIOUT
Load Regulation
Sourcing: 0mA
≤ I
OUT ≤ 7mA
10
50
µV/mA
Sinking: -7mA
≤ I
OUT ≤ 0mA
20
100
µV/mA
ΔV
OUT/ΔTA
Thermal Hysteresis (Note 2)
ΔT
A = +125°C
100
ppm
ISL21009


Número de pieza similar - ISL21009BFB850Z-TK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL21009BFB850Z INTERSIL-ISL21009BFB850Z Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009BFB850Z INTERSIL-ISL21009BFB850Z Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21009BFB850Z RENESAS-ISL21009BFB850Z Datasheet
1Mb / 19P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
September 16, 2009
More results

Descripción similar - ISL21009BFB850Z-TK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
ISL21007_0712 INTERSIL-ISL21007_0712 Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com