Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL54205EVAL1Z Datasheet(PDF) 8 Page - Intersil Corporation

No. de pieza ISL54205EVAL1Z
Descripción Electrónicos  MP3/USB 2.0 High Speed Switch with Negative Signal Handling
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54205EVAL1Z Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL54205EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL54205EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL54205EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL54205EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL54205EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL54205EVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL54205EVAL1Z Datasheet HTML 10Page - Intersil Corporation ISL54205EVAL1Z Datasheet HTML 11Page - Intersil Corporation ISL54205EVAL1Z Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
FN6342.1
December 7, 2006
Application Block Diagram
Detailed Description
The ISL54205A device is a dual single pole/double throw
(SPDT) analog switch device that operates from a single DC
power supply in the range of 2.7V to 3.6V. It was designed to
function as a dual 2 to 1 multiplexer to select between USB
differential data signals and audio L and R stereo signals. It
comes in tiny μTQFN and TDFN packages for use in MP3
players, PDAs, cell phones, and other personal media
players.
The part consists of two 3
Ω audio switches and two 5Ω USB
switches. The audio switches can accept signals that swing
below ground. They were designed to pass audio left and
right stereo signals, that are ground referenced, with minimal
distortion. The USB switches were designed to pass high-
speed USB differential data signals with minimal edge and
phase distortion.
The ISL54205A was specifically designed for MP3 players,
cell phones and other personal media player applications
that need to combine the audio headphone jack and the
USB data connector into a single shared connector, thereby
saving space and component cost. A typical application
block diagram of this functionality is shown above.
The ISL54205A incorporates circuitry for the detection of the
USB VBUS voltage, which is used to switch between the
audio CODEC drivers and USB transceiver of the MP3
player or cell phone. The ISL54205A contains a logic control
pin (CTRL) that when driven Low while VBUS is Low, opens
all switches and puts the part into a low power state, drawing
typically 1nA of IDD current.
A detailed description of the two types of switches is
provided in the sections below. The USB transmission and
audio playback are intended to be mutually exclusive
operations.
Audio Switches
The two audio switches (L, R) are 3
Ω switches that can pass
signals that swing below ground. Crosstalk between the
audio switches over the audio band is < -110dB.
Over a signal range of ±1V (0.707Vrms) with VDD >2.7V,
these switches have an extremely low rON resistance
variation. They can pass ground referenced audio signals
with very low distortion (<0.06% THD+N) when delivering
15.6mW into a 32
Ω headphone speaker load. See Figures 8,
9, 10, and 11 THD+N performance curves.
These switches are uni-directional switches. The audio
drivers should be connected at the L and R side of the switch
(pins 7 and 8) and the speaker loads should be connected at
the COM side of the switch (pins 3 and 4).
The audio switches are active (turned ON) whenever the
VBUS voltage is to VDD + 0.2V or floating and the CTRL
voltage to 1.4V.
Note: Whenever the audio switches are ON the USB
transceivers need to be in the high impedance state or static
high or low state.
USB Switches
The two USB switches (D+, D-) are 5
Ω bidirectional switches
that are designed to pass high-speed USB differential
signals in the range of 0V to 400mV. The switches have low
capacitance and high bandwidth to pass USB high-speed
signals (480Mbps) with minimum edge and phase distortion
to meet USB 2.0 signal quality specifications. See Figure 12
for High-speed Eye Pattern taken with switch in the signal
path.
The maximum signal range for the USB switches is from
-1.5V to VDD. The signal voltage at D- and D+ should not be
allowed to exceed the VDD voltage rail or go below ground
by more than -1.5V.
ISL54205A
USB
TRANSCEIVER
HIGH-SPEED
CODEC
COM -
COM +
VBUS
GND
D-
D+
L
R
VDD
CTRL
LOGIC CIRCUITRY
μCONTROLLER
22k
Ω
4M
Ω
4M
Ω
50k
Ω
50k
Ω
ISL54205A


Número de pieza similar - ISL54205EVAL1Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL54205EVAL1Z INTERSIL-ISL54205EVAL1Z Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205EVAL1Z RENESAS-ISL54205EVAL1Z Datasheet
767Kb / 14P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205EVAL1Z RENESAS-ISL54205EVAL1Z Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results

Descripción similar - ISL54205EVAL1Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 INTERSIL-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206 RENESAS-ISL54206 Datasheet
751Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A RENESAS-ISL54206A Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 RENESAS-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A_1010 INTERSIL-ISL54206A_1010 Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com