Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL28272FAZ Datasheet(PDF) 4 Page - Intersil Corporation

No. de pieza ISL28272FAZ
Descripción Electrónicos  Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28272FAZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL28272FAZ Datasheet HTML 1Page - Intersil Corporation ISL28272FAZ Datasheet HTML 2Page - Intersil Corporation ISL28272FAZ Datasheet HTML 3Page - Intersil Corporation ISL28272FAZ Datasheet HTML 4Page - Intersil Corporation ISL28272FAZ Datasheet HTML 5Page - Intersil Corporation ISL28272FAZ Datasheet HTML 6Page - Intersil Corporation ISL28272FAZ Datasheet HTML 7Page - Intersil Corporation ISL28272FAZ Datasheet HTML 8Page - Intersil Corporation ISL28272FAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
FN6390.0
December 8, 2006
Typical Performance Curves
FIGURE 1. ISL28271 FREQUENCY RESPONSE vs CLOSED
LOOP GAIN. V+ = VCM = 5V
FIGURE 2. ISL28272 FREQUENCY RESPONSE vs CLOSED
LOOP GAIN. VCM = V+
FIGURE 3. ISL28271 FREQUENCY RESPONSE vs CLOSED
LOOP GAIN. V+ = 5V, VCM = 1/2V+
FIGURE 4. ISL28272 FREQUENCY RESPONSE vs CLOSED
LOOP GAIN. VCM = 1/2V+
FIGURE 5. ISL28271 FREQUENCY RESPONSE vs CLOSED
LOOP GAIN. V+ = 5V, VCM = 10mV
FIGURE 6. ISL28272 FREQUENCY RESPONSE vs CLOSED
LOOP GAIN. VCM = V-
10
20
30
40
50
60
70
FREQUENCY (Hz)
GAIN = 1000
GAIN = 500
GAIN = 200
GAIN = 100
GAIN = 50
GAIN = 20
GAIN = 10
1
10
100
1k
10k
100k
1M
VCM = 5V
VOUT = 10mVPP
RL = 10k
30
40
50
60
70
80
90
FREQUENCY (Hz)
1
10
100
1k
10k
100k
1M
GAIN = 1,000
GAIN = 10,000
GAIN = 500
GAIN = 2,000
GAIN = 5,000
GAIN = 200
GAIN = 100
VCM = 5V
VOUT = 10mVPP
RL = 10k
10
20
30
40
50
60
70
FREQUENCY (Hz)
GAIN = 500
GAIN = 1000
GAIN = 200
GAIN = 100
GAIN = 50
GAIN = 20
GAIN = 10
1
10
100
1k
10k
100k
1M
VCM = 2.5V
VOUT = 10mVPP
RL = 10k
30
40
50
60
70
80
90
FREQUENCY (Hz)
1
10
100
1k
10k
100k
1M
GAIN = 1,000
GAIN = 10,000
GAIN = 500
GAIN = 2,000
GAIN = 5,000
GAIN = 200
GAIN = 100
VCM = 2.5V
VOUT = 10mVPP
RL = 10k
10
20
30
40
50
60
70
FREQUENCY (Hz)
GAIN = 500
GAIN = 200
GAIN = 100
GAIN = 50
GAIN = 20
GAIN = 10
GAIN = 1000
1
10
100
1k
10k
100k
1M
VCM = +10mV
VOUT = 10mVPP
RL = 10k
30
40
50
60
70
80
90
FREQUENCY (Hz)
1
10
100
1k
10k
100k
1M
GAIN = 1,000
GAIN = 10,000
GAIN = 500
GAIN = 2,000
GAIN = 5,000
GAIN = 200
GAIN = 100
VCM = +10mV
VOUT = 10mVPP
RL = 10k
ISL28271, ISL28272


Número de pieza similar - ISL28272FAZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28272FAZ INTERSIL-ISL28272FAZ Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28272FAZ RENESAS-ISL28272FAZ Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
More results

Descripción similar - ISL28272FAZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271_07 Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28271 RENESAS-ISL28271 Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Intersil Corporation
ISL28270 INTERSIL-ISL28270 Datasheet
729Kb / 18P
   Dual and Quad Channel Micropower Single Supply, Rail-to-Rail Input and Output RRIO Instrumentation Amplifiers
ISL28270_0708 INTERSIL-ISL28270_0708 Datasheet
627Kb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
logo
Renesas Technology Corp
ISL28270 RENESAS-ISL28270 Datasheet
1Mb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
October 21, 2009
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
AD627 AD-AD627_16 Datasheet
977Kb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
AD627 AD-AD627_15 Datasheet
1Mb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Rev. E
AD627 AD-AD627_07 Datasheet
1Mb / 24P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
logo
Intersil Corporation
ISL28274 INTERSIL-ISL28274 Datasheet
767Kb / 18P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifier and Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com