Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL28272FAZ-T7 Datasheet(PDF) 10 Page - Intersil Corporation

No. de pieza ISL28272FAZ-T7
Descripción Electrónicos  Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28272FAZ-T7 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL28272FAZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28272FAZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28272FAZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28272FAZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL28272FAZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL28272FAZ-T7 Datasheet HTML 11Page - Intersil Corporation ISL28272FAZ-T7 Datasheet HTML 12Page - Intersil Corporation ISL28272FAZ-T7 Datasheet HTML 13Page - Intersil Corporation ISL28272FAZ-T7 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
FN6390.0
December 8, 2006
Pin Descriptions
ISL28271
16 Ld QSOP
ISL28272
16 Ld QSOP
PIN NAME
EQUIVALENT
CIRCUIT
PIN FUNCTION
2, 15
2, 15
OUT_A,B
Circuit 3
Output Voltage. A complementary Class AB common-source output stage drives
the output of each channel. When disabled, the outputs are in a high impedance
state.
3, 14
3, 14
FB+_A,B
Circuit 1A,
Circuit 1B
Positive Feedback high impedance terminals. ISL28272 input circuit is shown in
Circuit 1A, and the ISL28271 input circuit is shown in Circuit 1B.
ISL28271: to avoid offset drift, it is recommended that the terminals of the
ISL28271 are not overdriven beyond 1V and the input current must never
exceed 5mA.
4, 13
4, 13
FB-_A,B
Circuit 1A,
Circuit 1B
Negative Feedback high impedance terminals. The FB- pins connect to an
external resistor divider to individually set the desired gain of the in-amp.
ISL28272 input circuit is shown in Circuit 1A, and the ISL28271 input circuit is
shown in Circuit 1B.
ISL28271: to avoid offset drift, it is recommended that the terminals of the
ISL28271 are not overdriven beyond 1V and the input current must never
exceed 5mA.
5, 12
5, 12
IN-_A,B
Circuit 1A,
Circuit 1B
High impedance Inverting input terminals. Connect to the low side of the input
source signal. ISL28272 input circuit is shown in Circuit 1A, and the ISL28271
input circuit is shown in Circuit 1B.
ISL28271: to avoid offset drift, it is recommended that the terminals of the
ISL28271 are not overdriven beyond 1V and the input current must never
exceed 5mA.
6, 11
6, 11
IN+_A,B
Circuit 1A,
Circuit 1B
High impedance Non-inverting input terminals. Connect to the high side of the
input source signal. ISL28272 input circuit is shown in Circuit 1A, and the
ISL28271 input circuit is shown in Circuit 1B.
ISL28271: to avoid offset drift, it is recommended that the terminals of the
ISL28271 are not overdriven beyond 1V and the input current must never
exceed 5mA.
7, 10
7, 10
EN_A,B
Circuit 2
Active LOW logic pins. When pulled above 2V, the corresponding channel turns
off and OUT is high impedance. A channel is enabled when pulled below 0.8V.
Built-in pull downs define each EN pin LOW when left floating.
16
16
V+
Circuit 4
Positive Supply terminal shared by all channels.
8
8
V-
Circuit 4
Negative Supply terminal shared by all channels. Grounded for single supply
operation.
1, 9
1, 9
NC
No Connect, pins can be left floating or grounded.
IN-
V+
V-
LOGIC
PIN
V+
V-
V+
V-
OUT
CIRCUIT 3
CIRCUIT 1A
CIRCUIT 2
V+
V-
CAPACITIVELY
COUPLED
ESD CLAMP
CIRCUIT 4
V+
V-
CIRCUIT 1B
FB-
IN-
FB-
IN+
FB+
IN+
FB+
ISL28271, ISL28272


Número de pieza similar - ISL28272FAZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28272FAZ INTERSIL-ISL28272FAZ Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28272FAZ RENESAS-ISL28272FAZ Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
More results

Descripción similar - ISL28272FAZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271_07 Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28271 RENESAS-ISL28271 Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Intersil Corporation
ISL28270 INTERSIL-ISL28270 Datasheet
729Kb / 18P
   Dual and Quad Channel Micropower Single Supply, Rail-to-Rail Input and Output RRIO Instrumentation Amplifiers
ISL28270_0708 INTERSIL-ISL28270_0708 Datasheet
627Kb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
logo
Renesas Technology Corp
ISL28270 RENESAS-ISL28270 Datasheet
1Mb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
October 21, 2009
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
AD627 AD-AD627_16 Datasheet
977Kb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
AD627 AD-AD627_15 Datasheet
1Mb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Rev. E
AD627 AD-AD627_07 Datasheet
1Mb / 24P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
logo
Intersil Corporation
ISL28274 INTERSIL-ISL28274 Datasheet
767Kb / 18P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifier and Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com