Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL59483IRZ-T13 Datasheet(PDF) 7 Page - Intersil Corporation

No. de pieza ISL59483IRZ-T13
Descripción Electrónicos  Dual, 500MHz Triple, Multiplexing Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59483IRZ-T13 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL59483IRZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL59483IRZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL59483IRZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL59483IRZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL59483IRZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL59483IRZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL59483IRZ-T13 Datasheet HTML 9Page - Intersil Corporation ISL59483IRZ-T13 Datasheet HTML 10Page - Intersil Corporation ISL59483IRZ-T13 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
FN6394.1
December 22, 2006
FIGURE 13. MUX1: CROSSTALK AND OFF ISOLATION
FIGURE 14. MUX 2: CROSSTALK AND OFF ISOLATION
FIGURE 15. MUX1: INPUT NOISE vs FREQUENCY
FIGURE 16. MUX2: INPUT NOISE vs FREQUENCY
FIGURE 17. MUX 1: PSRR vs FREQUENCY
FIGURE 18. MUX 2: PSRR vs FREQUENCY
Typical Performance Curves VS = ±5V, RL = 500Ω to GND, TA = +25°C, unless otherwise specified. (Continued)
FREQUENCY (Hz)
-10
-30
-50
0.1M
1M
10M
100M
1G
-70
-90
²
OFF ISOLATION
INPUT X TO OUTPUT X
0
-20
-40
-60
-80
-100
INPUT X TO OUTPUT Y
CROSSTALK
FREQUENCY (Hz)
-10
-30
-50
0.1M
1M
10M
100M
1G
-70
-90
0
-20
-40
-60
-80
-100
VIN = 1VP-P
CROSSTALK RL = 500
INPUT X TO OUTPUT Y RL = 150
OFF ISOLATION RL = 500
INPUT X TO OUTPUT X RL = 150
60
50
40
30
20
10
0
100
1k
10k
100k
FREQUENCY (Hz)
60
50
40
30
20
10
0
100
1k
10k
100k
FREQUENCY (Hz)
FREQUENCY (Hz)
0
-10
-30
0.3M
1M
10M
100M
1G
-50
-70
PSRR (V+)
10
-20
-40
-60
20
-80
PSRR (V-)
FREQUENCY (Hz)
0.3M
1M
10M
100M
1G
0
-20
-40
-60
10
-10
-30
-50
VSOURCE = 0.5VP-P
PSRR (V-)
PSRR (V-)
ISL59483


Número de pieza similar - ISL59483IRZ-T13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL59483IRZ-T13 INTERSIL-ISL59483IRZ-T13 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59483IRZ-T13 RENESAS-ISL59483IRZ-T13 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
More results

Descripción similar - ISL59483IRZ-T13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59483 RENESAS-ISL59483 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59482 INTERSIL-ISL59482 Datasheet
680Kb / 14P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59481 RENESAS-ISL59481 Datasheet
932Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482 RENESAS-ISL59482 Datasheet
1Mb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59483 INTERSIL-ISL59483_07 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59481 INTERSIL-ISL59481_07 Datasheet
798Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482IRZ INTERSIL-ISL59482IRZ Datasheet
797Kb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
August 8, 2014
logo
Renesas Technology Corp
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com