Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TD0.33M10 Datasheet(PDF) 1 Page - NTE Electronics

No. de pieza TD0.33M10
Descripción Electrónicos  SOLID TANTALUM
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NTE [NTE Electronics]
Página de inicio  http://www.nteinc.com
Logo NTE - NTE Electronics

TD0.33M10 Datasheet(HTML) 1 Page - NTE Electronics

  TD0.33M10 Datasheet HTML 1Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOLID TANTALUM
TD (Resin Dipped Radial) SERIES
16
NTE Electronics, Inc.
D Voice (800) 631–1250 (973) 748–5089 D FAX (973) 748–6224 D http://www.nteinc.com
SOLID TANTALUM
The TD series is a range of resin dipped tantalum capacitors de-
signed for entertainment, commercial, and industrial equipment.
They have sintered anodes and solid electrolyte. The epoxy res-
in housing is flame retardent with a limiting oxygen index in ex-
cess of 30 (ASTM–D–2863).
RATINGS
Capacitance Range: 0.1
µf to 680µf
Tolerance:
±20%
Voltage Range: 6.3V to 50V
PERFORMANCE SPECIFICATIONS
Operating Temperature Range:
–55
°C to +85°C (–67°F to +185°F)
Capacitance Tolerance (M):
±20%
measured at +20
°C (+68°F), 120HZ
Dissipation Factor: measured at +20
°C (+68°F),120HZ
Capacitance Range
µf 0.1 – 1.5 2.2 – 6.8
10 – 68
100 – 680
≤ 0.04
≤ 0.06
≤ 0.08
≤ 0.10
Surge Voltage:
DC Rated Voltage
6.3
10
16
20
25
35
50
Surge Voltage
8
13
20
26
33
46
65
MECHANICAL SPECIFICATIONS
Lead Solderability:
Meets the requirements of MIL–STD 202, Method 208
Marking:
Consists of capacitance, DC voltage, and polarity.
Recommended Cleaning Solvents:
Methanol, isopropanol ethanol, isobutanol, petroleum
ether, propanol and/or commercial detergents. Halo-
genated hydrocarbon cleaning agents such as Freon
(MF, TF, or TC), trichloroethylene, trichloroethane, or
methylchloride are not recommended as they may
damage the capacitor.
D Ø Max
L Max
d
S
10 Min
2 Min
ORDERING INFORMATION
TD
47
M
50
Series
Capacitance
Tolerance
Voltage
CAPACITANCE RANGE:
(Number denotes case size)
Rated Voltage (WV)
6.3
10
16
20
25
35
50
Surge Voltage
Cap (
µf)
8
13
20
26
33
46
65
0.10
1
1
0.15
1
1
0.22
1
1
0.33
1
2
0.47
1
2
0.68
1
2
1.0
1
1
1
4
1.5
1
1
1
2
5
2.2
1
1
2
2
3
5
3.3
1
1
2
3
3
4
7
4.7
1
2
3
4
4
5
8
6.8
2
3
4
5
5
6
8
10.0
3
4
5
6
6
7
9
15.0
4
5
6
7
7
9
10
22.0
5
6
7
8
9
10
13
33.0
6
7
8
9
10
12
47.0
7
8
10
11
12
14
68.0
8
9
11
13
13
100.0
9
11
13
13
150.0
11
13
15
220.0
12
14
15
330.0
14
15
470.0
15
680.0
15
TD Series Dimensions: mm
Diameter (D Ø) x Length (L)
Case Size
Diameter
(D Ø)
Length
(L)
Lead Wire
(d)
Spacing
(S)
1
4.50
8.50
0.50
2
4.50
9.00
0.50
3
5.00
10.00
0.50
4
5.00
10.50
0.50
±
5
5.50
10.50
0.50
2.54
±0.51
6
6.00
11.50
0.50
7
6.50
11.50
0.50
8
7.00
12.00
0.40
9
8.00
13.00
0.50
10
8.50
14.00
0.50
11
9.00
14.00
0.50
12
9.00
14.50
0.50
5.08
±0.51
13
9.00
16.00
0.50
14
10.00
17.00
0.50
15
10.00
18.50
0.50
(V)


Número de pieza similar - TD0.33M10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cooper Bussmann, Inc.
TD00-D COOPER-TD00-D Datasheet
421Kb / 8P
   NH bases
logo
Eaton All Rights Reserv...
TD00-DBI EATON-TD00-DBI Datasheet
558Kb / 9P
   Complies with IEC 60269-1 and 2 fuse
TD00-DCBI EATON-TD00-DCBI Datasheet
558Kb / 9P
   Complies with IEC 60269-1 and 2 fuse
TD00-DCI EATON-TD00-DCI Datasheet
558Kb / 9P
   Complies with IEC 60269-1 and 2 fuse
TD00-DCPI EATON-TD00-DCPI Datasheet
558Kb / 9P
   Complies with IEC 60269-1 and 2 fuse
More results

Descripción similar - TD0.33M10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nichicon corporation
F931A476KAA NICHICON-F931A476KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
logo
Vishay Siliconix
594D VISHAY-594D_17 Datasheet
313Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 21-Jun-17
logo
Nichicon corporation
F920E226MPA NICHICON-F920E226MPA Datasheet
109Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
logo
Cornell Dubilier Electr...
T491T156K004AS CDE-T491T156K004AS Datasheet
277Kb / 4P
   Solid Tantalum Chip Capacitors
logo
Nichicon corporation
F950G156MPAAQ2 NICHICON-F950G156MPAAQ2_09 Datasheet
88Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931A336KBA NICHICON-F931A336KBA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
T510 KEMET-T510 Datasheet
981Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
logo
Abracon Corporation
ATCC-211B-050 ABRACON-ATCC-211B-050 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
logo
Vishay Siliconix
592D VISHAY-592D_17 Datasheet
335Kb / 25P
   Solid Tantalum Chip Capacitors
Revision: 27-Jun-17
15536 VISHAY-15536 Datasheet
523Kb / 13P
   Solid Tantalum Chip Capacitors
Revision: 16-Dec-05
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com