Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL59442IB Datasheet(PDF) 8 Page - Intersil Corporation

No. de pieza ISL59442IB
Descripción Electrónicos  1GHz, 4 x 1 Multiplexing Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59442IB Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL59442IB Datasheet HTML 3Page - Intersil Corporation ISL59442IB Datasheet HTML 4Page - Intersil Corporation ISL59442IB Datasheet HTML 5Page - Intersil Corporation ISL59442IB Datasheet HTML 6Page - Intersil Corporation ISL59442IB Datasheet HTML 7Page - Intersil Corporation ISL59442IB Datasheet HTML 8Page - Intersil Corporation ISL59442IB Datasheet HTML 9Page - Intersil Corporation ISL59442IB Datasheet HTML 10Page - Intersil Corporation ISL59442IB Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FN7452.4
January 5, 2007
AC Test Circuits
Application Circuits
FIGURE 23A. TEST CIRCUIT WITH OPTIMAL OUTPUT LOAD
FIGURE 23B. TEST CIRCUIT FOR MEASURING WITH A 50
Ω OR 75Ω
INPUT TERMINATED EQUIPMENT
FIGURE 23C. BACKLOADED TEST CIRCUIT FOR VIDEO CABLE APPLICATION. BANDWIDTH AND LINEARITY FOR RL LESS THAN 500
Ω WILL BE
DEGRADED
NOTE: Figure 23A illustrates the optimum output load for testing AC performance. Figure 23B illustrates the optimum output load when connecting
to input terminated equipment. Figure 23C illustrates back loaded test circuit for video cable.
FIGURE 24A. SMALL SIGNAL 200mVP-P APPLICATION CIRCUIT
FIGURE 24B. LARGE SIGNAL 2VP-P APPLICATION CIRCUIT
ISL59442
CL
50
Ω
VIN
500
Ω
RL
2pF
or
75
Ω
ISL59442
RS
CL
VIN
475
Ω
TEST EQUIPMENT
2pF
50
Ω
or
75
Ω
50
Ω
or
75
Ω
50
Ω
or
75
Ω
ISL59442
RS
CL
VIN
50
Ω or 75Ω
TEST EQUIPMENT
2pF
50
Ω
or
75
Ω
50
Ω
or
75
Ω
VIN
50
Ω
-
+
*CL: TOTAL LOAD CAPACITANCE
COUT: OUTPUT CAPACITANCE
CT: TRACE CAPACITANCE
COUT
RL = 500Ω
VOUT
0pF
*CL = CT + COUT
CT
1.6pF
VIN
50
Ω
RL = 500Ω
-
+
VOUT
1.6pF
22pF
25
Ω
CT
COUT
CL = CT + COUT
RS
ISL59442


Número de pieza similar - ISL59442IB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL59442IB INTERSIL-ISL59442IB Datasheet
560Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59442IB RENESAS-ISL59442IB Datasheet
681Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Intersil Corporation
ISL59442IB-T13 INTERSIL-ISL59442IB-T13 Datasheet
560Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59442IB-T13 RENESAS-ISL59442IB-T13 Datasheet
681Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Intersil Corporation
ISL59442IB-T7 INTERSIL-ISL59442IB-T7 Datasheet
560Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
More results

Descripción similar - ISL59442IB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL59442 RENESAS-ISL59442 Datasheet
681Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Intersil Corporation
ISL59442 INTERSIL-ISL59442 Datasheet
560Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
ISL59444 INTERSIL-ISL59444 Datasheet
579Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier with Synchronous Controls
logo
Renesas Technology Corp
ISL59444 RENESAS-ISL59444 Datasheet
770Kb / 13P
   1GHz, 4x1 Multiplexing Amplifier with Synchronous Controls
logo
Intersil Corporation
ISL59424 INTERSIL-ISL59424 Datasheet
780Kb / 13P
   1GHz Triple Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59424 RENESAS-ISL59424 Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59424IRZ INTERSIL-ISL59424IRZ Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
ISL59452 INTERSIL-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59452 RENESAS-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Intersil Corporation
ISL59446 INTERSIL-ISL59446 Datasheet
766Kb / 13P
   500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com