Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL21400 Datasheet(PDF) 4 Page - Intersil Corporation

No. de pieza ISL21400
Descripción Electrónicos  Programmable Temperature Slope Voltage Reference
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21400 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL21400 Datasheet HTML 1Page - Intersil Corporation ISL21400 Datasheet HTML 2Page - Intersil Corporation ISL21400 Datasheet HTML 3Page - Intersil Corporation ISL21400 Datasheet HTML 4Page - Intersil Corporation ISL21400 Datasheet HTML 5Page - Intersil Corporation ISL21400 Datasheet HTML 6Page - Intersil Corporation ISL21400 Datasheet HTML 7Page - Intersil Corporation ISL21400 Datasheet HTML 8Page - Intersil Corporation ISL21400 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
FN8091.0
December 14, 2006
VOUT(TE) Total Error for VOUT
(Notes 1, 8, 9)
±1
±2
%
VOUT1 Output Voltage VREF, Gain = 1
AV = 1, n = 255, m = 128, TA =+25°C,
VCC =5.5V
1.189
1.2
1.211
V
VOUT2 Output Voltage VREF, Gain = 2
AV = 2, n = 255, m = 128, TA =+25°C,
VCC =5.5V
2.378
2.40
2.422
V
VOUT3 Output Voltage VREF, Gain = 4
AV = 4, n = 255, m = 128, TA =+25°C,
VCC =5.5V
4.756
4.80
4.844
V
VOUT4 Output Voltage VREF + TS
AV = 1, n = 255, m = 0, TA = +85°C (Note 3)
1.315
1.326
1.337
V
VOUT5 Output Voltage VREF + TS
AV = 1, n = 255, m = 128, TA =+85°C
(Note 3)
1.188
1.199
1.210
V
VOUT6 Output Voltage VREF + TS
AV = 1, n = 255, m = 255, TA =+85°C
(Note 3)
1.063
1.074
1.085
V
VOUT7 Output Voltage VREF + TS
AV = 1, n = 255, m = 0, TA = -40°C, (Note 3)
1.052
1.063
1.074
V
VOUT8 Output Voltage VREF + TS
AV = 1, n = 255, m = 128, TA = -40°C,
(Note 3)
1.189
1.200
1.211
V
VOUT9 Output Voltage VREF + TS
AV = 1, n = 255, m = 255, TA = -40°C,
(Note 3)
1.336
1.325
1.347
V
OUTPUT VOLTAGE DC SPECIFICATIONS
PSRR
Power Supply Rejection Ratio
AV = 1, n = 255, m = 128, (Note 7)
50
60
dB
ROUT
Output Impedance (load regulation)
Given by ROUT = (ΔVOUT/ΔIOUT) ,
TA = +25°C, IOUT = ±500µA
25
Ω
ISC
Short Circuit, Sourcing
VCC = 5.5V, VOUT = 0V
5
9
mA
Short Circuit, Sinking
VCC = 5.5V, VOUT = 5.5V
6
9
mA
CL
Load Capacitance
Reference output stable for all CL up to
specifications
5nF
OUTPUT VOLTAGE AC SPECIFICATIONS
VN
Output Voltage Noise
0.1Hz to 10Hz, AV =1
90
µVp-p
10Hz to 10kHz, CL = 0, AV = 1
TBD
mVRMS
Power On Response
1% Settling
500
µs
Line Ripple Rejection
VCC = 5V ±100mV, f = 120Hz
60
dB
Analog Specifications
VCC = 5.5V, TA = 25°C to +85°C, unless otherwise noted
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(Note 2)
MAX
UNITS
Serial Interface Specification (for SCL, SDA, A0, A1, A2 unless specified otherwise)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(Note 2)
MAX
UNITS
ILI
Input Leakage
VIN = GND to VCC
1V
VIL
Input LOW Voltage
-0.3
0.3 x VCC
V
VIH
Input HIGH Voltage
0.7 x VCC
VCC + 0.3
V
Hysteresis
SDA and SCL Input Buffer
Hysteresis
0.05 x VCC
V
VOL
SDA Output Buffer LOW Voltage
IOL = 3mA
0
0.4
V
Cpin
Pin Capacitance
(Note 3)
10
pF
fSCL
SCL Frequency
(Note 3)
400
kHz
ISL21400


Número de pieza similar - ISL21400

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL21400 INTERSIL-ISL21400 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL21400 RENESAS-ISL21400 Datasheet
838Kb / 17P
   Programmable Temperature Slope Voltage Reference
ISL21400IU8Z RENESAS-ISL21400IU8Z Datasheet
838Kb / 17P
   Programmable Temperature Slope Voltage Reference
ISL21400IU8Z-TK RENESAS-ISL21400IU8Z-TK Datasheet
838Kb / 17P
   Programmable Temperature Slope Voltage Reference
ISL21400USB-EVALZ RENESAS-ISL21400USB-EVALZ Datasheet
838Kb / 17P
   Programmable Temperature Slope Voltage Reference
More results

Descripción similar - ISL21400

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL21400 RENESAS-ISL21400 Datasheet
838Kb / 17P
   Programmable Temperature Slope Voltage Reference
logo
AUK corp
A431X AUK-A431X Datasheet
375Kb / 6P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431_07 Datasheet
243Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431XSF AUK-SL431XSF_1 Datasheet
346Kb / 6P
   Programmable Voltage Reference
SL431XM AUK-SL431XM Datasheet
384Kb / 4P
   Programmable Voltage Reference
logo
STMicroelectronics
TL1431 STMICROELECTRONICS-TL1431_05 Datasheet
267Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431X AUK-SL431X Datasheet
355Kb / 6P
   Programmable Voltage Reference
logo
KODENSHI_AUK CORP.
SG431 KODENSHI-SG431 Datasheet
471Kb / 14P
   Programmable Voltage Reference
SR431 KODENSHI-SR431 Datasheet
467Kb / 14P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431CCT STMICROELECTRONICS-TL431CCT Datasheet
939Kb / 21P
   Programmable voltage reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com