Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
X1288S16I Datasheet(PDF) 2 Page - Intersil Corporation |
|
X1288S16I Datasheet(HTML) 2 Page - Intersil Corporation |
2 / 27 page 2 FN8102.3 April 14, 2006 PIN DESCRIPTIONS X1 X2 VBACK VCC NC PHZ/IRQ NC VSS 1 2 3 4 13 14 12 11 14 Ld TSSOP NC NC SCL NC RESET SDA 5 6 7 9 10 8 16 Ld SOIC 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 X1 X2 NC VSS NC NC RESET NC VBACK VCC PHZ/IRQ NC SCL NC SDA NC NC = No internal connection Ordering Information PART NUMBER PART MARKING VCC RANGE (V) VTRIP RANGE OPERATING TEMP RANGE (°C) PACKAGE X1288S16-4.5A* X1288S AL 4.5 to 5.5 4.63V±112mV 0 to 70 16 Ld SOIC X1288S16I-4.5A* X1288S AM -40 to +85 16 Ld SOIC X1288V14-4.5A* X1288V AL 0 to 70 14 Ld TSSOP X1288V14Z-4.5A* (Note) X1288V ZAL 0 to 70 14 Ld TSSOP (Pb-free) X1288V14I-4.5A* X1288V AM -40 to +85 14 Ld TSSOP X1288V14IZ-4.5A* (Note) X1288V ZAM -40 to +85 14 Ld TSSOP (Pb-free) X1288S16* X1288S 4.38V±112mV 0 to 70 16 Ld SOIC X1288S16I* X1288S I -40 to +85 16 Ld SOIC X1288V14* X1288V 0 to 70 14 Ld TSSOP X1288V14Z* (Note) X1288V Z 0 to 70 14 Ld TSSOP (Pb-free) X1288V14I* X1288V I -40 to +85 14 Ld TSSOP X1288V14IZ* (Note) X1288V ZI -40 to +85 14 Ld TSSOP (Pb-free) X1288S16-2.7A* X1288S AN 2.7 to 5.5 2.85V±100mV 0 to 70 16 Ld SOIC X1288S16I-2.7A* X1288S AP -40 to +85 16 Ld SOIC X1288V14-2.7A* X1288V AN 0 to 70 14 Ld TSSOP X1288V14Z-2.7A* (Note) X1288V ZAN 0 to 70 14 Ld TSSOP (Pb-free) X1288V14I-2.7A* X1288V AP -40 to +85 14 Ld TSSOP X1288V14IZ-2.7A* (Note) X1288V ZAP -40 to +85 14 Ld TSSOP (Pb-free) X1288S16-2.7* X1288S F 2.65V±100mV 0 to 70 16 Ld SOIC X1288S16I-2.7* X1288S G -40 to +85 16 Ld SOIC X1288V14-2.7* X1288V F 0 to 70 14 Ld TSSOP X1288V14Z-2.7* (Note) X1288V ZF 0 to 70 14 Ld TSSOP (Pb-free) X1288V14I-2.7* X1288V G -40 to +85 14 Ld TSSOP X1288V14IZ-2.7* (Note) X1288V ZG -40 to +85 14 Ld TSSOP (Pb-free) *Add "T1" suffix for tape and reel. NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. X1288 |
Número de pieza similar - X1288S16I |
|
Descripción similar - X1288S16I |