Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDS6675 Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza FDS6675
Descripción Electrónicos  Single P-Channel, Logic Level, PowerTrenchTM MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6675 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDS6675 Datasheet HTML 1Page - Fairchild Semiconductor FDS6675 Datasheet HTML 2Page - Fairchild Semiconductor FDS6675 Datasheet HTML 3Page - Fairchild Semiconductor FDS6675 Datasheet HTML 4Page - Fairchild Semiconductor FDS6675 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FDS6675 Rev.C2
Typical Electrical Characteristics
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Dain Current and Gate Voltage.
Figure 3. On-Resistance Variation with
Temperature.
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage
Variation with Source Current
and Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
0.6
1.2
1.8
2.4
3
0
10
20
30
40
50
- V
, DRAIN-SOURCE VOLTAGE (V)
DS
-6.0V
-3.5V
-3.0V
V
= -10V
GS
-4.5V
0
10
20
30
40
50
0.5
1
1.5
2
2.5
- I
, DRAIN CURRENT (A)
D
V
= -3.5V
GS
-10V
-7.0V
-4.0V
-5.5V
-4.5 V
0
2
4
6
8
10
0
0.01
0.02
0.03
0.04
0.05
- V
, GATE TO SOURCE VOLTAGE (V)
GS
25° C
I
= -5.5A
D
T = 125° C
J
1
2
3
4
5
0
10
20
30
40
50
- V
, GATE TO SOURCE VOLTAGE (V)
V
= -5.0V
DS
GS
T = -55° C
J
125° C
25° C
0
0.4
0.8
1.2
0.001
0.01
0.1
1
10
50
- V
, BODY DIODE FORWARD VOLTAGE (V)
25° C
-55° C
V
= 0V
GS
SD
T = 125° C
J
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1
1.2
1.4
1.6
T , JUNCTION TEMPERATURE (° C)
J
V
= -10V
GS
I = -11A
D


Número de pieza similar - FDS6675

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS6675 FAIRCHILD-FDS6675 Datasheet
247Kb / 5P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
logo
Guangdong Youtai Semico...
FDS6675 UMW-FDS6675 Datasheet
358Kb / 6P
   -30V P-Channel MOSFET
logo
Fairchild Semiconductor
FDS6675A FAIRCHILD-FDS6675A Datasheet
107Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDS6675BZ FAIRCHILD-FDS6675BZ Datasheet
360Kb / 6P
   P-Channel PowerTrench MOSFET -30V, -11A, 13mOhm
FDS6675BZ FAIRCHILD-FDS6675BZ Datasheet
457Kb / 6P
   P-Channel PowerTrench짰 MOSFET
More results

Descripción similar - FDS6675

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
SI4425DY FAIRCHILD-SI4425DY Datasheet
119Kb / 5P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6575 FAIRCHILD-FDS6575 Datasheet
247Kb / 8P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDR858P FAIRCHILD-FDR858P Datasheet
261Kb / 8P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDC658P FAIRCHILD-FDC658P Datasheet
249Kb / 8P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6675 FAIRCHILD-FDS6675 Datasheet
247Kb / 5P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6685 FAIRCHILD-FDS6685 Datasheet
204Kb / 8P
   P-Channel Logic Level PowerTrenchTM MOSFET
FDS4435 FAIRCHILD-FDS4435 Datasheet
637Kb / 8P
   P-Channel Logic Level PowerTrenchTM MOSFET
FDS4953 FAIRCHILD-FDS4953 Datasheet
249Kb / 8P
   Dual P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6975 FAIRCHILD-FDS6975 Datasheet
249Kb / 8P
   Dual P-Channel, Logic Level, PowerTrenchTM MOSFET
FDR8308P FAIRCHILD-FDR8308P Datasheet
268Kb / 8P
   Dual P-Channel, Logic Level, PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com