Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDS6676AS Datasheet(PDF) 7 Page - Fairchild Semiconductor

No. de pieza FDS6676AS
Descripción Electrónicos  30V N-Channel PowerTrench짰 SyncFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6676AS Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FDS6676AS Datasheet HTML 1Page - Fairchild Semiconductor FDS6676AS Datasheet HTML 2Page - Fairchild Semiconductor FDS6676AS Datasheet HTML 3Page - Fairchild Semiconductor FDS6676AS Datasheet HTML 4Page - Fairchild Semiconductor FDS6676AS Datasheet HTML 5Page - Fairchild Semiconductor FDS6676AS Datasheet HTML 6Page - Fairchild Semiconductor FDS6676AS Datasheet HTML 7Page - Fairchild Semiconductor FDS6676AS Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
FDS6676AS Rev B
Typical Characteristics
VDS
L
Figure 15. Unclamped Inductive Load Test
Circuit
Figure 16. Unclamped Inductive
Waveforms
Figure 20. Switching Time Waveforms
RGE
DUT
VGS
IAS
0.01
VDD
+
-
tp
0V
vary tP to obtain
required peak IAS
VGS
tAV
tP
IAS
VDS
VDD
BVDSS
Figure 19. Switching Time Test
Circuit
VDS
RL
RGEN
DUT
VDD
VGS
Pulse Width
≤ 1µs
Duty Cycle
≤ 0.1%
VGS
+
-
tr
tf
td(ON)
td(OFF
)
tON
tOFF
Pulse Width
10%
10%
90%
10%
90%
50%
90%
50%
0V
0V
VGS
VDS
Figure 17. Gate Charge Test Circuit
Figure 18. Gate Charge Waveform
VGS
QGS
QGD
QG(TOT)
10V
Charge, (nC)
DUT
VDD
VGS
Ig(REF
+
-
+
-
Same type as
Drain Current
1
µF
10
µF
10V
50k


Número de pieza similar - FDS6676AS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS6676AS FAIRCHILD-FDS6676AS Datasheet
542Kb / 8P
   30V N-Channel PowerTrench SyncFET
logo
Guangdong Youtai Semico...
FDS6676AS UMW-FDS6676AS Datasheet
480Kb / 8P
   30V N-Channel MOSFET
logo
Fairchild Semiconductor
FDS6676AS FAIRCHILD-FDS6676AS_08 Datasheet
846Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
More results

Descripción similar - FDS6676AS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS6299S FAIRCHILD-FDS6299S_07 Datasheet
603Kb / 6P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6670AS FAIRCHILD-FDS6670AS_08 Datasheet
748Kb / 7P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6688AS FAIRCHILD-FDS6688AS Datasheet
789Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6676AS FAIRCHILD-FDS6676AS_08 Datasheet
846Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6690AS FAIRCHILD-FDS6690AS_08 Datasheet
759Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDP6670AS FAIRCHILD-FDP6670AS_08 Datasheet
789Kb / 7P
   30V N-Channel PowerTrench짰 SyncFET?
FDD6680AS FAIRCHILD-FDD6680AS_08 Datasheet
332Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDS8672S FAIRCHILD-FDS8672S Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 SyncFET??30V, 18A, 4.8m廓
FDMS8672AS FAIRCHILD-FDMS8672AS Datasheet
243Kb / 8P
   N-Channel PowerTrench짰 SyncFET 30V, 28A, 5.0m廓
FDMS8660AS FAIRCHILD-FDMS8660AS Datasheet
235Kb / 8P
   N-Channel PowerTrench짰 SyncFET 30V, 49A, 2.1m廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com