Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FIN1028MPX Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FIN1028MPX
Descripción Electrónicos  3.3V LVDS 2-Bit High Speed Differential Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1028MPX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FIN1028MPX Datasheet HTML 1Page - Fairchild Semiconductor FIN1028MPX Datasheet HTML 2Page - Fairchild Semiconductor FIN1028MPX Datasheet HTML 3Page - Fairchild Semiconductor FIN1028MPX Datasheet HTML 4Page - Fairchild Semiconductor FIN1028MPX Datasheet HTML 5Page - Fairchild Semiconductor FIN1028MPX Datasheet HTML 6Page - Fairchild Semiconductor FIN1028MPX Datasheet HTML 7Page - Fairchild Semiconductor FIN1028MPX Datasheet HTML 8Page - Fairchild Semiconductor FIN1028MPX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2004 Fairchild Semiconductor Corporation
DS500503
www.fairchildsemi.com
March 2001
Revised May 2004
FIN1028
3.3V LVDS 2-Bit High Speed Differential Receiver
General Description
This dual receiver is designed for high speed interconnects
utilizing Low Voltage Differential Signaling (LVDS) technol-
ogy. The receiver translates LVDS levels, with a typical dif-
ferential input threshold of 100 mV, to LVTTL signal levels.
LVDS provides low EMI at ultra low power dissipation even
at high frequencies. This device is ideal for high speed
transfer of clock and data.
The FIN1028 can be paired with its companion driver, the
FIN1027, or any other LVDS driver.
Features
s Greater than 400Mbs data rate
s 3.3V power supply operation
s 0.4ns maximum differential pulse skew
s 2.5ns maximum propagation delay
s Low power dissipation
s Power-Off protection
s Fail safe protection for open-circuit, shorted and
terminated conditions
s Meets or exceeds the TIA/EIA-644 LVDS standard
s Flow-through pinout simplifies PCB layout
Ordering Code:
Note 1: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Pin Descriptions
Function Table
H
= HIGH Logic Level
L
= LOW Logic Level
Fail Safe
= Open, Shorted, Terminated
Connection Diagrams
Pin Assignment for SOIC
(Top View)
Terminal Assignments for MLP
(Top Through View)
Order Number
Package Number
Package Description
FIN1028M
(Note 1)
M08A
8-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
FIN1028K8X
(Preliminary)
MAB08A
8-Lead US8, JEDEC MO-187, Variation CA 3.1mm Wide
[TAPE and REEL]
FIN1028MPX
(Preliminary)
MLP08C
8-Terminal Molded Leadless Package (MLP) Dual, MO-229, 2mm Square
[TAPE and REEL]
Pin Name
Description
ROUT1, ROUT2
LVTTL Data Outputs
RIN1+, RIN2+
Non-inverting LVDS Inputs
RIN1−, RIN2−
Inverting LVDS Inputs
VCC
Power Supply
GND
Ground
Input
Outputs
RIN+
RIN+
ROUT
LH
L
HL
H
Fail Safe Condition
H


Número de pieza similar - FIN1028MPX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FIN1028MPX FAIRCHILD-FIN1028MPX Datasheet
1Mb / 9P
   3.3V LVDS 2-Bit High Speed Differential Receiver
More results

Descripción similar - FIN1028MPX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FIN1026 FAIRCHILD-FIN1026 Datasheet
226Kb / 5P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1028 FAIRCHILD-FIN1028 Datasheet
1Mb / 9P
   3.3V LVDS 2-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1028 ONSEMI-FIN1028 Datasheet
750Kb / 12P
   3.3V LVDS 2-Bit High-Speed Differential Receiver
August 2008 Rev. 1.0.2
logo
Fairchild Semiconductor
FIN1018 FAIRCHILD-FIN1018 Datasheet
1Mb / 8P
   3.3V LVDS 1-Bit High Speed Differential Receiver
FIN1032 FAIRCHILD-FIN1032 Datasheet
246Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1032 ONSEMI-FIN1032 Datasheet
340Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Receiver
Revised December 2001
FIN1018 ONSEMI-FIN1018 Datasheet
1Mb / 10P
   3.3V LVDS 1-Bit High Speed Differential Receiver
Revised April 2002
logo
Fairchild Semiconductor
FIN1027 FAIRCHILD-FIN1027 Datasheet
946Kb / 12P
   3.3V LVDS 2-Bit High Speed Differential Driver
FIN1025 FAIRCHILD-FIN1025 Datasheet
264Kb / 7P
   3.3V LVDS 2-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1027A ONSEMI-FIN1027A Datasheet
752Kb / 13P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
April 2009 Rev. 1.0.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com