Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL6115CBZA Datasheet(PDF) 1 Page - Intersil Corporation

No. de pieza ISL6115CBZA
Descripción Electrónicos  Power Distribution Controllers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6115CBZA Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6115CBZA Datasheet HTML 1Page - Intersil Corporation ISL6115CBZA Datasheet HTML 2Page - Intersil Corporation ISL6115CBZA Datasheet HTML 3Page - Intersil Corporation ISL6115CBZA Datasheet HTML 4Page - Intersil Corporation ISL6115CBZA Datasheet HTML 5Page - Intersil Corporation ISL6115CBZA Datasheet HTML 6Page - Intersil Corporation ISL6115CBZA Datasheet HTML 7Page - Intersil Corporation ISL6115CBZA Datasheet HTML 8Page - Intersil Corporation ISL6115CBZA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN9100.4
ISL6115, ISL6116, ISL6117, ISL6120
Power Distribution Controllers
This family of fully featured hot swap power controllers
targets applications in the +2.5V to +12V range. The
ISL6115 is for +12V control, the ISL6116 for +5V, the
ISL6117 for +3.3V and the ISL6120 for +2.5V control
applications. Each has a hard wired undervoltage (UV)
monitoring and reporting threshold level approximately 80%
of the aforementioned voltage.
The ISL6115 has an integrated charge pump allowing
control of up to +16V rails using an external N-Channel
MOSFET whereas the other devices utilize the +12V bias
voltage to fully enhance the N-channel pass FET. All ICs
feature programmable overcurrent (OC) detection, current
regulation (CR) with time delay to latch-off and soft-start.
The current regulation level is set by 2 external resistors;
RISET sets the CR Vth and the other is a low ohmic sense
element across, which the CR Vth is developed. The CR
duration is set by an external capacitor on the CTIM pin,
which is charged with a 20µA current once the CR Vth level
is reached. If the voltage on the CTIM cap reaches 1.9V the
IC then quickly pulls down the GATE output latching off the
pass FET.
This family although designed for high side switch control the
ISL6116, ISL6117, ISL6120 can also be used in a low side
configuration for control of much higher voltage potentials.
Features
• HOT SWAP Single Power Distribution Control (ISL6115
for +12V, ISL6116 for +5V, ISL6117 for +3.3V and ISL6120
for +2.5V)
• Overcurrent Fault Isolation
• Programmable Current Regulation Level
• Programmable Current Regulation Time to Latch-Off
• Rail to Rail Common Mode Input Voltage Range (ISL6115)
• Internal Charge Pump Allows the use of N-Channel
MOSFET for +12V control (ISL6115)
• Undervoltage and Overcurrent Latch Indicators
• Adjustable Turn-On Ramp
• Protection During Turn On
• Two Levels of Overcurrent Detection Provide Fast
Response to Varying Fault Conditions
• 1µs Response Time to Dead Short
• Pb-Free Plus Anneal Available (RoHS Compliant)
• Tape & Reel Packing with ‘-T’ Part Number Suffix
Applications
• Power Distribution Control
• Hot Plug Components and Circuitry
Pinout
ISL6115, ISL6116, ISL6117, ISL6120
(8 LD SOIC)
TOP VIEW
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE (°C) PACKAGE
PKG.
DWG. #
ISL6115CB*
ISL61 15CB
0 to +85
8 Ld SOIC
M8.15
ISL6116CB*
ISL61 16CB
0 to +85
8 Ld SOIC
M8.15
ISL6117CB*
ISL61 17CB
0 to +85
8 Ld SOIC
M8.15
ISL6120CB*
ISL61 20CB
0 to +85
8 Ld SOIC
M8.15
ISL6115CBZA*
(Note)
6115 CBZ
0 to +85
8 Ld SOIC
(Pb-free)
M8.15
ISL6116CBZA*
(Note)
6116 CBZ
0 to +85
8 Ld SOIC
(Pb-free)
M8.15
ISL6117CBZA*
(Note)
6117 CBZ
0 to +85
8 Ld SOIC
(Pb-free)
M8.15
ISL6120CBZA*
(Note)
6120 CBZ
0 to +85
8 Ld SOIC
(Pb-free)
M8.15
*Add “-T” suffix for tape and reel.
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.
ISET
ISEN
GATE
VSS
1
2
3
4
8
7
6
5
PWRON
PGOOD
CTIM
VDD
Data Sheet
February 6, 2007
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004-2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Número de pieza similar - ISL6115CBZA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL6115CBZA INTERSIL-ISL6115CBZA Datasheet
321Kb / 13P
   Power Distribution Controllers
ISL6115CBZA INTERSIL-ISL6115CBZA Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6115CBZA INTERSIL-ISL6115CBZA Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
logo
Renesas Technology Corp
ISL6115CBZA RENESAS-ISL6115CBZA Datasheet
716Kb / 14P
   Power Distribution Controllers
logo
Intersil Corporation
ISL6115CBZA-T INTERSIL-ISL6115CBZA-T Datasheet
321Kb / 13P
   Power Distribution Controllers
April 29, 2010
More results

Descripción similar - ISL6115CBZA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
HIP1015 INTERSIL-HIP1015 Datasheet
200Kb / 10P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
HIP1015 INTERSIL-HIP1015_03 Datasheet
190Kb / 9P
   Power Distribution Controllers
logo
Renesas Technology Corp
ISL6115 RENESAS-ISL6115 Datasheet
716Kb / 14P
   Power Distribution Controllers
logo
Intersil Corporation
ISL6115CBZA-T INTERSIL-ISL6115CBZA-T Datasheet
321Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
logo
Renesas Technology Corp
HIP1015 RENESAS-HIP1015 Datasheet
586Kb / 9P
   Power Distribution Controllers
March 2003
logo
Intersil Corporation
ISL6115 INTERSIL-ISL6115 Datasheet
321Kb / 13P
   Power Distribution Controllers
ISL6115A INTERSIL-ISL6115A Datasheet
220Kb / 10P
   12V Power Distribution Controllers
ISL6115AIBZ INTERSIL-ISL6115AIBZ Datasheet
336Kb / 10P
   12V Power Distribution Controllers
April 23, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com