Nombre de pieza
         Descripción
BQ24751

 Host-controlled Multi-chemistry Battery Charger with System Power Selector, AC Over-Power Protection, and Programmable OVP ( 39 Page)


TI
100% 
Zoom Out Zoom In
 
 3 page
background image
www.ti.com
VREF
R1432kW
R2
66.5
kW
10kW
R4
R3422kW
R571kW
RAC
RSR
(1) Pull-uprailcouldbeeitherVREForothersystemrail .
(2) SRSET/ACSET couldcomefromeitherDACorresistordividers .
Q2 (ACFET)
SI4435
Q3(BATFET)
SI4435
P
P
ACN
ACP
ACDRV
ACDET
ACGOOD
PVCC
BATDRV
HIDRV
PH
BTST
REGN
LODRV
PGND
SRP
SRN
P
PACK+
PACK-
SYSTEM
ADAPTER+
ADAPTER-
ACGOOD
AGND
bq24751
C8
Q4
FDS6680A
Q5
FDS6680A
C9
L1
D1
BAT54
C4
BAT
OVPSET
LEARN
ACOP
Q1 (ACFET)
SI4435
C3
C2
0.1 F
m
0.1 F
m
0.010 W
1 F
m
C6
10 F
m
C7
10 F
m
0.010 W
C12
10 F
m
0.1 F
m
C13
0.1 F
m
C11
10 F
m
0.1 F
m
C15
0.1 F
m
C16
0.47 F
m
8.2 H
m
PowerPad
SRSET
ACSET
VREF
CELLS
CHGEN
VDAC
VADJ
GPIO
ADC
IADAPT
HOST
C4
1 F
m
C5
100pF
66.5kW
R9
R8
100kW
43kW
R7
R6
100kW
C19
10 F
m
C1
10 F
m
C18
10 F
m
C17
10 F
m
R10100kW
C10
1 F
m
PACKAGE THERMAL DATA
SLUS734 – DECEMBER 2006
VIN = 20 V, VBAT = 3-cell Li-Ion, Icharge = 3 A, Iadapter_limit = 4 A
Figure 2. Typical System Schematic, Voltage and Current Programmed by Resistor
ORDERING INFORMATION
Part number
Package
Ordering Number
Quantity
(Tape and Reel)
bq24751RHDR
3000
bq24751
28-PIN 5 x 5 mm QFN
bq24751RHDT
250
PACKAGE
θ
JA
TA = 70°C POWER RATING
DERATING FACTOR ABOVE TA = 25°C
QFN – RHD(1)(2)
39
°C/W
2.36 W
0.028 W/
°C
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
(2)
This data is based on using the JEDEC High-K board and the exposed die pad is connected to a Cu pad on the board. This is
connected to the ground plane by a 2x3 via matrix.
3
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
BQ24750Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection 1 2 3 4 5 MoreTexas Instruments
BQ24750_07Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection 1 2 3 4 5 MoreTexas Instruments
BQ24740_07Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect 1 2 3 4 5 MoreTexas Instruments
BQ24740Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect 1 2 3 4 5 MoreTexas Instruments
MAX1909Multichemistry Battery Charger with Automatic System Power Selector 1 2 3 4 5 MoreMaxim Integrated Products
BQ24721_07ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR 1 2 3 4 5 MoreTexas Instruments
MAX8600Single-/Dual-Input 1-Cell Li+ Chargers with OVP Protection and Programmable Charge Timer 1 2 3 4 5 MoreMaxim Integrated Products
MAX13634-Channel 12-Bit System Monitors with Programmable Trip Window and SMBus Alert Response 1 2 3 4 5 MoreMaxim Integrated Products
ISL1209_06Low Power RTC with Battery Backed SRAM and Event Detection 1 2 3 4 5 MoreIntersil Corporation
ISL12020Low Power RTC with VDD Battery Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Day Light Saving 1 2 3 4 5 MoreIntersil Corporation

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl