Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CDC421212 Datasheet(PDF) 6 Page - Texas Instruments |
|
CDC421212 Datasheet(HTML) 6 Page - Texas Instruments |
6 / 18 page www.ti.com CDC421xxx SLAS540 – APRIL 2007 Table 5. Phase Noise Parameters With LVCMOS Input of 31.2500 MHz and LVPECL Output at 125.00 MHz PARAMETER MIN TYP MAX UNIT Phase Noise Specifications Under Following Conditions: fin = 31.2500 MHz, fout = 125.00 MHz phn100 Phase noise at 100 Hz –108 dBc/Hz phn1K Phase noise at 1 kHz –118 dBc/Hz phn10k Phase noise at 10 kHz –127 dBc/Hz phn100k Phase noise at 100 kHz –130 dBc/Hz phn1M Phase noise at 1 MHz –139 dBc/Hz phn10M Phase noise at 10 MHz –147 dBc/Hz phn20M Phase noise at 20 MHz –147 dBc/Hz JRMS RMS jitter integrated from 12 kHz to 20 MHz 529 fs Tj Total jitter 47.47 ps Dj Deterministic jitter 25.2 ps Table 6. Phase Noise Parameters With LVCMOS Input of 31.2500 MHz and LVPECL Output at 156.25 MHz PARAMETER MIN TYP MAX UNIT Phase Noise Specifications Under Following Conditions: fin = 31.2500 MHz, fout = 156.25 MHz phn100 Phase noise at 100 Hz –106 dBc/Hz phn1K Phase noise at 1 kHz –117 dBc/Hz phn10k Phase noise at 10 kHz –126 dBc/Hz phn100k Phase noise at 100 kHz –128 dBc/Hz phn1M Phase noise at 1 MHz –139 dBc/Hz phn10M Phase noise at 10 MHz –147 dBc/Hz phn20M Phase noise at 20 MHz –147 dBc/Hz JRMS RMS jitter integrated from 12 kHz to 20 MHz 472 fs Tj Total jitter 31.54 ps Dj Deterministic jitter 9.12 ps Table 7. Phase Noise Parameters With LVCMOS Input of 35.4167 MHz and LVPECL Output at 212.50 MHz PARAMETER MIN TYP MAX UNIT Phase Noise Specifications Under Following Conditions: fin = 35.4167 MHz, fout = 212.50 MHz phn100 Phase noise at 100 Hz –105 dBc/Hz phn1K Phase noise at 1 kHz –115 dBc/Hz phn10k Phase noise at 10 kHz –119 dBc/Hz phn100k Phase noise at 100 kHz –123 dBc/Hz phn1M Phase noise at 1 MHz –135 dBc/Hz phn10M Phase noise at 10 MHz –148 dBc/Hz phn20M Phase noise at 20 MHz –148 dBc/Hz JRMS RMS jitter integrated from 12 kHz to 20 MHz 512 fs Tj Total jitter 33.96 ps Dj Deterministic jitter 13.78 ps 6 Submit Documentation Feedback |
Número de pieza similar - CDC421212 |
|
Descripción similar - CDC421212 |