Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FST34170MTDX_NL Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FST34170MTDX_NL
Descripción Electrónicos  17-Bit to 34-Bit Multiplexer/Demultiplexer Bus Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST34170MTDX_NL Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FST34170MTDX_NL Datasheet HTML 1Page - Fairchild Semiconductor FST34170MTDX_NL Datasheet HTML 2Page - Fairchild Semiconductor FST34170MTDX_NL Datasheet HTML 3Page - Fairchild Semiconductor FST34170MTDX_NL Datasheet HTML 4Page - Fairchild Semiconductor FST34170MTDX_NL Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500450
www.fairchildsemi.com
October 2000
Revised January 2005
FST34170
17-Bit to 34-Bit Multiplexer/Demultiplexer Bus Switch
General Description
The Fairchild Switch FST34170 is a 17-bit to 34-bit high-
speed CMOS TTL-compatible multiplexer/demultiplexer
bus switch. The low on resistance of the switch allows
inputs to be connected to outputs without adding propaga-
tion delay or generating additional ground bounce noise.
The device can be used in applications where two buses
need to be addressed simultaneously. The FST34170 is
designed so that the A Port demultiplexes into B1 or B2 or
both.
Two select (SEL1, SEL2) inputs provide switch enable con-
trol.
Features
■ Slower Output Enable times prevent signal disruption
■ 4
: switch connection between two ports
■ Minimal propagation delay through the switch
■ Low lCC
■ Zero bounce in flow-through mode
■ Control inputs compatible with TTL level
■ See Applications Note AN-5008 for details
Ordering Code:
Note 1: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Note 2: “_NL” indicates Pb-Free product (per JEDEC J-STD-020B). Device is available in Tape and Reel only.
UHC
¥ is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package
Number
Package Description
FST34170MTD
(Note 1)
MTD56
56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
FST34170MTDX_NL
(Note 2)
MTD56
Pb-Free 56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153,
6.1mm Wide


Número de pieza similar - FST34170MTDX_NL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FST34170MTD FAIRCHILD-FST34170MTD Datasheet
135Kb / 4P
   17-Bit to 34-Bit Multiplexer/Demultiplexer Bus Switch
More results

Descripción similar - FST34170MTDX_NL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FST34170 FAIRCHILD-FST34170 Datasheet
135Kb / 4P
   17-Bit to 34-Bit Multiplexer/Demultiplexer Bus Switch
FST16233 FAIRCHILD-FST16233 Datasheet
100Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
FSTU32160A FAIRCHILD-FSTU32160A Datasheet
96Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
FST16233MTDX FAIRCHILD-FST16233MTDX Datasheet
101Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
FST16292 FAIRCHILD-FST16292 Datasheet
95Kb / 5P
   12-Bit to 24-Bit Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
FST16233 ONSEMI-FST16233 Datasheet
203Kb / 8P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
Revised November 2000
logo
Texas Instruments
SN74CBT16390 TI-SN74CBT16390_08 Datasheet
333Kb / 11P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
logo
Fairchild Semiconductor
FST16232 FAIRCHILD-FST16232 Datasheet
98Kb / 6P
   Synchronous 16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
logo
Texas Instruments
SN74CBT16390 TI-SN74CBT16390 Datasheet
75Kb / 5P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
SN74CBT16390 TI-SN74CBT16390_07 Datasheet
303Kb / 11P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com