Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSC2005I Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No. de pieza TSC2005I
Descripción Electrónicos  1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TSC2005I Datasheet(HTML) 4 Page - Burr-Brown (TI)

  TSC2005I Datasheet HTML 1Page - Burr-Brown (TI) TSC2005I Datasheet HTML 2Page - Burr-Brown (TI) TSC2005I Datasheet HTML 3Page - Burr-Brown (TI) TSC2005I Datasheet HTML 4Page - Burr-Brown (TI) TSC2005I Datasheet HTML 5Page - Burr-Brown (TI) TSC2005I Datasheet HTML 6Page - Burr-Brown (TI) TSC2005I Datasheet HTML 7Page - Burr-Brown (TI) TSC2005I Datasheet HTML 8Page - Burr-Brown (TI) TSC2005I Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
www.ti.com
TSC2005
SBAS379A – DECEMBER 2006 – REVISED MAY 2007
ELECTRICAL CHARACTERISTICS (continued)
At T
A = –40°C to +85°C, SNSVDD = VREF = +1.6V to +3.6V, I/OVDD = +1.2V to +3.6V, unless otherwise noted.
TSC2005
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER-SUPPLY REQUIREMENTS
Power-supply voltage
SNSVDD(5)
Specified performance
1.6
3.6
V
I/OVDD(6)
1.2
SNSVDD
V
With filter, M = 15, W = 7, PSM = 1, C[3:0] = (0,0,0,0),
RM = 1, CL[1:0] = (0,1), BTD[2:0] = (1,0,1), 50SSPS,
MAVEX = MAVEY = MAVEZ = 1, SNSVDD = I/OVDD =
383
µA
REF = 1.6V, fADC = 2MHz, fSCLK = 10MHz, sensor drivers
supply included
Bypass filter, M = W = 1, PSM = 1, C[3:0] = (0,0,0,0),
RM = 1, CL[1:0] = (0,1), MAVEX = MAVEY = MAVEZ =
361
µA
1, SNSVDD = I/OVDD = REF = 1.6V, fADC = 2MHz, fSCLK
= 10MHz, sensor drivers supply included
Bypass filter, M = W = 1, C[3:0] = (0,1,0,1), RM = 1,
CL[1:0] = (0,1), non-cont AUX mode, SNSVDD =
481
µA
I/OVDD = REF = 1.6V, fADC = 2MHz, fSCLK = 10MHz
Quiescent supply current(7)
Bypass filter, M = W = 1, C[3:0] = (0,1,0,1), RM = 1,
CL[1:0] = (0,1), non-cont AUX mode, SNSVDD = 3V,
943
µA
I/OVDD = REF = 1.6V, fADC = 2MHz, fSCLK = 10MHz
With filter, M = 7, W = 3, C[3:0] = (0,1,0,1), RM = 1,
CL[1:0] = (0,1), MAVEAUX = 1, non-cont AUX mode,
SNSVDD = I/OVDD = REF = 1.6V, fADC = 2MHz, fSCLK =
522
µA
3.5MHz, full speed, (~13kSPS effective rate, 91kSPS
equivalent rate)
With filter, M = 7, W = 3, C[3:0] = (0,1,0,1), RM = 1,
CL[1:0] = (0,1), MAVEAUX = 1, non-cont AUX mode,
SNSVDD = I/OVDD = REF = 1.6V, fADC = 2MHz, fSCLK =
47
µA
3.5MHz, reduced speed, (~1.17kSPS effective rate,
8.2kSPS equivalent rate)
Power down supply current
CS high, SCLK = 0
0
0.8
µA
(5)
TSC2005 functions down to 1.4V, typically.
(6)
I/OVDD must be
≤ SNSVDD.
(7)
Supply current from SNSVDD.
4
Submit Documentation Feedback


Número de pieza similar - TSC2005I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
TSC2005I BURR-BROWN-TSC2005I Datasheet
796Kb / 42P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI Interface
TSC2005IYZLR BURR-BROWN-TSC2005IYZLR Datasheet
796Kb / 42P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI Interface
TSC2005IYZLT BURR-BROWN-TSC2005IYZLT Datasheet
796Kb / 42P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI Interface
More results

Descripción similar - TSC2005I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
TSC2005 BURR-BROWN-TSC2005 Datasheet
796Kb / 42P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI Interface
logo
Texas Instruments
TSC2006 TI-TSC2006 Datasheet
1Mb / 46P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2006 TI1-TSC2006_14 Datasheet
1Mb / 50P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2008 TI-TSC2008 Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008 TI-TSC2008_08 Datasheet
920Kb / 37P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008-Q1 TI1-TSC2008-Q1 Datasheet
881Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Texas Instruments
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com