Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP411BDGKRG4 Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No. de pieza TMP411BDGKRG4
Descripción Electrónicos  짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TMP411BDGKRG4 Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button TMP411BDGKRG4 Datasheet HTML 7Page - Burr-Brown (TI) TMP411BDGKRG4 Datasheet HTML 8Page - Burr-Brown (TI) TMP411BDGKRG4 Datasheet HTML 9Page - Burr-Brown (TI) TMP411BDGKRG4 Datasheet HTML 10Page - Burr-Brown (TI) TMP411BDGKRG4 Datasheet HTML 11Page - Burr-Brown (TI) TMP411BDGKRG4 Datasheet HTML 12Page - Burr-Brown (TI) TMP411BDGKRG4 Datasheet HTML 13Page - Burr-Brown (TI) TMP411BDGKRG4 Datasheet HTML 14Page - Burr-Brown (TI) TMP411BDGKRG4 Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
TMP411
SBOS383A − FEBRUARY 2007
www.ti.com
11
STATUS REGISTER
The TMP411 has a Status Register to report the state of
the temperature comparators. Table 4 shows the Status
Register bits. The Status Register is read-only and is read
by reading from pointer address 02h.
The BUSY bit reads as ‘1’ if the ADC is making a
conversion. It reads as ‘0’ if the ADC is not converting.
The OPEN bit reads as ‘1’ if the remote transistor was
detected as open since the last read of the Status Register.
The OPEN status is only detected when the ADC is
attempting to convert a remote temperature.
The RTHRM bit reads as ‘1’ if the remote temperature has
exceeded the remote THERM limit and remains greater
than the remote THERM limit less the value in the shared
Hysteresis Register; see Figure 17.
The LTHRM bit reads as ‘1’ if the local temperature has
exceeded the local THERM limit and remains greater than
the local THERM limit less the value in the shared
Hysteresis Register; see Figure 17.
The LHIGH and RHIGH bit values depend on the state of
the AL/TH bit in the Configuration Register. If the AL/TH bit
is ‘0’, the LHIGH bit reads as ‘1’ if the local high limit was
exceeded since the last clearing of the Status Register.
The RHIGH bit reads as ‘1’ if the remote high limit was
exceeded since the last clearing of the Status Register. If
the AL/TH bit is ‘1’, the remote high limit and the local high
limit are used to implement a THERM2 function. LHIGH
reads as ‘1’ if the local temperature has exceeded the local
high limit and remains greater than the local high limit less
the value in the Hysteresis Register.
The RHIGH bit reads as ‘1’ if the remote temperature has
exceeded the remote high limit and remains greater than
the remote high limit less the value in the Hysteresis
Register.
The LLOW and RLOW bits are not affected by the AL/TH
bit. The LLOW bit reads as ‘1’ if the local low limit was
exceeded since the last clearing of the Status Register.
The RLOW bit reads as ‘1’ if the remote low limit was
exceeded since the last clearing of the Status Register.
The values of the LLOW, RLOW, and OPEN (as well as
LHIGH and RHIGH when AL/TH is ‘0’) are latched and will
read as ‘1’ until the Status Register is read or a device reset
occurs. These bits are cleared by reading the Status
Register, provided that the condition causing the flag to be
set no longer exists. The values of BUSY, LTHRM, and
RTHRM (as well as LHIGH and RHIGH when AL/TH is ‘1’)
are not latched and are not cleared by reading the Status
Register. They always indicate the current state, and are
updated appropriately at the end of the corresponding
ADC conversion. Clearing the Status Register bits does
not clear the state of the ALERT pin; an SMBus alert
response address command must be used to clear the
ALERT pin.
The TMP411 NORs LHIGH, LLOW, RHIGH, RLOW, and
OPEN, so a status change for any of these flags from ‘0’
to ‘1’ automatically causes the ALERT pin to go low (only
applies when the ALERT/THERM2 pin is configured for
ALERT mode).
Table 4. Status Register Format
STATUS REGISTER (Read = 02h, Write = NA)
BIT #
D7
D6
D5
D4
D3
D2
D1
D0
BIT NAME
BUSY
LHIGH
LLOW
RHIGH
RLOW
OPEN
RTHRM
LTHRM
POR VALUE
0(1)
0
0
0
0
0
0
0
(1) The BUSY bit will change to 1’ almost immediately (<< 100µs) following power-up, as the TMP411 begins the first temperature conversion. It will be high whenever
the TMP411 is converting a temperature reading.


Número de pieza similar - TMP411BDGKRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
TMP411BDGKRG4 BURR-BROWN-TMP411BDGKRG4 Datasheet
369Kb / 25P
   짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP411BDGKRG4 TI-TMP411BDGKRG4 Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
More results

Descripción similar - TMP411BDGKRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP400 TI-TMP400 Datasheet
569Kb / 25P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411-Q1 TI-TMP411-Q1_15 Datasheet
2Mb / 40P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411ADRG4 TI-TMP411ADRG4 Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_16 Datasheet
1,012Kb / 33P
[Old version datasheet]   Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
   짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com