Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KA5M0380RYDTU Datasheet(PDF) 7 Page - Fairchild Semiconductor

No. de pieza KA5M0380RYDTU
Descripción Electrónicos  Fairchild Power Switch(FPS)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA5M0380RYDTU Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button KA5M0380RYDTU Datasheet HTML 3Page - Fairchild Semiconductor KA5M0380RYDTU Datasheet HTML 4Page - Fairchild Semiconductor KA5M0380RYDTU Datasheet HTML 5Page - Fairchild Semiconductor KA5M0380RYDTU Datasheet HTML 6Page - Fairchild Semiconductor KA5M0380RYDTU Datasheet HTML 7Page - Fairchild Semiconductor KA5M0380RYDTU Datasheet HTML 8Page - Fairchild Semiconductor KA5M0380RYDTU Datasheet HTML 9Page - Fairchild Semiconductor KA5M0380RYDTU Datasheet HTML 10Page - Fairchild Semiconductor KA5M0380RYDTU Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
KA5X03XX-SERIES
7
Typical Performance Characteristics (Continued)
(KA5H0380R, KA5M0380R, KA5L0380R)
100
101
10-1
100
101
@Notes:
1.300µsPulseTest
2.T
C = 25
oC
V
GS
Top: 15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
Bottom:4.5V
V
DS, Drain-Source Voltage [V]
24
68
10
10-1
100
101
@Notes:
1. V
DS = 30V
2. 300µsPulseTest
-25oC
25oC
150oC
V
GS, Gate-Source Voltage [V]
0.4
0.6
0.8
1.0
0.1
1
10
@Notes:
1.V
GS = 0V
2.300µsPulseTest
25oC
150oC
V
SD, Source-Drain Voltage [V]
100
101
0
100
200
300
400
500
600
700
800
900
1000
C
rss
C
oss
C
iss
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
V
DS, Drain-Source Voltage [V]
0
5
10
15
20
25
30
0
2
4
6
8
10
@Note: I
D=3.0A
V
DS=640V
V
DS=400V
V
DS=160V
Q
G,Total Gate Charge [nC]
01
23
4
0
1
2
3
4
5
6
7
8
Vgs=10V
Vgs=20V
@Note: Tj=25℃
Fig3. On-Resistance vs. Drain Current
ID,Drain Current
Figure 1. Output Characteristics
Figure 2. Thansfer Characteristics
Figure 3. On-Resistance vs. Drain Current
Figure 4. Source-Drain Diode Forward Voltage
Figure 5. Capacitance vs. Drain-Source Voltage
Figure 6. Gate Charge vs. Gate-Source Voltage


Número de pieza similar - KA5M0380RYDTU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA5M0380RYDTU FAIRCHILD-KA5M0380RYDTU Datasheet
944Kb / 20P
   Fairchild Power Switch(FPS)
More results

Descripción similar - KA5M0380RYDTU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com