Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST6G3237TBR Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza ST6G3237TBR
Descripción Electrónicos  Dual supply level translator for SD/ MINISD / T-FLASH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3237TBR Datasheet(HTML) 5 Page - STMicroelectronics

  ST6G3237TBR Datasheet HTML 1Page - STMicroelectronics ST6G3237TBR Datasheet HTML 2Page - STMicroelectronics ST6G3237TBR Datasheet HTML 3Page - STMicroelectronics ST6G3237TBR Datasheet HTML 4Page - STMicroelectronics ST6G3237TBR Datasheet HTML 5Page - STMicroelectronics ST6G3237TBR Datasheet HTML 6Page - STMicroelectronics ST6G3237TBR Datasheet HTML 7Page - STMicroelectronics ST6G3237TBR Datasheet HTML 8Page - STMicroelectronics ST6G3237TBR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ST6G3237
Pin settings
5/17
2.2
Pin descriptions
CMD, Command is a bidirectional line. The host and card drivers are operating in
push-pull.
DAT0-3, Data lines are bi-directional lines. Host and card drivers are operating in
push-pull mode.
CLK, Clock is a host to card signal. CLK operates in push-pull mode.
Feedback (return) Clock is feedback clock signal from level shifter to host for
controlling delays.
Table 2.
Pin descriptions
Pin Nº
µTFBGA25
Pin Nº
TSSOP20
Type
Side
Symbol
Name and function
A2
12
I
A-side
CMD-dir
Command direction
HIGH = A to B
LOW = B to A
D2
9
I/O
A-side
CMD.h
A-side Command
D4
13
I/O
B-Side
CMD
B-side Command
A3
11
I
A-Side
DAT0-dir
Data Direction
HIGH = A to B (write)
LOW = B to A (read)
D1
8
I/O
A-Side
DAT0.h
Data Input / Output
D5
14
I/O
B-Side
DAT0
Data Input / Output
E3
10
I
A-Side
DAT123-dir
Data Direction
HIGH = A to B (write)
LOW = B to A (read)
E1
2
I/O
A-Side
DAT1.h
Data Input / Output
A1
3
I/O
A-Side
DAT2.h
Data Input / Output
B1
4
I/O
A-Side
DAT3.h
Data Input / Output
E5
19
I/O
B-Side
DAT1
Data Input / Output
A5
18
I/O
B-Side
DAT2
Data Input / Output
B5
17
I/O
B-Side
DAT3
Data Input / Output
C1
5
I
A-Side
CLK.h
Clock Input
C5
16
O
B-Side
CLK
Clock Output
E2
6
O
A-Side
CLK-f
Clock Feedback
B3
7
-
A-Side
VCCA
Power supply
B4
15
-
B-Side
VCCB
Power supply
C3, C4
1, 20
-
-
GND
Ground (0V)
A4, B2, C2,
D3, E4
-
-
-
NC
No connect


Número de pieza similar - ST6G3237TBR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST6G3237B STMICROELECTRONICS-ST6G3237B Datasheet
208Kb / 16P
   Dual supply level translator for SD/ MINISD / T-FLASH
ST6G3237BTBR STMICROELECTRONICS-ST6G3237BTBR Datasheet
208Kb / 16P
   Dual supply level translator for SD/ MINISD / T-FLASH
More results

Descripción similar - ST6G3237TBR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST6G3237B STMICROELECTRONICS-ST6G3237B Datasheet
208Kb / 16P
   Dual supply level translator for SD/ MINISD / T-FLASH
ST6G3238E STMICROELECTRONICS-ST6G3238E Datasheet
224Kb / 17P
   Dual Supply Level Translator for SD/ MINISD/ T-FLASH With 짹8KV Contact Discharge ESD Protection
ST6G3238BE STMICROELECTRONICS-ST6G3238BE Datasheet
299Kb / 17P
   Dual supply level translator for SD/ MINISD/ T-FLASH With 짹8KV contact discharge ESD protection
ST6G3238E STMICROELECTRONICS-ST6G3238E_06 Datasheet
257Kb / 19P
   Dual supply level translator for SD/ MINISD/ T-FLASH With 짹8KV contact discharge ESD protection
ST6G3240 STMICROELECTRONICS-ST6G3240 Datasheet
559Kb / 29P
   Dual supply level translator for dual memory cards (mini SD/micro SD managed NAND)
logo
ITT Industries
CCM05-5502R901 ITT-CCM05-5502R901 Datasheet
435Kb / 5P
   SD, MMC & miniSD
logo
ON Semiconductor
NLSX4401 ONSEMI-NLSX4401 Datasheet
107Kb / 13P
   Dual-Supply Level Translator
March, 2015 ??Rev. 1
NLSX3012 ONSEMI-NLSX3012_11 Datasheet
176Kb / 12P
   Dual-Supply Level Translator
September, 2011 ??Rev. 2
NLSV1T240 ONSEMI-NLSV1T240 Datasheet
90Kb / 6P
   1-Bit Dual-Supply Inverting Level Translator
March, 2008 - Rev. 3
NLSV2T240 ONSEMI-NLSV2T240_12 Datasheet
119Kb / 6P
   2-Bit Dual-Supply Inverting Level Translator
February, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com