Nombre de pieza
         Descripción
APHBM2012PBASURKC

 2.0x1.25mm SMD CHIP LED LAMP ( 6 Page)


KINGBRIGHT
100% 
Zoom Out Zoom In
   
 6 page
background image
SPEC NO: DSAG7624
REV NO: V.1
DATE: AUG/24/2006
PAGE: 6 OF 6
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: W.J.ZHU
ERP:1203005980
PACKING & LABEL SPECIFICATIONS
APHBM2012PBASURKC
1  2  3  4  5  6 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
GHB-1206-YG23.2x1.6mm SMD CHIP LED LAMP 1 2 3 4 Gilway Technical Lamp
APBA3010SURKSGC3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP 1 2 3 4 5 Kingbright Corporation
APBA3010ESGC3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP 1 2 3 4 5 Kingbright Corporation
AA3528SYCK3.5x2.8 mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
KP-1608SYC1.6x0.8mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
APL3015CGCK3.0mmx1.5mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
AP3216SYCK3.2x1.6mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
APC3216XXX3.2 X 1.6MM 1206 SMD CHIP LED 1 Kingbright Corporation
AP3216SGC3.2x1.6mm SMD CHIP LED LAMPS 1 2 3 4 5 Kingbright Corporation
FYLS-1206XXSMD LAMP 1 2 3 4 List of Unclassifed Manufacturers

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl