Nombre de pieza
         Descripción
APHBM2012PBASURKC

 2.0x1.25mm SMD CHIP LED LAMP ( 6 Page)


KINGBRIGHT
100% 
Zoom Out Zoom In
   
 1 page
background image
SPEC NO: DSAG7624
REV NO: V.1
DATE: AUG/24/2006
PAGE: 1 OF 6
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: W.J.ZHU
ERP:1203005980
Description
The Blue source color devices are made with InGaN on SiC
Light Emitting Diode.
The Hyper Red source color devices are made with DH
InGaAlP on GaAs substrate Light Emitting Diode.
Static electricity and surge damage the LEDS.
It is recommended to use a wrist band or anti-electrostatic
glove when handling the LEDs.
All devices, equipment and machinery must be electrically
grounded.
Part Number: APHBM2012PBASURKC
BLUE / HYPER RED
Package Dimensions
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is
±0.1(0.004") unless otherwise noted.
3. Specifications are subject to change without notice.
PRELIMINARY SPEC
2.0x1.25mm SMD CHIP LED LAMP
Features
2.0mmx1.25mm SMT LED, 0.45mm MAX. THICKNESS.
BI -COLOR, LOW POWER CONSUMPTION.
WIDE VIEWING ANGLE.
IDEAL FOR BACKLIGHT AND INDICATOR.
PACKAGE : 2000PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 3.
RoHS COMPLIANT.
1  2  3  4  5  6 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
GHB-1206-YG23.2x1.6mm SMD CHIP LED LAMP 1 2 3 4 Gilway Technical Lamp
APBA3010SURKSGC3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP 1 2 3 4 5 Kingbright Corporation
APBA3010ESGC3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP 1 2 3 4 5 Kingbright Corporation
AA3528SYCK3.5x2.8 mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
KP-1608SYC1.6x0.8mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
APL3015CGCK3.0mmx1.5mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
AP3216SYCK3.2x1.6mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
APC3216XXX3.2 X 1.6MM 1206 SMD CHIP LED 1 Kingbright Corporation
AP3216SGC3.2x1.6mm SMD CHIP LED LAMPS 1 2 3 4 5 Kingbright Corporation
FYLS-1206XXSMD LAMP 1 2 3 4 List of Unclassifed Manufacturers

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl