Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MMBTH10 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza MMBTH10
Descripción Electrónicos  NPN RF Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBTH10 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MMBTH10 Datasheet HTML 1Page - Fairchild Semiconductor MMBTH10 Datasheet HTML 2Page - Fairchild Semiconductor MMBTH10 Datasheet HTML 3Page - Fairchild Semiconductor MMBTH10 Datasheet HTML 4Page - Fairchild Semiconductor MMBTH10 Datasheet HTML 5Page - Fairchild Semiconductor MMBTH10 Datasheet HTML 6Page - Fairchild Semiconductor MMBTH10 Datasheet HTML 7Page - Fairchild Semiconductor MMBTH10 Datasheet HTML 8Page - Fairchild Semiconductor MMBTH10 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
NPN RF Transistor
This device is designed for use in low noise UHF/VHF amplifiers,
with collector currents in the 100
µA to 20 mA range in common
emitter or common base mode of operations, and in low frequency
drift, high output UHF oscillators. Sourced from Process 42.
MPSH10
MMBTH10
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
25
V
VCBO
Collector-Base Voltage
30
V
VEBO
Emitter-Base Voltage
3.0
V
IC
Collector Current - Continuous
50
mA
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
TA = 25°C unless otherwise noted
C
E
B
TO-92
C
B
E
SOT-23
Mark: 3E
Symbol
Characteristic
Max
Units
MPSH10
*MMBTH10
PD
Total Device Dissipation
Derate above 25
°C
350
2.8
225
1.8
mW
mW/
°C
RθJC
Thermal Resistance, Junction to Case
125
°C/W
RθJA
Thermal Resistance, Junction to Ambient
357
556
°C/W
*Device mounted on FR-4 PCB 1.6" X 1.6" X 0.06."
1997 Fairchild Semiconductor Corporation


Número de pieza similar - MMBTH10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
MMBTH10 FAIRCHILD-MMBTH10 Datasheet
71Kb / 6P
   NPN RF Transistor
logo
Shenzhen Jin Yu Semicon...
MMBTH10 HTSEMI-MMBTH10 Datasheet
302Kb / 1P
   TRANSISTOR(NPN)
logo
Jinan Jing Heng Electro...
MMBTH10 JINGHENG-MMBTH10 Datasheet
1Mb / 5P
   NPN Plastic-Encapsulate Transistors
logo
Diodes Incorporated
MMBTH10 DIODES-MMBTH10 Datasheet
55Kb / 2P
   NPN SURFACE MOUNT VHF/UHF TRANSISTOR
DS31031 Rev. 4 - 2
logo
Unisonic Technologies
MMBTH10 UTC-MMBTH10 Datasheet
234Kb / 5P
   RF TRANSISTOR
More results

Descripción similar - MMBTH10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
MPS5179 FAIRCHILD-MPS5179 Datasheet
51Kb / 4P
   NPN RF Transistor
logo
New Jersey Semi-Conduct...
MMBT918 NJSEMI-MMBT918 Datasheet
77Kb / 2P
   NPN RF Transistor
logo
Fairchild Semiconductor
BF240 FAIRCHILD-BF240 Datasheet
27Kb / 3P
   NPN RF Transistor
2N5770 FAIRCHILD-2N5770_01 Datasheet
298Kb / 7P
   NPN RF Transistor
MPS5179 FAIRCHILD-MPS5179_01 Datasheet
490Kb / 12P
   NPN RF Transistor
PN918 FAIRCHILD-PN918_01 Datasheet
512Kb / 15P
   NPN RF Transistor
logo
Advanced Semiconductor
MSC80213 ASI-MSC80213 Datasheet
25Kb / 2P
   NPN RF TRANSISTOR
MSC80278 ASI-MSC80278 Datasheet
21Kb / 1P
   NPN RF TRANSISTOR
logo
Fairchild Semiconductor
MPS6543 FAIRCHILD-MPS6543 Datasheet
23Kb / 2P
   NPN RF Transistor
2N5770 FAIRCHILD-2N5770 Datasheet
25Kb / 2P
   NPN RF Transistor
MMBT5770 FAIRCHILD-MMBT5770 Datasheet
302Kb / 6P
   NPN RF Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com