Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1PS70SB44 Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza 1PS70SB44
Descripción Electrónicos  General-purpose Schottky diodes
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS70SB44 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 1PS70SB44 Datasheet HTML 7Page - NXP Semiconductors 1PS70SB44 Datasheet HTML 8Page - NXP Semiconductors 1PS70SB44 Datasheet HTML 9Page - NXP Semiconductors 1PS70SB44 Datasheet HTML 10Page - NXP Semiconductors 1PS70SB44 Datasheet HTML 11Page - NXP Semiconductors 1PS70SB44 Datasheet HTML 12Page - NXP Semiconductors 1PS70SB44 Datasheet HTML 13Page - NXP Semiconductors 1PS70SB44 Datasheet HTML 14Page - NXP Semiconductors 1PS70SB44 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
BAS40_1PSXXSB4X_SER_7
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 07 — 12 May 2006
11 of 21
Philips Semiconductors
BAS40 series; 1PSxxSB4x series
General-purpose Schottky diodes
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 13.
[2]
T1: normal taping
[3]
T2: reverse taping
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number Package
Description
Packing quantity
3000 4000 8000 10000
1PS70SB40
SOT323
4 mm pitch, 8 mm tape and reel
-115
-
-
-135
1PS76SB40
SOD323
4 mm pitch, 8 mm tape and reel
-115
-
-
-135
1PS79SB40
SOD523
2 mm pitch, 8 mm tape and reel
-
-
-315
-
4 mm pitch, 8 mm tape and reel
-115
-
-
-135
BAS40
SOT23
4 mm pitch, 8 mm tape and reel
-215
-
-
-235
BAS40H
SOD123F 4 mm pitch, 8 mm tape and reel
-115
-
-
-135
BAS40L
SOD882
2 mm pitch, 8 mm tape and reel
-
-
-
-315
BAS40W
SOT323
4 mm pitch, 8 mm tape and reel
-115
-
-
-135
1PS70SB44
SOT323
4 mm pitch, 8 mm tape and reel
-115
-
-
-135
BAS40-04
SOT23
4 mm pitch, 8 mm tape and reel
-215
-
-
-235
BAS40-04W
SOT323
4 mm pitch, 8 mm tape and reel
-115
-
-
-135
1PS70SB45
SOT323
4 mm pitch, 8 mm tape and reel
-115
-
-
-135
1PS75SB45
SOT416
4 mm pitch, 8 mm tape and reel
-115
-
-
-135
BAS40-05
SOT23
4 mm pitch, 8 mm tape and reel
-215
-
-
-235
BAS40-05W
SOT323
4 mm pitch, 8 mm tape and reel
-115
-
-
-135
1PS70SB46
SOT323
4 mm pitch, 8 mm tape and reel
-115
-
-
-135
BAS40-06
SOT23
4 mm pitch, 8 mm tape and reel
-215
-
-
-235
BAS40-06W
SOT323
4 mm pitch, 8 mm tape and reel
-115
-
-
-135
BAS40-07
SOT143B
4 mm pitch, 8 mm tape and reel
-215
-
-
-235
BAS40-07V
SOT666
2 mm pitch, 8 mm tape and reel
-
-
-315
-
4 mm pitch, 8 mm tape and reel
-
-115
-
-
BAS40-05V
SOT666
2 mm pitch, 8 mm tape and reel
-
-
-315
-
4 mm pitch, 8 mm tape and reel
-
-115
-
-
1PS88SB48
SOT363
4 mm pitch, 8 mm tape and reel; T1
[2] -115
-
-
-135
4 mm pitch, 8 mm tape and reel; T2
[3] -125
-
-
-165
BAS40XY
SOT363
4 mm pitch, 8 mm tape and reel; T1
[2] -115
-
-
-135
4 mm pitch, 8 mm tape and reel; T2
[3] -125
-
-
-165


Número de pieza similar - 1PS70SB44

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
1PS70SB44 KEXIN-1PS70SB44 Datasheet
48Kb / 1P
   Schottky barrier (double) diodes
logo
NXP Semiconductors
1PS70SB44 NXP-1PS70SB44 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
1PS70SB44 NXP-1PS70SB44 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
1PS70SB44 NXP-1PS70SB44 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
logo
Nexperia B.V. All right...
1PS70SB44 NEXPERIA-1PS70SB44 Datasheet
188Kb / 8P
   General-purpose dual Schottky diode
7 March 2022
More results

Descripción similar - 1PS70SB44

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BAS40 NXP-BAS40_13 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
1PS70SB40 NXP-1PS70SB40 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
BAS40 PHILIPS-BAS40_15 Datasheet
359Kb / 22P
   General-purpose Schottky diodes
Rev. 9-18 March 2015
BAS70 PHILIPS-BAS70_15 Datasheet
235Kb / 20P
   General-purpose Schottky diodes
Rev. 09-13 January 2010
BAS40-06 NXP-BAS40-06 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
BAS70 PHILIPS-BAS70_06 Datasheet
137Kb / 20P
   General-purpose Schottky diodes
Rev. 08-4 May 2006
1PS76SB70 NXP-1PS76SB70 Datasheet
224Kb / 20P
   General-purpose Schottky diodes
Rev. 09-13 January 2010
logo
Skyworks Solutions Inc.
SMS3922 SKYWORKS-SMS3922 Datasheet
1Mb / 12P
   Surface Mount General Purpose Schottky Diodes
logo
Microsemi Corporation
GC9700 MICROSEMI-GC9700 Datasheet
130Kb / 2P
   SCHOTTKY BARRIER DIODES General Purpose TM
logo
Agilent(Hewlett-Packard...
1N5711 HP-1N5711 Datasheet
56Kb / 6P
   Schottky Barrier Diodes for General Purpose Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com