Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTA312-800ET Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza BTA312-800ET
Descripción Electrónicos  12 A Three-quadrant triacs high commutation high temperature
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA312-800ET Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BTA312-800ET Datasheet HTML 4Page - NXP Semiconductors BTA312-800ET Datasheet HTML 5Page - NXP Semiconductors BTA312-800ET Datasheet HTML 6Page - NXP Semiconductors BTA312-800ET Datasheet HTML 7Page - NXP Semiconductors BTA312-800ET Datasheet HTML 8Page - NXP Semiconductors BTA312-800ET Datasheet HTML 9Page - NXP Semiconductors BTA312-800ET Datasheet HTML 10Page - NXP Semiconductors BTA312-800ET Datasheet HTML 11Page - NXP Semiconductors BTA312-800ET Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
BTA312_SER_CT_ET_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 6 April 2007
10 of 12
NXP Semiconductors
BTA312 series CT and ET
12 A Three-quadrant triacs high commutation high temperature
9.
Revision history
Table 7.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
BTA312_SER_CT_ET_1
20070406
Product data sheet
-
-


Número de pieza similar - BTA312-800ET

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BTA312-800ET NXP-BTA312-800ET Datasheet
169Kb / 14P
   3Q Hi-Com Triac Triggering in three quadrants only
Rev. 02-2 December 2010
logo
WeEn Semiconductors
BTA312-800ET WEEN-BTA312-800ET Datasheet
229Kb / 13P
   3Q Hi-Com Triac
logo
NXP Semiconductors
BTA312-800ET NXP-BTA312-800ET_10 Datasheet
169Kb / 14P
   3Q Hi-Com Triac Triggering in three quadrants only
Rev. 02-2 December 2010
More results

Descripción similar - BTA312-800ET

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BTA312B NXP-BTA312B_1 Datasheet
87Kb / 12P
   12 A Three-quadrant triacs high commutation high temperature
Rev. 01-11 April 2007
BTA312 NXP-BTA312_1 Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312-800B PHILIPS-BTA312-800B Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-13 March 2007
BTA312X NXP-BTA312X Datasheet
86Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
BTA312B-600E NXP-BTA312B-600E Datasheet
88Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-26 April 2007
BTA412Y NXP-BTA412Y Datasheet
86Kb / 12P
   12 A Three-quadrant triacs, insulated, high commutation, high temperature
Rev. 01-3 October 2007
BTA312B NXP-BTA312B Datasheet
81Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01 - 12 April 2007
BTA312X-800C NXP-BTA312X-800C Datasheet
95Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 02-17 December 2007
BTA412Y-600B NXP-BTA412Y-600B Datasheet
93Kb / 12P
   12 A three-quadrant triacs, insulated, high commutation, high temperature
Rev. 02-11 March 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com