Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC33972DWB/R2 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

No. de pieza MC33972DWB/R2
Descripción Electrónicos  Multiple Switch Detection Interface with Suppressed Wake-Up
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33972DWB/R2 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC33972DWB/R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33972DWB/R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33972DWB/R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33972DWB/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33972DWB/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33972DWB/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33972DWB/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33972DWB/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33972DWB/R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33972
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 4. Static Electrical Characteristics
Characteristics noted under conditions 3.1 V
≤ VDD ≤ 5.25 V, 8.0 V ≤ VPWR ≤ 16 V, -40°C ≤ TC ≤ 125°C, unless otherwise
noted. Where applicable, typical values reflect the parameter’s approximate average value with VPWR = 13 V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT
Supply Voltage
Supply Voltage Range Quasi-Functional (7)
Fully Operational
Supply Voltage Range Quasi-Functional (7)
VPWR(QF)
VPWR(FO)
VPWR(QF)
5.5
8.0
26
8.0
26
38/40
V
Supply Current
All Switches Open, Normal Mode, Tri-State Disabled
IPWR(ON)
2.0
4.0
mA
Sleep State Supply Current
Scan Timer = 64 ms, Switches Open
IPWR(SS)
40
70
100
µA
Logic Supply Voltage
VDD
3.1
5.25
V
Logic Supply Current
All Switches Open, Normal Mode
IDD
0.25
0.5
mA
Sleep State Logic Supply Current
Scan Timer = 64 ms, Switches Open
IDD(SS)
10
20
µA
SWITCH INPUT
Pulse Wetting Current Switch-to-Battery (Current Sink)
IPULSE
12
15
18
mA
Pulse Wetting Current Switch-to-Ground (Current Source)
IPULSE
12
16
18
mA
Sustain Current Switch-to-Battery Input (Current Sink)
ISUSTAIN
1.8
2.0
2.2
mA
Sustain Current Switch-to-Ground Input (Current Source)
ISUSTAIN
1.8
2.0
2.2
mA
Sustain Current Matching Between Channels on Switch-to-Ground I/Os
IMATCH
2.0
4.0
%
Input Offset Current When Selected as Analog
IOFFSET
-2.0
1.4
2.0
µA
Input Offset Voltage When Selected as Analog
V(SP&SGINPUTS) to AMUX Output
VOFFSET
-10
2.5
10
mV
Analog Operational Amplifier Output Voltage
Sink 250
µA
VOL
10
30
mV
Analog Operational Amplifier Output Voltage
Source 250
µA
VOH
VDD - 0.1
V
Switch Detection Threshold
33972 / 33972A
VTH
3.70
4.0
4.3
V
Switch Input Voltage Range
33972
33972A
VIN
-14
-14
38
40
V
Temperature Monitor (8), (9)
TLIM
155
185
°C
Temperature Monitor Hysteresis (9)
TLIM(HYS)
5.0
10
15
°C
Notes
7.
Device operational. Table parameters may be out of specification.
8.
Thermal shutdown of 16 mA pullup and pulldown current sources only. 2.0 mA current source/sink and all other functions remain active.
9.
This parameter is guaranteed by design but is not production tested.
ISUS(MAX) - ISUS(MIN)
ISUS(MIN)
X 100


Número de pieza similar - MC33972DWB/R2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC33972DWB/R2 MOTOROLA-MC33972DWB/R2 Datasheet
506Kb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
Freescale Semiconductor...
MC33972DWB/R2 FREESCALE-MC33972DWB/R2 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
More results

Descripción similar - MC33972DWB/R2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC33972 MOTOROLA-MC33972 Datasheet
506Kb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
NXP Semiconductors
MC34972 NXP-MC34972 Datasheet
1Mb / 31P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 1.0, 9/2013
logo
Freescale Semiconductor...
33972 FREESCALE-33972_09 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
MC33972 FREESCALE-MC33972_08 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
NXP Semiconductors
MC33972 NXP-MC33972 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 20, 8/2023
logo
Freescale Semiconductor...
33975 FREESCALE-33975 Datasheet
881Kb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current
33975 FREESCALE-33975_08 Datasheet
1Mb / 34P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32mA Wetting Current
MC33975ATEK FREESCALE-MC33975ATEK Datasheet
883Kb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
logo
NXP Semiconductors
MC33975 NXP-MC33975 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
Rev 12.0, 08/2023
logo
Motorola, Inc
MC33993 MOTOROLA-MC33993 Datasheet
869Kb / 28P
   Multiple Switch Detection Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com