Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS14T3 Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza SS14T3
Descripción Electrónicos  High Efficiency DC-DC Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS14T3 Datasheet(HTML) 5 Page - ON Semiconductor

  SS14T3 Datasheet HTML 1Page - ON Semiconductor SS14T3 Datasheet HTML 2Page - ON Semiconductor SS14T3 Datasheet HTML 3Page - ON Semiconductor SS14T3 Datasheet HTML 4Page - ON Semiconductor SS14T3 Datasheet HTML 5Page - ON Semiconductor SS14T3 Datasheet HTML 6Page - ON Semiconductor SS14T3 Datasheet HTML 7Page - ON Semiconductor SS14T3 Datasheet HTML 8Page - ON Semiconductor SS14T3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Page 5
ON Semiconductor
High Efficiency DC-DC Converters
Boost Converters
Device
Package(s)
Topology
Frequency
Input Voltage
Output Voltage
Max Current
Typ Efficiency
Features
NCP100A
SOT--5
PWM
180 kHz
0.8 - 5.5 V
1.8 - 5.0 V
100 mA
88%
Enable Pin
NCP10
SOT--5
PFM
180 kHz
0.8 - 5.5 V
1.8 - 5.0 V
00 mA
85%
Enable Pin
NCP10
SOT--6
PFM
00 kHz
1. - 5.5 V
Up to 15 V
50 mA
8%
Enable Pin
NCP106
SOT--5
PFM
1000 kHz
1. - 5.5 V
Up to 5 V
50 mA
85%
Enable Pin
NCP110
Micro8™
PFM
600 kHz
1.0 - 5.5 V
1.5 - 5.5 V
50 mA
9%
Sync Rec, Low Battery Detection
NCP11
Micro8
PFM
100 kHz
1.0 - 5.0 V
1.5 - 5.0 V
600 mA
9%
True Cutoff, Ring-Killer, Low Battery Detection
NCP1
DFN-10
PFM
1. MHz
1.0 - 5.0 V
1.0 - 5.0 V
800 mA
9%
Sync Rec, True Cutoff, Low Battery Detection
NCP1
Micro10
PFM
600 kHz
0.8 - . V
1.8 - . V
00 mA
9%
Sync Rec, True Cutoff, Low Battery Detection,
Low Startup Voltage (0.8 V)
NCP150A
SOT--5
PWM
180 kHz
0.8 - 5.5 V
1.8 - 5.0 V
1000 mA
(Ext Switch)
88%
Enable Pin
1
3
GND
CE
2
OUT
NC
4
LX
5
Vout
Vin
C1
10 F
L1
D1
C2
68 F
22 H
Typical Boost Converter
Key Features
• High switching frequency allows use of
small inductors and capacitors
Feature
NCP1410
Competitor
Output Voltage Range
1.5 ~ 5.5 V
.0 ~ 5.5 V
Operation Startup Voltage
1.0 ~ 5.5 V
1.1 ~ 5.5 V
Max Switching Frequency
600 kHz
500 kHz
Inductor
15 to 
mH

mH
Output Ripple Voltage
 mA Typ
Not Specified
Efficiency
9% Typ
91% Typ
Operating Current @ IOUT = 0
9
mA Typ
16
mA Typ
Shutdown Current
0.05
mA Typ
0.1
mA Typ
Reference Voltage Accuracy
1.19 V ± 0.6%
1. V ± .0%
Optimize Figure-of-Merit with MOSFETs for DC-DC Conversion
mCool™ MOSFETs
Device
BVDSS
Polarity
Configuration
RDS(ON)*
Package
NTJD116N
0 V
N
Dual
<70 m
W
WDFN,  x  mm
NTLJF156N
0 V
N
FETKY
<70 m
W
WDFN,  x  mm
NTLJF117P
0 V
P
FETKY
<100 m
W
WDFN,  x  mm
NTLJD119C
0 V
N/P
Complementary
<70/100 m
W
WDFN,  x  mm
Other New MOSFETs
Device
BVDSS
Polarity
Configuration
RDS(ON)*
Package
NTHD10C
0 V
N/P
Complementary
<5/85 m
W
ChipFET™,  x  mm
NTGS1P
0 V
P
Single
<110 m
W
TSOP-6,  x  mm
NTGD1C
0 V
N/P
Complementary <80/15 m
W
TSOP-6,  x  mm
NTGF1F
0 V
P
FETKY
<80 m
W
TSOP-6,  x  mm
NTJS160N
0 V
N
Single
<85 m
W
SC-88,  x  mm
* RDS(ON) .5 Vgs
ASYNCHRONOUS BUCK
SYNCHRONOUS BOOST
SYNCHRONOUS BUCK
ASYNCHRONOUS BOOST
Complete
mCool™ Portfolio
• N-Channel & P-Channel
• Single, Dual, Complementary and
FETKY®
• 8 V, 0 V, 0 V
Key Performance Characteristics
• Low Rds(on) and Gate Charge Deliver
Low Figure-of-Merit Ratio
(<110 for Single N-Channel)
• Package Thermal Resistance of
8°C/W
• Package Footprints as Small as
 mm
• Low Profile <0.75 mm


Número de pieza similar - SS14T3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
SS14T3 ONSEMI-SS14T3 Datasheet
63Kb / 4P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 3
SS14T3 ONSEMI-SS14T3 Datasheet
87Kb / 5P
   12 V, 1 A, Low VCE(sat) PNP Transistor
September, 2007 - Rev. 0
SS14T3 ONSEMI-SS14T3 Datasheet
64Kb / 4P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 3
SS14T3 ONSEMI-SS14T3 Datasheet
88Kb / 6P
   12 V, 8.0 A, Low VCE(sat) NPN Transistor
May, 2007 - Rev. 1
SS14T3 ONSEMI-SS14T3 Datasheet
58Kb / 4P
   Power MOSFET 170 mAmps, 100 Volts
March, 2005 ??Rev. 5
More results

Descripción similar - SS14T3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TK3R2A10PL TOSHIBA-TK3R2A10PL Datasheet
728Kb / 9P
   High-Efficiency DC-DC Converters
TK3R9E10PL TOSHIBA-TK3R9E10PL Datasheet
720Kb / 9P
   High-Efficiency DC-DC Converters
logo
Artesyn Technologies
SXE15 ARTESYN-SXE15_05 Datasheet
374Kb / 28P
   High Efficiency DC/DC Converters
logo
Toshiba Semiconductor
TK3R1A04PL TOSHIBA-TK3R1A04PL Datasheet
438Kb / 9P
   High-Efficiency DC-DC Converters
TPCA8064-H TOSHIBA-TPCA8064-H Datasheet
275Kb / 9P
   High-Efficiency DC-DC Converters
TK2R9E10PL TOSHIBA-TK2R9E10PL Datasheet
716Kb / 9P
   High-Efficiency DC-DC Converters
logo
Artesyn Technologies
CXE15 ARTESYN-CXE15 Datasheet
391Kb / 24P
   High Efficiency DC/DC Converters
logo
Toshiba Semiconductor
TK3R2E06PL TOSHIBA-TK3R2E06PL Datasheet
471Kb / 9P
   High-Efficiency DC-DC Converters
TK3R3A06PL TOSHIBA-TK3R3A06PL Datasheet
497Kb / 9P
   High-Efficiency DC-DC Converters
TK3R1E04PL TOSHIBA-TK3R1E04PL Datasheet
448Kb / 9P
   High-Efficiency DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20