Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FZT857 Datasheet(PDF) 2 Page - Zetex Semiconductors |
|
FZT857 Datasheet(HTML) 2 Page - Zetex Semiconductors |
2 / 3 page ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated) PARAMETER SYMBOL MIN. TYP. MAX. UNIT CONDITIONS. Collector-Base Breakdown Voltage V(BR)CBO 350 475 V IC=100µA Collector-Emitter Breakdown Voltage V(BR)CER 350 475 V IC=1µA, RB ≤1kΩ Collector-Emitter Breakdown Voltage V(BR)CEO 300 350 V IC=10mA* Emitter-Base Breakdown Voltage V(BR)EBO 68 V IE=100µA Collector Cut-Off Current ICBO 50 1 nA µA VCB=300V VCB=300V, Tamb=100°C Collector Cut-Off Current ICER R ≤1kΩ 50 1 nA µA VCB=300V VCB=300V, Tamb=100°C Emitter Cut-Off Current IEBO 10 nA VEB=6V Collector-Emitter Saturation Voltage VCE(sat) 100 155 230 345 mV mV mV mV IC=500mA, IB=50mA* IC=1A, IB=100mA* IC=2A, IB=200mA* IC=3.5A, IB=600mA* Base-Emitter Saturation Voltage VBE(sat) 1250 mV IC=3.5A, IB=600mA* Base-Emitter Turn-On Voltage VBE(on) 1.12 V IC=3.5A, VCE=10V* Static Forward Current Transfer Ratio hFE 100 100 15 200 200 25 15 300 IC=10mA, VCE=5V IC=500mA, VCE=10V* IC=2A, VCE=10V* IC=3A, VCE=10V* Transition Frequency fT 80 MHz IC==100mA, VCE=10V f=50MHz Output Capacitance Cobo 11 pF VCB=20V, f=1MHz Switching Times ton toff 100 5300 ns ns IC=250mA, IB1=25mA IB2=25mA, VCC=50V *Measured under pulsed conditions. Pulse width=300 µs. Duty cycle ≤2% Spice parameter data is available upon request for this device FZT857 |
Número de pieza similar - FZT857_03 |
|
Descripción similar - FZT857_03 |