Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMMT413TA Datasheet(PDF) 3 Page - Zetex Semiconductors

No. de pieza FMMT413TA
Descripción Electrónicos  SOT23 NPN silicon planar avalanche transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZETEX [Zetex Semiconductors]
Página de inicio  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FMMT413TA Datasheet(HTML) 3 Page - Zetex Semiconductors

  FMMT413TA Datasheet HTML 1Page - Zetex Semiconductors FMMT413TA Datasheet HTML 2Page - Zetex Semiconductors FMMT413TA Datasheet HTML 3Page - Zetex Semiconductors FMMT413TA Datasheet HTML 4Page - Zetex Semiconductors FMMT413TA Datasheet HTML 5Page - Zetex Semiconductors FMMT413TA Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FMMT413
Issue 3 - March 2006
3
www.zetex.com
© Zetex Semiconductors plc 2006
Electrical characteristics (at Tamb = 25°C unless otherwise stated)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Collector-base breakdown
voltage
BVCBO
150
V
Collector-emitter
breakdown voltage
BVCES
150
V
IC = 100 A
Collector-emitter
breakdown voltage
BVCEO
50
V
IC = 10mA
Emitter-base breakdown
voltage
BVEBO
6V
IE = 100 A
Collector cut-off current
ICBO
100
nA
VCB = 120V
Emitter cut-off current
IEBO
100
nA
VEB = 4V
Collector-emitter saturation
voltage
VCE(sat)
150
mV
IC = 10mA,
IB = 1mA
Base-emitter saturation
voltage
VBE(sat)
800
mV
IC = 10mA,
IB = 1mA
Current in second
breakdown (pulsed)
IUSB
22
A
VC=110V, CCE=4.7nF
(*)
NOTES:
(*) Measured with a circuit possessing an approximate loop inductance of 12nH.
25
A
VC=130V, CCE=4.7nF
(*)
Static forward current
transfer ratio
hFE
50
IC = 10mA,
VCE = 10V
Collector-emitter
inductance
Lce
2.5
nH
Standard SOT23
leads
Transition frequency
fT
150
MHz
IC = 10mA, VCE = 5V,
f = 20MHz
Output capacitance
COBO
2pF
VCB = 10V, IE = 0,
f = 1MHz


Número de pieza similar - FMMT413TA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
FMMT413TA DIODES-FMMT413TA Datasheet
151Kb / 6P
   SOT23 NPN silicon planar avalanche transistor
More results

Descripción similar - FMMT413TA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
FMMT413 DIODES-FMMT413 Datasheet
151Kb / 6P
   SOT23 NPN silicon planar avalanche transistor
FMMT415 DIODES-FMMT415 Datasheet
108Kb / 2P
   SOT23 NPN SILICON PLANAR AVALANCHE TRANSISTOR
FMMT417TA DIODES-FMMT417TA Datasheet
108Kb / 2P
   SOT23 NPN SILICON PLANAR AVALANCHE TRANSISTOR
logo
Zetex Semiconductors
FMMT413 ZETEX-FMMT413 Datasheet
98Kb / 2P
   NPN SILICON PLANAR AVALANCHE TRANSISTOR
ZUMT413 ZETEX-ZUMT413 Datasheet
54Kb / 2P
   NPN SILICON PLANAR AVALANCHE TRANSISTOR
ZTX415 ZETEX-ZTX415 Datasheet
61Kb / 2P
   NPN SILICON PLANAR AVALANCHE TRANSISTOR
FMMT415 ZETEX-FMMT415 Datasheet
97Kb / 2P
   NPN SILICON PLANAR AVALANCHE TRANSISTOR
logo
Diodes Incorporated
ZTX413 DIODES-ZTX413 Datasheet
72Kb / 2P
   NPN SILICON PLANAR AVALANCHE TRANSISTOR
logo
Zetex Semiconductors
ZTX413 ZETEX-ZTX413 Datasheet
44Kb / 2P
   NPN SILICON PLANAR AVALANCHE TRANSISTOR
logo
Diodes Incorporated
ZTX415 DIODES-ZTX415 Datasheet
73Kb / 2P
   NPN SILICON PLANAR AVALANCHE TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com