Nombre de pieza
         Descripción
AZ317_07

 3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR ( 14 Page)


BCDSEMI
100% 
Zoom Out Zoom In
 
 3 page
background image
3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317
Data Sheet
3
Mar. 2007 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Package
Tempera-
ture Range
Part Number
Marking ID
Packing
Type
Tin Lead
Lead Free
Tin Lead
Lead Free
SOT-223
0 to 125oC
AZ317HTR
AZ317HTR-E1
317H
EH31A
Tape & Reel
TO-220-3
0 to 125oC
AZ317T
AZ317T-E1
AZ317T
AZ317T-E1
Tube
TO-252-2 (1)
0 to 125
oC
AZ317D
AZ317D-E1
AZ317D
AZ317D-E1
Tube
AZ317DTR
AZ317DTR-E1
AZ317D
AZ317D-E1
Tape & Reel
TO-263-3
0 to 125oC
AZ317S
AZ317S-E1
AZ317S
AZ317S-E1
Tube
AZ317STR
AZ317STR-E1
AZ317S
AZ317S-E1
Tape & Reel
Circuit Type
Package
H: SOT-223
E1: Lead Free
Blank: Tin Lead
AZ317
-
TR: Tape and Reel
Blank: Tube
T: TO-220-3
D: TO-252-2 (1)
S: TO-263-3
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Ordering Information
1  2  3  4  5  6  7  8  9  10  11  12  13  14 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
AS78XX_071A 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
MC79XX_023-Terminal 1A Negative Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
LM2931_07100 mA Adjustable Output LDO Voltage Regulator with 60 V Load Dump Protection 1 2 3 4 5 MoreON Semiconductor
AHK432Adjustable Low Voltage Shunt Regulator 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.
CM431LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR 1 2 3 4 5 MoreChampion Microelectronic Corp.
LM3173-Terminal Adjustable Output Positive Voltage Regulators 1 2 3 4 5 MoreVishay Siliconix
AZ78MXX_07500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
LM217L_05LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR 1 2 3 4 5 MoreSTMicroelectronics
LM317CM3-Terminal Adjustable Output Positive Voltage Regulators 1 2 3 4 5 MoreVishay Siliconix
AS7805A1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl