Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5724R Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD5724R
Descripción Electrónicos  Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5724R Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5724R Datasheet HTML 7Page - Analog Devices AD5724R Datasheet HTML 8Page - Analog Devices AD5724R Datasheet HTML 9Page - Analog Devices AD5724R Datasheet HTML 10Page - Analog Devices AD5724R Datasheet HTML 11Page - Analog Devices AD5724R Datasheet HTML 12Page - Analog Devices AD5724R Datasheet HTML 13Page - Analog Devices AD5724R Datasheet HTML 14Page - Analog Devices AD5724R Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD5726
Rev. 0 | Page 11 of 20
2
–16
10
10M
FREQUENCY (Hz)
100
1k
10k
100k
1M
0
–2
–4
–6
–8
–10
–12
–14
AVDD = +15V
AVSS = –15V
VREFP = 0V ± 100mV
VREFN = –10V
FULL-SCALE CODE LOADED
TA = 25°C
Figure 18. Small Signal Response, VSUPPLY = ±15 V, VREFN = −10 V
8
–8
–35
85
TEMPERATURE (°C)
6
4
2
0
–2
–4
–6
–15
5
25
45
65
IDD
ISS
AVDD = +15V
AVSS = –15V
Figure 19. Power Supply Currents vs. Temperature,
VSUPPLY = ±15 V, VREFP/VREFN = ±10 V
25
–10
01
VOUT (V)
0
20
15
10
5
0
–5
1
234
56
78
9
AVDD = 15V
AVSS = 0V
VREFP = 10V
VREFN = 0V
TA = 25°C
DATA = 0x800
Figure 20. Output Current vs. Output Voltage, VSUPPLY = ±15 V, VREFP/VREFN = ±10 V
12
0
0.01
100
LOAD RESISTANCE (kΩ)
0.1
1
10
10
8
6
4
2
AVDD = +15V
AVSS = –15V
VREFP = +10V
VREFN = –10V
TA = 25°C
Figure 21. Output Swing vs. Load Resistance, VSUPPLY = ±15 V, VREFP/VREFN = ±10 V


Número de pieza similar - AD5724R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5724R AD-AD5724R Datasheet
301Kb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
Rev. PrC
AD5724R AD-AD5724R Datasheet
1Mb / 33P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
AD5724RBREL AD-AD5724RBREL Datasheet
301Kb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
Rev. PrC
AD5724RBREZ AD-AD5724RBREZ Datasheet
1Mb / 33P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
AD5724RBREZ-REEL7 AD-AD5724RBREZ-REEL7 Datasheet
301Kb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
Rev. PrC
More results

Descripción similar - AD5724R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5725 AD-AD5725_15 Datasheet
493Kb / 20P
   Quad, 12-Bit, Parallel Input, Unipolar/Bipolar, Voltage Output DAC
REV. C
logo
Wolfson Microelectronic...
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
   Quad 12-bit Serial Input Voltage Output DAC
logo
Analog Devices
AD5734 AD-AD5734_15 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5754 AD-AD5754_15 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5724 AD-AD5724 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. 0
AD5724 AD-AD5724_15 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5724R AD-AD5724R Datasheet
301Kb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
Rev. PrC
AD5724 AD-AD5724_17 Datasheet
1Mb / 31P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
AD5724R AD-AD5724R_17 Datasheet
1Mb / 33P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
   Quad 12-Bit Serial Voltage Output DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com