Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC13213R2 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

No. de pieza MC13213R2
Descripción Electrónicos  ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13213R2 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC13213R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC13213R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13213R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13213R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13213R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13213R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13213R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13213R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13213R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 70 page
background image
MC13211/212/213 Technical Data, Rev. 1.2
Freescale Semiconductor
3
1.1
Ordering Information
Table 1 provides additional details about the MC1321x family.
1.2
General Platform Features
802.15.4 Standard compliant on-chip transceiver/modem
— 2.4GHz
— 16 selectable channels
— Programmable output power
Multiple power saving modes
2V to 3.4V operating voltage with on-chip voltage regulators
-40°C to +85°C temperature range
Low external component count
Supports single 16 MHz crystal clock source operation or dual crystal operation
Support for SMAC, 802.15.4 Standard, and ZigBee software
9mm x 9mm x 1mm 71-pin LGA
Table 1. Orderable Parts Details
Device
Operating
Temp Range
(TA.)
Package
Memory
Options
Description
MC13211
-40° to 85° C
LGA
1KB RAM,
16KB Flash
Intended for proprietary applications and Freescale
Simple MAC (SMAC)
MC13211R2
-40° to 85° C
LGA
Tape and Reel
1KB RAM,
16KB Flash
Intended for proprietary applications and Freescale
Simple MAC (SMAC)
MC13212
-40° to 85° C
LGA
2KB RAM,
32KB Flash
Intended for 802.15.4 Standard compliant applications
and Freescale 802.15.4 MAC
MC13212R2
-40° to 85° C
LGA
Tape and Reel
2KB RAM,
32KB Flash
Intended for 802.15.4 Standard compliant applications
and Freescale 802.15.4 MAC
MC13213
-40° to 85° C
LGA
4KB RAM,
60KB Flash
Intended for 802.15.4 Standard compliant applications
and Freescale 802.15.4 MAC.
In addition, this device can support ZigBee 2006
applications that use Freescale’s BeeStack.
MC13213R2
-40° to 85° C
LGA
Tape and Reel
4KB RAM,
60KB Flash
Intended for 802.15.4 Standard compliant applications
and Freescale 802.15.4 MAC.
In addition, this device can support ZigBee 2006
applications that use Freescale’s BeeStack.


Número de pieza similar - MC13213R2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC13213R2 FREESCALE-MC13213R2 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13213R2 FREESCALE-MC13213R2 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC13213R2 NXP-MC13213R2 Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
More results

Descripción similar - MC13213R2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC13211 FREESCALE-MC13211_08 Datasheet
871Kb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X_09 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC1321X NXP-MC1321X Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
logo
Freescale Semiconductor...
MC13211 FREESCALE-MC13211 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1322X FREESCALE-MC1322X Datasheet
413Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224VR2 FREESCALE-MC13224VR2 Datasheet
363Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
logo
NXP Semiconductors
MC1322X NXP-MC1322X Datasheet
603Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
Rev. 1.3 10/2010
logo
Freescale Semiconductor...
MC13224V FREESCALE-MC13224V_09 Datasheet
347Kb / 50P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224V FREESCALE-MC13224V Datasheet
364Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13192 FREESCALE-MC13192_07 Datasheet
329Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com