Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC13202 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

No. de pieza MC13202
Descripción Electrónicos  2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13202 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MC13202 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC13202 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13202 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13202 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13202 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13202 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13202 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13202 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13202 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
MC13202 Technical Data, Rev. 1.2
Freescale Semiconductor
5
Figure 2 shows the basic system block diagram for the MC13202 in an application. Interface with the
transceiver is accomplished through a 4-wire SPI port and interrupt request line. The media access control
(MAC), drivers, and network and application software (as required) reside on the host processor. The host
can vary from a simple 8-bit device up to a sophisticated 32-bit processor depending on application
requirements.
Figure 2. System Level Block Diagram
4
Data Transfer Modes
The MC13202 has two data transfer modes:
1. Packet Mode — Data is buffered in on-chip RAM
2. Streaming Mode — Data is processed word-by-word
The Freescale 802.15.4 MAC software only supports the streaming mode of data transfer. For proprietary
applications, packet mode can be used to conserve MCU resources.
4.1
Packet Structure
Figure 3 shows the packet structure of the MC13202. Payloads of up to 125 bytes are supported. The
MC13202 adds a four-byte preamble, a one-byte Start of Frame Delimiter (SFD), and a one-byte Frame
Length Indicator (FLI) before the data. A Frame Check Sequence (FCS) is calculated and appended to the
end of the data.
Figure 3. MC13202 Packet Structure
Analog Receiver
MC13202
Frequency
Generation
Analog
Transmitter
Voltage
Regulators
Power Up
Management
Control
Logic
Buffer RAM
SPI
and GPIO
Microcontroller
SPI
ROM
(Flash)
RAM
CPU
A/D
Application
Network
MAC
PHY Driver
Preamble
SFD
FLI
Payload Data
FCS
4 bytes
1 byte
1 byte
125 bytes maximum
2 bytes


Número de pieza similar - MC13202

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC13202 FREESCALE-MC13202 Datasheet
366Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202 FREESCALE-MC13202 Datasheet
360Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202 FREESCALE-MC13202 Datasheet
366Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13202 FREESCALE-MC13202 Datasheet
2Mb / 56P
   Blood Pressure Monitor Using the Flexis QE128 Family
MC13202FC FREESCALE-MC13202FC Datasheet
360Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
More results

Descripción similar - MC13202

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC13193FC FREESCALE-MC13193FC Datasheet
559Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201 Datasheet
340Kb / 26P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201_08 Datasheet
344Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202 FREESCALE-MC13202 Datasheet
366Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13192 FREESCALE-MC13192 Datasheet
340Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202 FREESCALE-MC13202_08 Datasheet
360Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13192 FREESCALE-MC13192_08 Datasheet
379Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13192 FREESCALE-MC13192_07 Datasheet
329Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13201 FREESCALE-MC13201_07 Datasheet
349Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13202_0812 FREESCALE-MC13202_0812 Datasheet
366Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com